Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS3A4741 Datasheet(PDF) 6 Page - Texas Instruments

Part # TS3A4741
Description  TS3A474x 0.9-廓 Low-Voltage Single-Supply 2-Channel SPST Analog Switches
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TS3A4741 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TS3A4741_15 Datasheet HTML 2Page - Texas Instruments TS3A4741_15 Datasheet HTML 3Page - Texas Instruments TS3A4741_15 Datasheet HTML 4Page - Texas Instruments TS3A4741_15 Datasheet HTML 5Page - Texas Instruments TS3A4741_15 Datasheet HTML 6Page - Texas Instruments TS3A4741_15 Datasheet HTML 7Page - Texas Instruments TS3A4741_15 Datasheet HTML 8Page - Texas Instruments TS3A4741_15 Datasheet HTML 9Page - Texas Instruments TS3A4741_15 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
TS3A4741, TS3A4742
SCDS228E – AUGUST 2006 – REVISED DECEMBER 2014
www.ti.com
Electrical Characteristics (3-V Supply)
(1)(2)
(continued)
VCC = 2.7 V to 3.6 V, TA = –40 to 85°C, VIH = 1.4 V, VIL = 0.5 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TA
MIN
TYP(3)
MAX
UNIT
VCC
Power-supply range
2.7
3.6
V
25°C
0.075
ICC
Positive-supply current
VCC = 3.6 V, VIN = 0 or VCC
μA
Full
0.75
6
Submit Documentation Feedback
Copyright © 2006–2014, Texas Instruments Incorporated
Product Folder Links: TS3A4741 TS3A4742


Similar Part No. - TS3A4741_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS3A4741 TI1-TS3A4741_14 Datasheet
730Kb / 20P
[Old version datasheet]   0.9-廓 LOW-VOLTAGE SINGLE-SUPPLY DUAL SPST ANALOG SWITCHES
More results

Similar Description - TS3A4741_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS3A4741 TI1-TS3A4741_14 Datasheet
730Kb / 20P
[Old version datasheet]   0.9-廓 LOW-VOLTAGE SINGLE-SUPPLY DUAL SPST ANALOG SWITCHES
TS3A4741 TI-TS3A4741_08 Datasheet
529Kb / 17P
[Old version datasheet]   0.9-廓 LOW-VOLTAGE SINGLE-SUPPLY DUAL SPST ANALOG SWITCHES
TS3A4741 TI-TS3A4741_09 Datasheet
534Kb / 17P
[Old version datasheet]   0.9-廓 LOW-VOLTAGE SINGLE-SUPPLY DUAL SPST ANALOG SWITCHES
logo
ams AG
AS1751 AMSCO-AS1751 Datasheet
596Kb / 16P
   High-Speed, Low-Voltage, Single-Supply, 0.9廓, Quad SPST Analog Switches
logo
Maxim Integrated Produc...
MAX4751 MAXIM-MAX4751 Datasheet
330Kb / 13P
   0.9?? Low-Voltage, Single-Supply Quad SPST Analog Switches
Rev 1; 4/03
logo
Texas Instruments
TS3A4751 TI-TS3A4751_10 Datasheet
741Kb / 21P
[Old version datasheet]   0.9-廓 LOW-VOLTAGE SINGLE-SUPPLY QUAD SPST ANALOG SWITCH
TS3A4751 TI1-TS3A4751_14 Datasheet
912Kb / 24P
[Old version datasheet]   0.9-廓 LOW-VOLTAGE SINGLE-SUPPLY QUAD SPST ANALOG SWITCH
TS3A4751 TI-TS3A4751_15 Datasheet
1Mb / 29P
[Old version datasheet]   TS3A4751 0.9-Ω Low-Voltage, Single-Supply, 4-Channel SPST Analog Switch
REVISED JANUARY 2015
logo
Maxim Integrated Produc...
MAX4626 MAXIM-MAX4626_V01 Datasheet
688Kb / 9P
   0.5廓, Low-Voltage, Single-Supply SPST Analog Switches
2017
logo
ams AG
AS1751 AMSCO-AS1751_1 Datasheet
519Kb / 16P
   High-Speed, Low-Voltage, Single-Supply, 0.9, Quad SPST Analog Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com