Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPA3116D2-Q1 Datasheet(PDF) 1 Page - Texas Instruments

Part # TPA3116D2-Q1
Description  TPA311xD2-Q1 100-W and 50-W Class-D Stereo Automotive Amplifiers
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA3116D2-Q1 Datasheet(HTML) 1 Page - Texas Instruments

  TPA3116D2-Q1_15 Datasheet HTML 1Page - Texas Instruments TPA3116D2-Q1_15 Datasheet HTML 2Page - Texas Instruments TPA3116D2-Q1_15 Datasheet HTML 3Page - Texas Instruments TPA3116D2-Q1_15 Datasheet HTML 4Page - Texas Instruments TPA3116D2-Q1_15 Datasheet HTML 5Page - Texas Instruments TPA3116D2-Q1_15 Datasheet HTML 6Page - Texas Instruments TPA3116D2-Q1_15 Datasheet HTML 7Page - Texas Instruments TPA3116D2-Q1_15 Datasheet HTML 8Page - Texas Instruments TPA3116D2-Q1_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
LC Filter
LC Filter
Left
Right
4.5-V to
26-V PSU
AM/FM Tuner
CD or MP3
Aux In
Left
Right
Audio Processor
and Control
TPA3116D2-Q1
AM /FM Avoidance
Control
FAULT
SD
MUTE
SYNC
Capable of Synchronizing
to Other Devices
GAIN/SLV
GAIN Control and Master or Slave Setting
AM2,1,0
PLIMIT
Power Limit
PBTL
Detect
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
Reference
Design
TPA3116D2-Q1, TPA3118D2-Q1
SLOS862A – JULY 2015 – REVISED AUGUST 2015
TPA311xD2-Q1 100-W and 50-W Class-D Stereo Automotive Amplifiers
1 Features
2 Applications
1
Supports Multiple Output Configurations
Automotive Audio
Emergency Call
2 × 50 W Into a 4-
Ω BTL Load at 21 V
(TPA3116D2-Q1)
Driver Notifications
2 × 30 W Into an 8-
Ω BTL Load at 24 V
3 Description
(TPA3118D2-Q1)
The TPA311xD2-Q1 devices are automotive stereo,
Wide Voltage Range: 4.5 V to 26 V
efficient, digital-amplifier power stages for driving
Efficient Class-D Operation
speakers up to 100 W into 2
Ω in mono. The
>90% Power Efficiency Combined With Low
TPA3118D2-Q1 can even drive 2 × 30 W into 8
Idle Loss Greatly Reduces Heat Sink Size
without a heat sink on a dual-layer PCB. If even
higher power is needed, the TPA3116D2-Q1 drives
Advanced Modulation Schemes
2 × 50 W into 4
Ω with a small heat sink attached to
Multiple Switching Frequencies
its top-side thermal pad.
AM Avoidance
The TPA311xD2-Q1 advanced oscillator and PLL
Master and Slave Synchronization
circuit employ a multiple-switching-frequency option
Up to 1.2-MHz Switching Frequency
to avoid AM interference; this is achieved together
with an option of either master or slave selection,
Feedback Power-Stage Architecture With High
making it possible to synchronize multiple devices.
PSRR Reduces PSU Requirements
Programmable Power Limit
The TPA311xD2-Q1 devices are fully protected
against faults with short-circuit protection and thermal
Differential and Single-Ended Inputs
protection as well as overvoltage, undervoltage and
Stereo BTL and Mono PBTL Modes
dc protection. Faults are reported back to the
Single Power Supply Reduces Component Count
processor to prevent devices from being damaged
during overload conditions.
Integrated Self-Protection Circuits Including
Overvoltage, Undervoltage, Overtemperature, DC-
Device Information(1)
Detect, and Short Circuit With Error Reporting
DEVICE
PACKAGE
THERMAL PAD
Designed for Automotive EMC Requirements
TPA3116D2-Q1
On top
Thermally Enhanced Packages
HTSSOP (32)
TPA3118D2-Q1
On bottom
DAD (32-pin HTSSOP Pad Up)
(1) For all available packages, see the orderable addendum at
DAP (32-pin HTSSOP Pad Down)
the end of the datasheet.
–40°C to 125°C Ambient Temperature Range
Simplified Application Circuit
Qualified for Automotive Applications
AEC-Q100 Qualified With the Following Results:
Device Temperature Grade 1: –40°C to 125°C
Ambient Operating Temperature Range
Device HBM ESD Classification Level H2
Device CDM ESD Classification Level C4B
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TPA3116D2-Q1_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3116D2-Q1 TI1-TPA3116D2-Q1 Datasheet
1Mb / 36P
[Old version datasheet]   100-W and 50-W Class-D Stereo Automotive Amplifiers
More results

Similar Description - TPA3116D2-Q1_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3116D2-Q1 TI1-TPA3116D2-Q1 Datasheet
1Mb / 36P
[Old version datasheet]   100-W and 50-W Class-D Stereo Automotive Amplifiers
TPA3221 TI1-TPA3221 Datasheet
708Kb / 39P
[Old version datasheet]   100-W Stereo, 200-W Mono HD-Audio, Analog-Input, Class-D Amplifier
TPA3116D2 TI-TPA3116D2_V01 Datasheet
2Mb / 45P
[Old version datasheet]   15-W, 30-W, 50-W Filter-Free Class-D Stereo Amplifier Family With AM Avoidance
DECEMBER 2017
TAS5622A TI1-TAS5622A_15 Datasheet
1Mb / 42P
[Old version datasheet]   125-W Stereo and 250-W Stereo PurePath HD Digital-Input Class-D Power Stage
logo
STMicroelectronics
TDA749213TR STMICROELECTRONICS-TDA749213TR Datasheet
537Kb / 32P
   50 W 50 W dual BTL class-D audio amplifier
logo
Analog Devices
SSM2518 AD-SSM2518 Datasheet
2Mb / 48P
   Digital Input Stereo, 2 W, Class-D
REV. A
logo
Texas Instruments
TPA3116D2 TI-TPA3116D2_15 Datasheet
1Mb / 41P
[Old version datasheet]   TPA3116D2 15-W, 30-W, 50-W Filter-Free Class-D Stereo Amplifier Family With AM Avoidance
TPA3244 TI1-TPA3244_16 Datasheet
472Kb / 31P
[Old version datasheet]   40-W Stereo, 100-W peak PurePath Ultra-HD Pad Down Class-D Amplifier
TPA3220 TI1-TPA3220 Datasheet
863Kb / 39P
[Old version datasheet]   60-W Stereo, 100-W Peak HD Analog-Input, Pad-Down Class-D Amplifier
TAS5622A TI-TAS5622A_15 Datasheet
1Mb / 42P
[Old version datasheet]   TAS5622A 125-W Stereo and 250-W Stereo PurePath??HD Digital-Input Class-D Power Stage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com