Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74LVC2G66 Datasheet(PDF) 4 Page - Texas Instruments

Part # SN74LVC2G66
Description  SN74LVC2G66 Dual Bilateral Analog Switch
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVC2G66 Datasheet(HTML) 4 Page - Texas Instruments

  SN74LVC2G66_15 Datasheet HTML 1Page - Texas Instruments SN74LVC2G66_15 Datasheet HTML 2Page - Texas Instruments SN74LVC2G66_15 Datasheet HTML 3Page - Texas Instruments SN74LVC2G66_15 Datasheet HTML 4Page - Texas Instruments SN74LVC2G66_15 Datasheet HTML 5Page - Texas Instruments SN74LVC2G66_15 Datasheet HTML 6Page - Texas Instruments SN74LVC2G66_15 Datasheet HTML 7Page - Texas Instruments SN74LVC2G66_15 Datasheet HTML 8Page - Texas Instruments SN74LVC2G66_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
SN74LVC2G66
SCES325L – JULY 2001 – REVISED SEPTEMBER 2015
www.ti.com
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
VCC
Supply voltage(2)
–0.5
6.5
V
VI
Input voltage(2)(3)
–0.5
6.5
V
VO
Switch I/O voltage(2)(3)(4)
–0.5
VCC + 0.5
V
IIK
Control input clamp current
VI < 0
–50
mA
II/OK
I/O port diode current
VI/O < 0 or VI/O > VCC
–50
mA
IT
On-state switch current
VI/O = 0 to VCC
±50
mA
Continuous current through VCC or GND
±100
mA
Tstg
Storage temperature
–65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltages are with respect to ground, unless otherwise specified.
(3)
The input and output negative-voltage ratings may be exceeded if the input and output clamp-current ratings are observed.
(4)
This value is limited to 5.5 V maximum.
6.2 ESD Ratings
VALUE
UNIT
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001, all pins(1)
±2000
Electrostatic
V(ESD)
V
Charged-device model (CDM), per JEDEC specification JESD22-C101, all
discharge
±1000
pins(2)
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.3 Recommended Operating Conditions
See
(1).
MIN
MAX
UNIT
VCC
Supply voltage
1.65
5.5
V
VI/O
I/O port voltage
0
VCC
V
VCC = 1.65 V to 1.95 V
VCC × 0.65
VCC = 2.3 V to 2.7 V
VCC × 0.7
VIH
High-level input voltage, control input
V
VCC = 3 V to 3.6 V
VCC × 0.7
VCC = 4.5 V to 5.5 V
VCC × 0.7
VCC = 1.65 V to 1.95 V
VCC × 0.35
VCC = 2.3 V to 2.7 V
VCC × 0.3
VIL
Low-level input voltage, control input
V
VCC = 3 V to 3.6 V
VCC × 0.3
VCC = 4.5 V to 5.5 V
VCC × 0.3
VI
Control input voltage
0
5.5
V
VCC = 1.65 V to 1.95 V
20
VCC = 2.3 V to 2.7 V
20
Δt/Δv
Input transition rise or fall time
ns/V
VCC = 3 V to 3.6 V
10
VCC = 4.5 V to 5.5 V
10
TA
Operating free-air temperature
–40
85
°C
(1)
All unused inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, SCBA004.
4
Submit Documentation Feedback
Copyright © 2001–2015, Texas Instruments Incorporated
Product Folder Links: SN74LVC2G66


Similar Part No. - SN74LVC2G66_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC2G66 TI1-SN74LVC2G66_14 Datasheet
981Kb / 23P
[Old version datasheet]   SN74LVC2G66 Dual Bilateral Analog Switch
More results

Similar Description - SN74LVC2G66_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC2G66 TI1-SN74LVC2G66_14 Datasheet
981Kb / 23P
[Old version datasheet]   SN74LVC2G66 Dual Bilateral Analog Switch
SN74LVC2G66 TI-SN74LVC2G66_07 Datasheet
585Kb / 19P
[Old version datasheet]   DUAL BILATERAL ANALOG SWITCH
logo
Unisonic Technologies
U74LVC2G66 UTC-U74LVC2G66 Datasheet
247Kb / 10P
   DUAL BILATERAL ANALOG SWITCH
logo
Texas Instruments
SN74LVC2G66-Q1 TI1-SN74LVC2G66-Q1_14 Datasheet
868Kb / 19P
[Old version datasheet]   DUAL BILATERAL ANALOG SWITCH
SN74AUC2G66 TI-SN74AUC2G66 Datasheet
323Kb / 16P
[Old version datasheet]   DUAL BILATERAL ANALOG SWITCH
SN74AUC2G66 TI-SN74AUC2G66_08 Datasheet
459Kb / 18P
[Old version datasheet]   DUAL BILATERAL ANALOG SWITCH
SN74LVC2G66 TI-SN74LVC2G66 Datasheet
433Kb / 19P
[Old version datasheet]   DUAL BILATERAL ANALOG SWITCH
SN74AUC2G66 TI-SN74AUC2G66_15 Datasheet
845Kb / 21P
[Old version datasheet]   DUAL BILATERAL ANALOG SWITCH
logo
Unisonic Technologies
U74LVC2G66 UTC-U74LVC2G66_15 Datasheet
297Kb / 10P
   DUAL BILATERAL ANALOG SWITCH
logo
Texas Instruments
SN74LVC2G66-Q1 TI-SN74LVC2G66-Q1_15 Datasheet
842Kb / 18P
[Old version datasheet]   DUAL BILATERAL ANALOG SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com