Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CHA5266-QDG Datasheet(PDF) 10 Page - United Monolithic Semiconductors

Part # CHA5266-QDG
Description  10-16 GHz Medium Power Amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHA5266-QDG Datasheet(HTML) 10 Page - United Monolithic Semiconductors

Back Button CHA5266-QDG_15 Datasheet HTML 6Page - United Monolithic Semiconductors CHA5266-QDG_15 Datasheet HTML 7Page - United Monolithic Semiconductors CHA5266-QDG_15 Datasheet HTML 8Page - United Monolithic Semiconductors CHA5266-QDG_15 Datasheet HTML 9Page - United Monolithic Semiconductors CHA5266-QDG_15 Datasheet HTML 10Page - United Monolithic Semiconductors CHA5266-QDG_15 Datasheet HTML 11Page - United Monolithic Semiconductors CHA5266-QDG_15 Datasheet HTML 12Page - United Monolithic Semiconductors CHA5266-QDG_15 Datasheet HTML 13Page - United Monolithic Semiconductors CHA5266-QDG_15 Datasheet HTML 14Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
CHA5266-QDG
10-16 GHz Medium Power Amplifier
Ref. : DSCHA5266-QDG3233 - 21 Aug 13
10/14
Specifications subject to change without notice
Bât. Charmille - Parc SILIC - 10, Avenue du Québec - 91140 VILLEBON-SUR-YVETTE - France
Tel.: +33 (0) 1 69 86 32 00 - Fax: +33 (0) 1 69 86 34 34
Package outline
(1)
Matt tin, Lead Free
(Green)
1-
Nc
9-
VG1
17-
Gnd
(2)
Units :
mm
2-
Gnd
(2)
10-
VG2
18-
Gnd
(2)
From the standard :
JEDEC MO-220
3-
Gnd
(2)
11-
VG3
19-
Nc
(VGGD)
4-
RF in
12-
Nc
20-
VD3
25-
GND
5-
Gnd
(2)
13-
Gnd
(2)
21-
VD2
6-
Gnd
(2)
14-
Gnd
(2)
22-
VD1
7-
Gnd
(2)
15-
RF out
23-
Nc
8-
Nc
16-
Gnd
(2)
24-
Nc
(1) The package outline drawing included to this data-sheet is given for indication. Refer to the
application note AN0017 (http://www.ums-gaas.com) for exact package dimensions.
(2) It is strongly recommended to ground all pins marked “Gnd” through the PCB board.
Ensure that the PCB board is designed to provide the best possible ground to the package.


Similar Part No. - CHA5266-QDG_15

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA5266-99F UMS-CHA5266-99F Datasheet
303Kb / 12P
   10-16 GHz Medium Power Amplifier
More results

Similar Description - CHA5266-QDG_15

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA5266-99F UMS-CHA5266-99F Datasheet
303Kb / 12P
   10-16 GHz Medium Power Amplifier
logo
Transcom, Inc.
TA160-180-50-10 TRANSCOM-TA160-180-50-10 Datasheet
17Kb / 1P
   16 - 18 GHz 10 dBm Power Amplifier
logo
Hittite Microwave Corpo...
HMC-APH596 HITTITE-HMC-APH596 Datasheet
214Kb / 6P
   GaAs HEMT MMIC MEDIUM POWER AMPLIFIER, 16 - 33 GHz
logo
TriQuint Semiconductor
TGA4706-FC TRIQUINT-TGA4706-FC_15 Datasheet
372Kb / 10P
   77 GHz Medium Power Amplifier
TGA4706-FC TRIQUINT-TGA4706-FC Datasheet
372Kb / 10P
   77 GHz Medium Power Amplifier
logo
Filtronic Compound Semi...
LMA443 FILTRONIC-LMA443 Datasheet
106Kb / 2P
   31 GHz Medium Power Amplifier
logo
Integrated Device Techn...
EXP7602 IDT-EXP7602 Datasheet
674Kb / 2P
   71 GHz ??76 GHz Medium Power Amplifier
EXP8603 IDT-EXP8603 Datasheet
538Kb / 2P
   81 GHz ??86 GHz Medium Power Amplifier
logo
Excelics Semiconductor,...
EMA205B EXCELICS-EMA205B Datasheet
198Kb / 4P
   9-16 GHz Medium Power MMIC
logo
TriQuint Semiconductor
TGA2624-CP TRIQUINT-TGA2624-CP_15 Datasheet
495Kb / 15P
   9 to 10 GHz, 16 W GaN Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com