Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CHA5050-99F Datasheet(PDF) 3 Page - United Monolithic Semiconductors

Part # CHA5050-99F
Description  17-26GHz Medium Power Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHA5050-99F Datasheet(HTML) 3 Page - United Monolithic Semiconductors

  CHA5050-99F Datasheet HTML 1Page - United Monolithic Semiconductors CHA5050-99F Datasheet HTML 2Page - United Monolithic Semiconductors CHA5050-99F Datasheet HTML 3Page - United Monolithic Semiconductors CHA5050-99F Datasheet HTML 4Page - United Monolithic Semiconductors CHA5050-99F Datasheet HTML 5Page - United Monolithic Semiconductors CHA5050-99F Datasheet HTML 6Page - United Monolithic Semiconductors CHA5050-99F Datasheet HTML 7Page - United Monolithic Semiconductors CHA5050-99F Datasheet HTML 8Page - United Monolithic Semiconductors CHA5050-99F Datasheet HTML 9Page - United Monolithic Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
17-26GHz Medium Power Amplifier
CHA5050-99F
Ref. : DSCHA50502152 - 31 May 12
3/10
Specifications subject to change without notice
Bât. Charmille - Parc SILIC - 10, Avenue du Québec - 91140 VILLEBON-SUR-YVETTE - France
Tel.: +33 (0) 1 69 86 32 00 - Fax: +33 (0) 1 69 86 34 34
Typical on-wafer Sij parameters
Tamb.= +25°C, Vd =+6V, Id =230 mA, CW mode.
Freq
(GHz)
S11
(dB)
PhS11
(°)
S12
(dB)
PhS12
(°)
S21
(dB)
PhS21
(°)
S22
(dB)
PhS22
(°)
Freq
dBS11
PhS11
dBS12
PhS12
dBS21
PhS21
dBS22
PhS22
1.00
-0.06
-11.52
-65.84
129.40
-51.96
-45.86
-0.10
-11.30
2.00
-0.11
-22.78
-70.73
150.50
-48.12
-131.60
-0.08
-22.62
3.00
-0.19
-34.46
-73.59
-100.10
-51.41
142.40
-0.12
-34.68
4.00
-0.37
-46.03
-67.18
-35.91
-49.98
31.35
-0.20
-47.36
5.00
-0.59
-57.83
-68.21
-41.60
-45.46
-69.67
-0.41
-60.86
6.00
-0.82
-69.91
-71.44
93.39
-47.85
-138.80
-0.70
-75.99
7.00
-1.19
-82.40
-76.13
130.40
-40.31
160.80
-1.38
-93.16
8.00
-1.69
-95.15
-67.42
-117.50
-30.30
105.40
-2.72
-111.90
9.00
-2.40
-108.60
-84.26
56.99
-21.08
41.44
-5.15
-130.00
10.00
-3.38
-122.40
-62.14
7.22
-14.37
-29.19
-8.57
-143.10
11.00
-4.78
-137.70
-64.54
10.29
-9.26
-89.26
-13.11
-155.50
12.00
-6.88
-153.10
-74.45
-129.90
-4.29
-141.10
-24.33
-154.30
13.00
-10.60
-167.50
-60.49
-134.50
0.96
170.10
-17.65
-33.06
14.00
-17.65
176.20
-61.05
-145.40
6.61
119.80
-11.24
-44.64
15.00
-26.57
-66.82
-66.18
-129.30
12.67
64.91
-8.42
-61.70
16.00
-16.13
-80.08
-65.08
73.52
18.72
-2.23
-7.18
-78.01
17.00
-21.30
-97.79
-66.74
-179.60
22.17
-84.34
-6.45
-95.20
18.00
-15.82
-41.25
-72.50
-132.10
22.90
-156.10
-6.81
-113.10
19.00
-10.26
-49.12
-58.77
-174.20
22.60
141.50
-8.92
-129.20
20.00
-8.27
-63.27
-58.87
-172.90
22.26
86.10
-11.55
-131.30
21.00
-7.38
-72.30
-60.64
161.10
21.86
36.20
-12.56
-121.00
22.00
-5.87
-82.61
-55.85
99.18
21.95
-12.88
-12.77
-119.00
23.00
-5.69
-94.05
-58.92
121.60
22.12
-57.51
-12.01
-122.20
24.00
-6.05
-105.80
-59.39
116.40
23.02
-104.50
-13.18
-136.70
25.00
-7.30
-111.60
-64.00
22.15
23.74
-156.60
-17.84
-131.50
26.00
-8.80
-108.40
-64.31
-12.45
24.33
148.40
-17.29
-80.63
27.00
-8.62
-94.46
-67.93
-130.00
24.12
87.81
-11.71
-73.06
28.00
-6.47
-86.97
-56.53
-164.80
22.73
26.56
-7.99
-83.28
29.00
-3.83
-88.39
-54.45
162.30
20.39
-32.26
-5.80
-98.65
30.00
-1.90
-98.80
-53.49
174.90
17.48
-89.01
-4.42
-114.20
31.00
-0.89
-111.60
-50.44
160.30
13.75
-142.20
-3.54
-129.70
32.00
-0.51
-122.60
-46.61
136.40
9.64
169.10
-3.07
-144.50
33.00
-0.28
-132.30
-44.40
116.90
5.36
124.50
-2.66
-159.30
34.00
-0.33
-140.60
-44.16
80.16
0.96
81.63
-2.46
-174.30
35.00
-0.19
-147.80
-44.33
67.77
-3.56
41.54
-1.93
170.50
36.00
-0.17
-154.70
-44.49
39.31
-8.48
1.91
-1.69
154.00
37.00
-0.17
-160.60
-45.12
24.13
-13.91
-35.51
-1.36
136.00
38.00
-0.16
-166.50
-46.36
7.06
-20.14
-70.88
-0.82
116.80


Similar Part No. - CHA5050-99F

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA5050-QDG UMS-CHA5050-QDG Datasheet
693Kb / 14P
   17-24GHz Medium Power Amplifier
CHA5050-QDG UMS-CHA5050-QDG_15 Datasheet
693Kb / 14P
   17-24GHz Medium Power Amplifier
More results

Similar Description - CHA5050-99F

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA4253AQQG UMS-CHA4253AQQG_15 Datasheet
659Kb / 14P
   17- 24GHz Medium Power Amplifier
CHA5050-QDG UMS-CHA5050-QDG_15 Datasheet
693Kb / 14P
   17-24GHz Medium Power Amplifier
CHA5350-99F UMS-CHA5350-99F_15 Datasheet
402Kb / 12P
   17-24GHz Medium Power Amplifier
logo
TriQuint Semiconductor
TGA9088A-SCC TRIQUINT-TGA9088A-SCC_15 Datasheet
166Kb / 8P
   17-21 GHz Medium Power Amplifier
TGA2565-SM TRIQUINT-TGA2565-SM_15 Datasheet
621Kb / 13P
   11 17 GHz Medium Power Amplifier
logo
United Monolithic Semic...
CHA5093 UMS-CHA5093 Datasheet
160Kb / 8P
   22-26GHz High Power Amplifier
logo
TriQuint Semiconductor
TGA9088A-SCC TRIQUINT-TGA9088A-SCC Datasheet
165Kb / 8P
   17-21 GHz Medium Power Amplifier
logo
Qorvo, Inc
TGA2565-SM QORVO-TGA2565-SM Datasheet
676Kb / 13P
   11-17 GHz Medium Power Amplifier
logo
United Monolithic Semic...
CHA5093TCF UMS-CHA5093TCF Datasheet
152Kb / 6P
   24-26GHz High Power Amplifier
logo
Filtronic Compound Semi...
LMA208G FILTRONIC-LMA208G Datasheet
158Kb / 4P
   2-26GHz PHEMT Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com