Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74AUC2G66 Datasheet(PDF) 3 Page - Texas Instruments

Part # SN74AUC2G66
Description  DUAL BILATERAL ANALOG SWITCH
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74AUC2G66 Datasheet(HTML) 3 Page - Texas Instruments

  SN74AUC2G66_15 Datasheet HTML 1Page - Texas Instruments SN74AUC2G66_15 Datasheet HTML 2Page - Texas Instruments SN74AUC2G66_15 Datasheet HTML 3Page - Texas Instruments SN74AUC2G66_15 Datasheet HTML 4Page - Texas Instruments SN74AUC2G66_15 Datasheet HTML 5Page - Texas Instruments SN74AUC2G66_15 Datasheet HTML 6Page - Texas Instruments SN74AUC2G66_15 Datasheet HTML 7Page - Texas Instruments SN74AUC2G66_15 Datasheet HTML 8Page - Texas Instruments SN74AUC2G66_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
www.ti.com
Recommended Operating Conditions
(1)
Electrical Characteristics
SN74AUC2G66
DUAL BILATERAL ANALOG SWITCH
SCES507A – NOVEMBER 2003 – REVISED JANUARY 2007
MIN
MAX
UNIT
VCC
Supply voltage
0.8
2.7
V
VCC = 0.8 V
VCC
VIH
High-level input voltage
VCC = 1.1 V to 1.95 V
0.65
× V
CC
V
VCC = 2.3 V to 2.7 V
1.7
VCC = 0.8 V
0
VIL
Low-level input voltage
VCC = 1.1 V to 1.95 V
0.35
× V
CC
V
VCC = 2.3 V to 2.7 V
0.7
VI/O
I/O port voltage
0
VCC
V
VI
Control input voltage
0
3.6
V
VCC = 0.8 V to 1.65 V(2)
20
∆t/∆v
Input transition rise or fall rate
VCC = 1.65 V to 2.3 V(3)
20
ns/V
VCC = 2.3 V to 2.7 V(3)
20
TA
Operating free-air temperature
–40
85
°C
(1)
All unused inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
(2)
The data was taken at CL = 15 pF, RL = 2 kΩ (see Figure 1).
(3)
The data was taken at CL = 30 pF, RL = 500 Ω (see Figure 1).
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN TYP(1)
MAX
UNIT
1.1 V
17
40
VI = VCC or GND,
IS = 4 mA
ron
On-state switch resistance
VC = VIH
1.65 V
7
20
(see Figure 1 and Figure 2)
IS = 8 mA
2.3 V
4
15
1.1 V
131
180
VI = VCC to GND,
IS = 4 mA
ron(p)
Peak on resistance
VC = VIH
1.65 V
32
80
(see Figure 1 and Figure 2)
IS = 8 mA
2.3 V
15
20
1.1 V
3
Difference of
VI = VCC to GND,
IS = 4 mA
∆r
on
on-state resistance
VC = VIH
1.65 V
1
between switches
(see Figure 1 and Figure 2)
IS = 8 mA
2.3 V
1
VI = VCC and VO = GND, or
±1
IS(off)
Off-state switch leakage current
VI = GND and VO = VCC,
2.7 V
µA
±0.1(2)
VC = VIL (see Figure 3)
±1
VI = VCC or GND, VC = VIH, VO = Open
IS(on)
On-state switch leakage current
2.7 V
µA
(see Figure 4)
±0.1(2)
II
Control input current
VI = VCC or GND
0 to 2.7 V
±5
µA
ICC
Supply current
VI = VCC or GND,
IO = 0
0.8 V to 2.7 V
10
µA
Cic
Control input capacitance
2.5 V
2.5
pF
Cio(off)
Switch input/output capacitance
2.5 V
3
pF
Cio(on)
Switch input/output capacitance
2.5 V
7
pF
(1)
ta = 25°C
(2)
The data was taken at CL = 15 pF, RL = 2 kΩ (see Figure 1).
3
Submit Documentation Feedback


Similar Part No. - SN74AUC2G66_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUC2G66DCTR TI-SN74AUC2G66DCTR Datasheet
323Kb / 16P
[Old version datasheet]   DUAL BILATERAL ANALOG SWITCH
SN74AUC2G66DCTR TI-SN74AUC2G66DCTR Datasheet
459Kb / 18P
[Old version datasheet]   DUAL BILATERAL ANALOG SWITCH
SN74AUC2G66DCTRE4 TI-SN74AUC2G66DCTRE4 Datasheet
459Kb / 18P
[Old version datasheet]   DUAL BILATERAL ANALOG SWITCH
SN74AUC2G66DCUR TI-SN74AUC2G66DCUR Datasheet
323Kb / 16P
[Old version datasheet]   DUAL BILATERAL ANALOG SWITCH
SN74AUC2G66DCUR TI-SN74AUC2G66DCUR Datasheet
459Kb / 18P
[Old version datasheet]   DUAL BILATERAL ANALOG SWITCH
More results

Similar Description - SN74AUC2G66_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC2G66 TI-SN74LVC2G66_07 Datasheet
585Kb / 19P
[Old version datasheet]   DUAL BILATERAL ANALOG SWITCH
logo
Unisonic Technologies
U74LVC2G66 UTC-U74LVC2G66 Datasheet
247Kb / 10P
   DUAL BILATERAL ANALOG SWITCH
logo
Texas Instruments
SN74LVC2G66-Q1 TI1-SN74LVC2G66-Q1_14 Datasheet
868Kb / 19P
[Old version datasheet]   DUAL BILATERAL ANALOG SWITCH
SN74AUC2G66 TI-SN74AUC2G66 Datasheet
323Kb / 16P
[Old version datasheet]   DUAL BILATERAL ANALOG SWITCH
SN74AUC2G66 TI-SN74AUC2G66_08 Datasheet
459Kb / 18P
[Old version datasheet]   DUAL BILATERAL ANALOG SWITCH
SN74LVC2G66 TI-SN74LVC2G66 Datasheet
433Kb / 19P
[Old version datasheet]   DUAL BILATERAL ANALOG SWITCH
logo
Unisonic Technologies
U74LVC2G66 UTC-U74LVC2G66_15 Datasheet
297Kb / 10P
   DUAL BILATERAL ANALOG SWITCH
logo
Texas Instruments
SN74LVC2G66-Q1 TI-SN74LVC2G66-Q1_15 Datasheet
842Kb / 18P
[Old version datasheet]   DUAL BILATERAL ANALOG SWITCH
SN74LVC2G66-Q1 TI1-SN74LVC2G66-Q1 Datasheet
648Kb / 17P
[Old version datasheet]   DUAL BILATERAL ANALOG SWITCH
SN74LVC2G66 TI1-SN74LVC2G66_14 Datasheet
981Kb / 23P
[Old version datasheet]   SN74LVC2G66 Dual Bilateral Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com