Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CHA4220-98F Datasheet(PDF) 10 Page - United Monolithic Semiconductors

Part # CHA4220-98F
Description  0.5-20GHz Driver
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHA4220-98F Datasheet(HTML) 10 Page - United Monolithic Semiconductors

Back Button CHA4220-98F Datasheet HTML 6Page - United Monolithic Semiconductors CHA4220-98F Datasheet HTML 7Page - United Monolithic Semiconductors CHA4220-98F Datasheet HTML 8Page - United Monolithic Semiconductors CHA4220-98F Datasheet HTML 9Page - United Monolithic Semiconductors CHA4220-98F Datasheet HTML 10Page - United Monolithic Semiconductors CHA4220-98F Datasheet HTML 11Page - United Monolithic Semiconductors CHA4220-98F Datasheet HTML 12Page - United Monolithic Semiconductors CHA4220-98F Datasheet HTML 13Page - United Monolithic Semiconductors CHA4220-98F Datasheet HTML 14Page - United Monolithic Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
CHA4220-98F
0.5-20GHz Driver
Ref. : DSCHA42203347 - 13 Dec 13
10/18
Specifications subject to change without notice
Bât. Charmille - Parc SILIC - 10, Avenue du Québec - 91140 VILLEBON-SUR-YVETTE - France
Tel.: +33 (0) 1 69 86 32 00 - Fax: +33 (0) 1 69 86 34 34
Typical Jig Measurements
Tamb.= +25°C, Vg1 set in order to get Idq =120mA, V g2=1.5V
Output power @1dB gain compression vs. Vd
Saturated Output Power vs. Vd
0
5
10
15
20
25
30
2
4
6
8
10
12
14
16
18
20
FREQUENCY (GHz)
Vd=6V
Vd=7V
0
5
10
15
20
25
30
2
4
6
8
10
12
14
16
18
20
FREQUENCY (GHz)
Vd=6V
Vd=7V


Similar Part No. - CHA4220-98F

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA4220-QGG UMS-CHA4220-QGG Datasheet
531Kb / 16P
   0.5-20GHz Driver
CHA4220-QGG UMS-CHA4220-QGG_15 Datasheet
531Kb / 16P
   0.5-20GHz Driver
More results

Similar Description - CHA4220-98F

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA4220-QGG UMS-CHA4220-QGG_15 Datasheet
531Kb / 16P
   0.5-20GHz Driver
CHA3667A UMS-CHA3667A Datasheet
291Kb / 8P
   7-20GHz Medium Power Amplifier
CHR2292 UMS-CHR2292 Datasheet
124Kb / 6P
   17-20GHz Integrated Down Converter
logo
Filtronic Compound Semi...
FMA3009 FILTRONIC-FMA3009_1 Datasheet
475Kb / 10P
   2-20GHZ BROADBAND MMIC AMPLIFIER
FMA3008 FILTRONIC-FMA3008 Datasheet
134Kb / 5P
   2-20GHZ BROADBAND MMIC AMPLIFIER
logo
Eudyna Devices Inc
FMM5805X EUDYNA-FMM5805X Datasheet
2Mb / 4P
   17.5-20GHz Power Amplifier MMIC
FMM5815X EUDYNA-FMM5815X Datasheet
235Kb / 4P
   17.5-20GHz Power Amplifier MMIC
logo
United Monolithic Semic...
CHR2292 UMS-CHR2292_04 Datasheet
100Kb / 6P
   17-20GHz Integrated Down Converter
logo
Filtronic Compound Semi...
FMA3007 FILTRONIC-FMA3007_1 Datasheet
662Kb / 8P
   2-20GHZ BROADBAND MMIC AMPLIFIER
logo
United Monolithic Semic...
CHA3667A UMS-CHA3667A_15 Datasheet
160Kb / 8P
   7-20GHz Medium Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com