Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CHA4107-99F Datasheet(PDF) 6 Page - United Monolithic Semiconductors

Part # CHA4107-99F
Description  4.5-6.5GHz Medium Power Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHA4107-99F Datasheet(HTML) 6 Page - United Monolithic Semiconductors

Back Button CHA4107-99F_15 Datasheet HTML 2Page - United Monolithic Semiconductors CHA4107-99F_15 Datasheet HTML 3Page - United Monolithic Semiconductors CHA4107-99F_15 Datasheet HTML 4Page - United Monolithic Semiconductors CHA4107-99F_15 Datasheet HTML 5Page - United Monolithic Semiconductors CHA4107-99F_15 Datasheet HTML 6Page - United Monolithic Semiconductors CHA4107-99F_15 Datasheet HTML 7Page - United Monolithic Semiconductors CHA4107-99F_15 Datasheet HTML 8Page - United Monolithic Semiconductors CHA4107-99F_15 Datasheet HTML 9Page - United Monolithic Semiconductors CHA4107-99F_15 Datasheet HTML 10Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
CHA4107-99F
4.5-6.5GHz Medium Power Amplifier
Ref. : DSCHA41074188 - 07 Jul 14
6/10
Specifications subject to change without notice
Bât. Charmille - Parc SILIC - 10, Avenue du Québec - 91140 VILLEBON-SUR-YVETTE - France
Tel.: +33 (0) 1 69 86 32 00 - Fax: +33 (0) 1 69 86 34 34
Typical on Jig Measurements
Tamb.= +25°C,
Vd = 8V, Id (Quiescent) = 115mA, Drain Pulse width = 45µs, Duty cycle = 12%
Power added efficiency @ 3dBcomp versus frequency
Drain Current @ 3dBcomp versus frequency
28
30
32
34
36
38
40
42
4.5
5.0
5.5
6.0
6.5
Frequency (GHz)
0.00
0.05
0.10
0.15
0.20
0.25
0.30
4.50
5.00
5.50
6.00
6.50
Frequency (GHz)


Similar Part No. - CHA4107-99F_15

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA4107-QDG UMS-CHA4107-QDG Datasheet
435Kb / 12P
   C-band Medium Power Amplifier
CHA4107-QDG UMS-CHA4107-QDG_15 Datasheet
435Kb / 12P
   C-band Medium Power Amplifier
More results

Similar Description - CHA4107-99F_15

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAM26100 MACOM-MAAM26100 Datasheet
193Kb / 2P
   Power GaAs MMIC Amplifier 2-6.5GHz
logo
KODENSHI_AUK CORP.
2SA1979U KODENSHI-2SA1979U Datasheet
277Kb / 4P
   Medium power amplifier
2SC5342U KODENSHI-2SC5342U Datasheet
194Kb / 4P
   Medium power amplifier
logo
BOWEI Integrated Circui...
HE167 BOWEI-HE167 Datasheet
61Kb / 1P
   Medium Power Amplifier
HE584 BOWEI-HE584 Datasheet
130Kb / 1P
   Medium Power Amplifier
HE641D BOWEI-HE641D Datasheet
94Kb / 1P
   Medium Power Amplifier
HE642 BOWEI-HE642 Datasheet
246Kb / 1P
   Medium Power Amplifier
logo
KODENSHI_AUK CORP.
2SC5342UF KODENSHI-2SC5342UF Datasheet
217Kb / 4P
   Medium power amplifier
logo
OKI electronic componet...
KGF1262 OKI-KGF1262 Datasheet
141Kb / 10P
   Medium-Power Amplifier
logo
BOWEI Integrated Circui...
HE080 BOWEI-HE080 Datasheet
113Kb / 1P
   Medium Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com