Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CHA4107-99F Datasheet(PDF) 3 Page - United Monolithic Semiconductors

Part # CHA4107-99F
Description  4.5-6.5GHz Medium Power Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHA4107-99F Datasheet(HTML) 3 Page - United Monolithic Semiconductors

  CHA4107-99F_15 Datasheet HTML 1Page - United Monolithic Semiconductors CHA4107-99F_15 Datasheet HTML 2Page - United Monolithic Semiconductors CHA4107-99F_15 Datasheet HTML 3Page - United Monolithic Semiconductors CHA4107-99F_15 Datasheet HTML 4Page - United Monolithic Semiconductors CHA4107-99F_15 Datasheet HTML 5Page - United Monolithic Semiconductors CHA4107-99F_15 Datasheet HTML 6Page - United Monolithic Semiconductors CHA4107-99F_15 Datasheet HTML 7Page - United Monolithic Semiconductors CHA4107-99F_15 Datasheet HTML 8Page - United Monolithic Semiconductors CHA4107-99F_15 Datasheet HTML 9Page - United Monolithic Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
4.5-6.5GHz Medium Power Amplifier
CHA4107-99F
Ref. : DSCHA41074188 - 07 Jul 14
3/10
Specifications subject to change without notice
Bât. Charmille - Parc SILIC - 10, Avenue du Québec - 91140 VILLEBON-SUR-YVETTE - France
Tel.: +33 (0) 1 69 86 32 00 - Fax: +33 (0) 1 69 86 34 34
Typical on-wafer Sij parameters
Tamb.= +25°C, Vd = +8V, Id = 115mA
Freq
(GHz)
S11
(dB)
PhS11
(°)
S12
(dB)
PhS12
(°)
S21
(dB)
PhS21
(°)
S22
(dB)
PhS22
(°)
2.00
-3.71
-43.44
-63.21
-139.00
5.79
166.00
-8.39
31.33
2.40
-3.85
-49.94
-63.68
-72.72
10.38
95.99
-7.92
-25.37
2.80
-4.02
-57.93
-63.92
164.50
12.30
48.66
-10.56
-34.55
3.20
-4.46
-69.48
-48.25
120.80
14.21
11.12
-10.62
-29.96
3.60
-5.24
-83.39
-60.90
170.80
16.68
-23.41
-9.14
-30.55
4.00
-7.12
-97.66
-70.26
-57.20
19.36
-59.84
-8.22
-43.06
4.40
-10.98
-106.30
-52.87
-7.31
21.91
-103.70
-8.02
-56.73
4.80
-13.83
-90.00
-48.62
22.44
23.30
-150.90
-8.67
-68.98
5.20
-12.93
-82.05
-49.80
-23.29
23.52
163.50
-9.11
-79.47
5.60
-13.52
-85.54
-57.81
-65.50
23.52
121.40
-8.78
-92.08
6.00
-14.21
-73.76
-49.52
-124.40
23.65
77.11
-8.20
-113.30
6.40
-11.03
-69.98
-51.47
-177.10
23.16
28.73
-8.47
-141.30
6.80
-8.33
-89.16
-52.36
159.00
21.03
-21.97
-10.46
-173.00
7.20
-7.75
-112.90
-63.26
142.80
17.81
-66.68
-12.94
164.30
7.60
-7.77
-130.30
-69.48
2.62
14.02
-103.70
-14.57
143.70
8.00
-7.68
-148.30
-53.55
121.40
10.28
-136.90
-15.74
130.80
8.40
-7.21
-166.40
-59.68
8.18
6.56
-166.10
-14.85
120.40
8.80
-6.84
175.30
-51.19
138.20
2.62
166.90
-14.71
114.80
9.20
-6.19
159.50
-50.78
-51.15
-1.14
143.70
-13.35
106.30
9.60
-5.86
143.80
-55.03
-47.20
-4.96
122.70
-12.13
98.57
10.00
-5.46
128.60
-52.40
-146.90
-8.67
103.10
-10.43
91.47
10.40
-4.84
116.20
-62.55
-176.60
-12.02
85.93
-9.05
85.73
10.80
-4.77
104.70
-48.22
-131.80
-15.66
70.81
-8.17
78.93
11.20
-3.96
93.63
-48.09
-93.38
-18.84
54.85
-7.21
71.07
11.60
-3.67
87.22
-48.28
55.47
-21.78
41.57
-6.18
62.82
12.00
-3.37
75.38
-59.40
173.70
-25.54
29.73
-5.44
60.08
12.40
-3.35
70.02
-52.11
-103.20
-28.37
20.69
-4.30
52.83
12.80
-3.11
57.48
-43.51
175.10
-31.95
0.60
-3.94
47.00
13.20
-1.64
56.46
-44.50
55.48
-32.32
-8.66
-3.00
35.69
13.60
-1.74
48.11
-45.37
141.30
-37.42
-26.74
-3.14
26.64
14.00
-1.83
43.10
-53.12
119.10
-39.44
-40.94
-2.82
24.77


Similar Part No. - CHA4107-99F_15

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA4107-QDG UMS-CHA4107-QDG Datasheet
435Kb / 12P
   C-band Medium Power Amplifier
CHA4107-QDG UMS-CHA4107-QDG_15 Datasheet
435Kb / 12P
   C-band Medium Power Amplifier
More results

Similar Description - CHA4107-99F_15

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAM26100 MACOM-MAAM26100 Datasheet
193Kb / 2P
   Power GaAs MMIC Amplifier 2-6.5GHz
logo
KODENSHI_AUK CORP.
2SA1979U KODENSHI-2SA1979U Datasheet
277Kb / 4P
   Medium power amplifier
2SC5342U KODENSHI-2SC5342U Datasheet
194Kb / 4P
   Medium power amplifier
logo
BOWEI Integrated Circui...
HE167 BOWEI-HE167 Datasheet
61Kb / 1P
   Medium Power Amplifier
HE584 BOWEI-HE584 Datasheet
130Kb / 1P
   Medium Power Amplifier
HE641D BOWEI-HE641D Datasheet
94Kb / 1P
   Medium Power Amplifier
HE642 BOWEI-HE642 Datasheet
246Kb / 1P
   Medium Power Amplifier
logo
KODENSHI_AUK CORP.
2SC5342UF KODENSHI-2SC5342UF Datasheet
217Kb / 4P
   Medium power amplifier
logo
OKI electronic componet...
KGF1262 OKI-KGF1262 Datasheet
141Kb / 10P
   Medium-Power Amplifier
logo
BOWEI Integrated Circui...
HE080 BOWEI-HE080 Datasheet
113Kb / 1P
   Medium Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com