Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CHA4105-99F Datasheet(PDF) 7 Page - United Monolithic Semiconductors

Part # CHA4105-99F
Description  2-4GHz Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHA4105-99F Datasheet(HTML) 7 Page - United Monolithic Semiconductors

Back Button CHA4105-99F Datasheet HTML 3Page - United Monolithic Semiconductors CHA4105-99F Datasheet HTML 4Page - United Monolithic Semiconductors CHA4105-99F Datasheet HTML 5Page - United Monolithic Semiconductors CHA4105-99F Datasheet HTML 6Page - United Monolithic Semiconductors CHA4105-99F Datasheet HTML 7Page - United Monolithic Semiconductors CHA4105-99F Datasheet HTML 8Page - United Monolithic Semiconductors CHA4105-99F Datasheet HTML 9Page - United Monolithic Semiconductors CHA4105-99F Datasheet HTML 10Page - United Monolithic Semiconductors CHA4105-99F Datasheet HTML 11Page - United Monolithic Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
2-4GHz Driver
CHA4105-99F
Ref. : DSCH41051035 - 07 Feb11
7/12
Specifications subject to change without notice
Route Départementale 128, BP46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0) 1 69 33 03 08 - Fax: +33 (0) 1 69 33 03 09
Typical Test fixture Measurements
V+ = +5V, V- = -5V, I+ = 180mA, I- = 2mA
Power Added Efficiency (PAE) @ 1dB gain compression
versus Frequency & Temperature
-40°C
+25°C
+85°C


Similar Part No. - CHA4105-99F

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA4105-QDG UMS-CHA4105-QDG Datasheet
537Kb / 12P
   2-4GHz Driver
CHA4105-QDG UMS-CHA4105-QDG_15 Datasheet
537Kb / 12P
   2-4GHz Driver
More results

Similar Description - CHA4105-99F

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA4105-QDG UMS-CHA4105-QDG_15 Datasheet
537Kb / 12P
   2-4GHz Driver
logo
Transcom, Inc.
TPD02-01G04S TRANSCOM-TPD02-01G04S Datasheet
91Kb / 1P
   1-4GHz 2-Way Power Divider
TPD08-02G04S TRANSCOM-TPD08-02G04S Datasheet
80Kb / 1P
   2-4GHz 8-Way Power Divider
TPD03-02G04S TRANSCOM-TPD03-02G04S Datasheet
84Kb / 1P
   2-4GHz 3-Way Power Divider
logo
Pasternack Enterprises,...
PE2202-6 PASTERNACK-PE2202-6 Datasheet
109Kb / 1P
   SMA FEMALE DIRECTIONAL COUPLER FREQUENCY RANGE: 2-4GHz
logo
Micrel Semiconductor
SY89312V MICREL-SY89312V Datasheet
51Kb / 6P
   3.3V/5V, 4GHz PECL/ECL 첨 2 CLOCK GENERATOR
logo
Pasternack Enterprises,...
PE8401 PASTERNACK-PE8401 Datasheet
262Kb / 1P
   SMA FEMALE FERRITE CIRCULATOR FREQUENCY RANGE:2 TO 4GHz
logo
United Monolithic Semic...
CHS5105-QAG UMS-CHS5105-QAG Datasheet
728Kb / 12P
   DC-4GHz Reflective SPDT
CHS5104-99F UMS-CHS5104-99F_15 Datasheet
494Kb / 12P
   DC-4GHz reflective SPDT
CHS5104-QAG UMS-CHS5104-QAG_15 Datasheet
735Kb / 12P
   DC-4GHz Reflective SPDT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com