Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BB201 Datasheet(PDF) 5 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Part No. BB201
Description  Low-voltage variable capacitance double diode
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Direct Link  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

BB201 Datasheet(HTML) 5 Page - Quanzhou Jinmei Electronic Co.,Ltd.

  BB201_15 Datasheet HTML 1Page - Quanzhou Jinmei Electronic Co.,Ltd. BB201_15 Datasheet HTML 2Page - Quanzhou Jinmei Electronic Co.,Ltd. BB201_15 Datasheet HTML 3Page - Quanzhou Jinmei Electronic Co.,Ltd. BB201_15 Datasheet HTML 4Page - Quanzhou Jinmei Electronic Co.,Ltd. BB201_15 Datasheet HTML 5Page - Quanzhou Jinmei Electronic Co.,Ltd. BB201_15 Datasheet HTML 6Page - Quanzhou Jinmei Electronic Co.,Ltd. BB201_15 Datasheet HTML 7Page - Quanzhou Jinmei Electronic Co.,Ltd. BB201_15 Datasheet HTML 8Page - Quanzhou Jinmei Electronic Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
2001 Oct 12
5
Philips Semiconductors
Product specification
Low-voltage variable capacitance double diode
BB201
PACKAGE OUTLINE
UNIT
A1
max.
bp
cD
E
e1
HE
Lp
Qw
v
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
97-02-28
99-09-13
IEC
JEDEC
EIAJ
mm
0.1
0.48
0.38
0.15
0.09
3.0
2.8
1.4
1.2
0.95
e
1.9
2.5
2.1
0.55
0.45
0.1
0.2
DIMENSIONS (mm are the original dimensions)
0.45
0.15
SOT23
TO-236AB
bp
D
e1
e
A
A1
Lp
Q
detail X
HE
E
w M
v M A
B
A
B
0
1
2 mm
scale
A
1.1
0.9
c
X
12
3
Plastic surface mounted package; 3 leads
SOT23


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn