Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BB201 Datasheet(PDF) 4 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Part No. BB201
Description  Low-voltage variable capacitance double diode
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Direct Link  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

BB201 Datasheet(HTML) 4 Page - Quanzhou Jinmei Electronic Co.,Ltd.

  BB201_15 Datasheet HTML 1Page - Quanzhou Jinmei Electronic Co.,Ltd. BB201_15 Datasheet HTML 2Page - Quanzhou Jinmei Electronic Co.,Ltd. BB201_15 Datasheet HTML 3Page - Quanzhou Jinmei Electronic Co.,Ltd. BB201_15 Datasheet HTML 4Page - Quanzhou Jinmei Electronic Co.,Ltd. BB201_15 Datasheet HTML 5Page - Quanzhou Jinmei Electronic Co.,Ltd. BB201_15 Datasheet HTML 6Page - Quanzhou Jinmei Electronic Co.,Ltd. BB201_15 Datasheet HTML 7Page - Quanzhou Jinmei Electronic Co.,Ltd. BB201_15 Datasheet HTML 8Page - Quanzhou Jinmei Electronic Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
2001 Oct 12
4
Philips Semiconductors
Product specification
Low-voltage variable capacitance double diode
BB201
handbook, halfpage
100
Tj (°C)
0
20
40
60
IR
(nA)
80
103
102
10
1
MGU478
Fig.3
Reverse current as a function of junction
temperature; maximum values.
handbook, halfpage
10−3
10−4
10−5
MGU479
10−1
1
TCd
(K−1)
10
VR (V)
102
Fig.4
Temperature coefficient of diode
capacitance as a function of reverse
voltage; typical values.


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn