Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BB201 Datasheet(PDF) 3 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Part No. BB201
Description  Low-voltage variable capacitance double diode
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Homepage  http://www.jmnic.com
Logo 

BB201 Datasheet(HTML) 3 Page - Quanzhou Jinmei Electronic Co.,Ltd.

   
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
2001 Oct 12
3
Philips Semiconductors
Product specification
Low-voltage variable capacitance double diode
BB201
CHARACTERISTICS
Tj =25 °C unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Per diode
IR
reverse current
VR =15V
−−
10
nA
VR = 15 V; Tj =85 °C
−−
200
nA
rS
diode series resistance
f = 100 MHz; VR =3V
0.25
0.5
Cd
diode capacitance
VR = 1 V; f = 1 MHz
89
95
102
pF
VR = 3 V; f = 1 MHz
60
pF
VR = 7.5 V; f = 1 MHz
25.5
27.6
29.7
pF
VR = 8 V; f = 1 MHz
25.5
pF
capacitance ratio
f = 1 MHz
3.1
3.8
C
d1V
()
C
d 7.5V
()
--------------------
GRAPHICAL DATA
handbook, full pagewidth
0
140
100
120
20
40
60
80
MGU477
10−1
110
Cd
(pF)
VR (V)
102
Fig.2 Diode capacitance as a function of reverse voltage; typical values.


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn