Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BB201 Datasheet(PDF) 2 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Part No. BB201
Description  Low-voltage variable capacitance double diode
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Direct Link  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

BB201 Datasheet(HTML) 2 Page - Quanzhou Jinmei Electronic Co.,Ltd.

  BB201_15 Datasheet HTML 1Page - Quanzhou Jinmei Electronic Co.,Ltd. BB201_15 Datasheet HTML 2Page - Quanzhou Jinmei Electronic Co.,Ltd. BB201_15 Datasheet HTML 3Page - Quanzhou Jinmei Electronic Co.,Ltd. BB201_15 Datasheet HTML 4Page - Quanzhou Jinmei Electronic Co.,Ltd. BB201_15 Datasheet HTML 5Page - Quanzhou Jinmei Electronic Co.,Ltd. BB201_15 Datasheet HTML 6Page - Quanzhou Jinmei Electronic Co.,Ltd. BB201_15 Datasheet HTML 7Page - Quanzhou Jinmei Electronic Co.,Ltd. BB201_15 Datasheet HTML 8Page - Quanzhou Jinmei Electronic Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2001 Oct 12
2
Philips Semiconductors
Product specification
Low-voltage variable capacitance double diode
BB201
FEATURES
• Excellent linearity
• C1: 95 pF; C7.5: 27.6 pF
• C1 to C7.5 ratio: min. 3.1
• Very low series resistance
• Small plastic SMD package.
APPLICATIONS
• Electronic tuning in FM-radio
• Voltage Controlled Oscillators (VCO).
DESCRIPTION
The BB201 is a variable capacitance double diode with a
common cathode, fabricated in silicon planar technology
and encapsulated in the SOT23 small plastic SMD
package.
MARKING
PINNING
TYPE NUMBER
MARKING CODE
BB201
SCp
PIN
DESCRIPTION
1
anode (a1)
2
anode (a2)
3
common cathode
handbook, halfpage
2
1
3
MAM169
2
1
3
Fig.1 Simplified outline (SOT23) and symbol.
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 60134).
SYMBOL
PARAMETER
MIN.
MAX.
UNIT
Per diode
VR
continuous reverse voltage
15
V
IF
continuous forward current
20
mA
Tstg
storage temperature range
−55
+125
°C
Tj
operating junction temperature
−55
+125
°C


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn