Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMS4684 Datasheet(PDF) 6 Page - Texas Instruments

Part # LMS4684
Description  0.5Ohm Low-Voltage, Dual SPDT Analog Switch
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMS4684 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LMS4684_15 Datasheet HTML 2Page - Texas Instruments LMS4684_15 Datasheet HTML 3Page - Texas Instruments LMS4684_15 Datasheet HTML 4Page - Texas Instruments LMS4684_15 Datasheet HTML 5Page - Texas Instruments LMS4684_15 Datasheet HTML 6Page - Texas Instruments LMS4684_15 Datasheet HTML 7Page - Texas Instruments LMS4684_15 Datasheet HTML 8Page - Texas Instruments LMS4684_15 Datasheet HTML 9Page - Texas Instruments LMS4684_15 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
0
1
2
3
4
5
6
VSUPPLY (V)
0
0.5
1
1.5
2
VIN RISING
VIN FALLING
-40
-15
10
35
60
85
0
5
10
15
20
25
30
35
40
45
50
TEMPERATURE
V
+ = 3V
CL = 100 pF
RL = 50:
tON (ns)
tOFF (ns)
0
1
2
3
4
5
0.0
0.5
1.0
1.5
2.0
2.5
3.0
VCOM (V)
V
+
= 1.8V
V
+
= 2.0V
V
+
= 2.3V
V
+
= 2.5V
V
+
= 3.0V
V
+
= 5.0V
0.0
1.0
2.0
3.0
4.0
5.0
0.00
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
2.25
2.50
VCOM (V)
VS = 2.3V
VS = 2.5V
VS = 2.0V
VS = 3.0V
VS = 1.8V
VS = 5.0V
LMS4684
SNOSAL0C – DECEMBER 2004 – REVISED APRIL 2013
www.ti.com
TYPICAL PERFORMANCE CHARACTERISTICS
NO ON Resistance
NC ON Resistance
vs.
vs.
COM Voltage
COM Voltage
Figure 7.
Figure 8.
Logic Threshold Voltage
Turn-on / Turn-off Times
vs.
vs.
Supply Voltage
Temperature
Figure 9.
Figure 10.
6
Submit Documentation Feedback
Copyright © 2004–2013, Texas Instruments Incorporated
Product Folder Links: LMS4684


Similar Part No. - LMS4684_15

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMS4684ITL NSC-LMS4684ITL Datasheet
255Kb / 10P
   0.5 Low-Voltage, Dual SPDT Analog Switch
LMS4684ITLX NSC-LMS4684ITLX Datasheet
255Kb / 10P
   0.5 Low-Voltage, Dual SPDT Analog Switch
LMS4684LD NSC-LMS4684LD Datasheet
255Kb / 10P
   0.5 Low-Voltage, Dual SPDT Analog Switch
LMS4684LDX NSC-LMS4684LDX Datasheet
255Kb / 10P
   0.5 Low-Voltage, Dual SPDT Analog Switch
More results

Similar Description - LMS4684_15

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLAS5223 ONSEMI-NLAS5223 Datasheet
114Kb / 11P
   Ultra?묹ow 0.5ohm Dual SPDT Analog Switch
December, 2005 ??Rev. 0
logo
Union Semiconductor, In...
UM3258 UNIONSEMI-UM3258_16 Datasheet
370Kb / 10P
   Low-Voltage Dual SPDT Analog Switch
UM3258 UNIONSEMI-UM3258 Datasheet
434Kb / 10P
   Low-Voltage Dual SPDT Analog Switch
UM3257 UNIONSEMI-UM3257 Datasheet
406Kb / 10P
   Low-Voltage Dual SPDT Analog Switch
logo
ON Semiconductor
FSA2269 ONSEMI-FSA2269 Datasheet
779Kb / 16P
   Low-Voltage Dual-SPDT Analog Switch
July 2013 Rev. 1.1.5
logo
Union Semiconductor, In...
UM3257 UNIONSEMI-UM3257_16 Datasheet
368Kb / 10P
   Low-Voltage Dual SPDT Analog Switch
logo
ON Semiconductor
NLAS2750 ONSEMI-NLAS2750_15 Datasheet
112Kb / 8P
   Low Voltage Dual SPDT Analog Switch
April, 2015 ??Rev. 3
FSA2267 ONSEMI-FSA2267 Datasheet
738Kb / 16P
   Low-Voltage Dual-SPDT Analog Switch
March 2012 Rev. 1.0.5
FSA2258 ONSEMI-FSA2258 Datasheet
645Kb / 12P
   Low-Voltage, Dual-SPDT Analog Switch
February 2012 Rev. 1.0.5
FSA2259 ONSEMI-FSA2259 Datasheet
205Kb / 11P
   Low-Voltage,Dual-SPDT Analog Switch
October-2017, Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com