Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CD4066B-Q1 Datasheet(PDF) 9 Page - Texas Instruments

Part # CD4066B-Q1
Description  CMOS QUAD BILATERAL SWITCH
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD4066B-Q1 Datasheet(HTML) 9 Page - Texas Instruments

Back Button CD4066B-Q1_15 Datasheet HTML 5Page - Texas Instruments CD4066B-Q1_15 Datasheet HTML 6Page - Texas Instruments CD4066B-Q1_15 Datasheet HTML 7Page - Texas Instruments CD4066B-Q1_15 Datasheet HTML 8Page - Texas Instruments CD4066B-Q1_15 Datasheet HTML 9Page - Texas Instruments CD4066B-Q1_15 Datasheet HTML 10Page - Texas Instruments CD4066B-Q1_15 Datasheet HTML 11Page - Texas Instruments CD4066B-Q1_15 Datasheet HTML 12Page - Texas Instruments CD4066B-Q1_15 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
VDD = 10 V
V
V
C
SS
CD4066B
1 of 4
Switches
Vis = 10 V
92CS-30925
1 k
50 pF
tr = tf = 20 ns
V
V
C
os
90%
10%
All unused terminals are connected to VSS.
V
OS
V
OS at 1kHz
2
V
OS
V
OS at 1kHz
2
Repetition
Rate
50%
t
t
r
f
10 V
0 V
Inputs
VSS
Measure inputs sequentially to both VDD and VSS. Connect all unused inputs to either VDD or VSS. Measure control inputs only.
I
VSS
VDD
92CS-27555
VDD
CD4066B-Q1
www.ti.com
SCHS383
– APRIL 2011
TYPICAL CHARACTERISTICS (continued)
Figure 15. Maximum Allowable Control-Input Repetition Rate
Figure 16. Input Leakage-Current Test Circuit
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s) :CD4066B-Q1


Similar Part No. - CD4066B-Q1_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4066B-Q1 TI1-CD4066B-Q1_14 Datasheet
327Kb / 17P
[Old version datasheet]   CMOS QUAD BILATERAL SWITCH
More results

Similar Description - CD4066B-Q1_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4066B TI1-CD4066B_14 Datasheet
1Mb / 26P
[Old version datasheet]   CMOS QUAD BILATERAL SWITCH
CD4066B TI1-CD4066B_18 Datasheet
1Mb / 33P
[Old version datasheet]   CMOS Quad Bilateral Switch
CD4066B-Q1 TI1-CD4066B-Q1_14 Datasheet
327Kb / 17P
[Old version datasheet]   CMOS QUAD BILATERAL SWITCH
logo
Intersil Corporation
CD4016BMS INTERSIL-CD4016BMS Datasheet
201Kb / 10P
   CMOS Quad Bilateral Switch
November 1994
logo
Texas Instruments
CD4066B TI-CD4066B Datasheet
547Kb / 20P
[Old version datasheet]   CMOS QUAD BILATERAL SWITCH
CD4066B TI-CD4066B_15 Datasheet
1Mb / 25P
[Old version datasheet]   CMOS QUAD BILATERAL SWITCH
CD4016B TI1-CD4016B_14 Datasheet
994Kb / 19P
[Old version datasheet]   CMOS Quad Bilateral Switch
CD4066BMG4 TI-CD4066BMG4 Datasheet
1Mb / 25P
[Old version datasheet]   CMOS QUAD BILATERAL SWITCH
CD4066BM96G4 TI-CD4066BM96G4 Datasheet
1Mb / 25P
[Old version datasheet]   CMOS QUAD BILATERAL SWITCH
CD4066B TI1-CD4066B_16 Datasheet
1Mb / 25P
[Old version datasheet]   CMOS QUAD BILATERAL SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com