Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BB178 Datasheet(PDF) 4 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Part # BB178
Description  VHF variable capacitance diode
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Direct Link  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

BB178 Datasheet(HTML) 4 Page - Quanzhou Jinmei Electronic Co.,Ltd.

  BB178_15 Datasheet HTML 1Page - Quanzhou Jinmei Electronic Co.,Ltd. BB178_15 Datasheet HTML 2Page - Quanzhou Jinmei Electronic Co.,Ltd. BB178_15 Datasheet HTML 3Page - Quanzhou Jinmei Electronic Co.,Ltd. BB178_15 Datasheet HTML 4Page - Quanzhou Jinmei Electronic Co.,Ltd. BB178_15 Datasheet HTML 5Page - Quanzhou Jinmei Electronic Co.,Ltd. BB178_15 Datasheet HTML 6Page - Quanzhou Jinmei Electronic Co.,Ltd. BB178_15 Datasheet HTML 7Page - Quanzhou Jinmei Electronic Co.,Ltd. BB178_15 Datasheet HTML 8Page - Quanzhou Jinmei Electronic Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
1997 Nov 13
4
Philips Semiconductors
Product specification
VHF variable capacitance diode
BB178
PACKAGE OUTLINE
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
EIAJ
SOD523
SC-79
98-11-25
Plastic surface mounted package; 2 leads
SOD523
0
0.5
1 mm
scale
D
12
HE
E
bp
A
c
v M A
A
UNIT
bp
cD
E
v
mm
0.35
0.25
0.2
0.1
0.15
0.9
0.7
1.3
1.1
A
0.7
0.5
HE
1.7
1.5
DIMENSIONS (mm are the original dimensions)
Note
1. The marking bar indicates the cathode.
(1)


Similar Part No. - BB178_15

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
BB178G-CC2-R UTC-BB178G-CC2-R Datasheet
112Kb / 2P
   VHF VARIABLE CAPACITANCE DIODE
BB178L-CC2-R UTC-BB178L-CC2-R Datasheet
112Kb / 2P
   VHF VARIABLE CAPACITANCE DIODE
logo
NXP Semiconductors
BB178LX PHILIPS-BB178LX Datasheet
48Kb / 7P
   UHF variable capacitance diode
Rev. 01-14 April 2006
BB178LX NXP-BB178LX Datasheet
57Kb / 7P
   VHF variable capacitance diode
Rev. 02-12 February 2009
BB178LX NXP-BB178LX Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
More results

Similar Description - BB178_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BB182LX NXP-BB182LX Datasheet
57Kb / 7P
   VHF variable capacitance diode
Rev. 01-29 January 2009
BB181 NXP-BB181 Datasheet
226Kb / 6P
   VHF variable capacitance diode
Rev. 02-2 January 2008
logo
Quanzhou Jinmei Electro...
BBY40_2015 JMNIC-BBY40_2015 Datasheet
35Kb / 4P
   VHF variable capacitance diode
BB152_2015 JMNIC-BB152_2015 Datasheet
58Kb / 7P
   VHF variable capacitance diode
logo
NXP Semiconductors
BB170 PHILIPS-BB170_15 Datasheet
93Kb / 8P
   VHF variable capacitance diode
Rev. 1-25 March 2013
BB187LX PHILIPS-BB187LX_15 Datasheet
57Kb / 7P
   VHF variable capacitance diode
Rev. 01-19 February 2009
BB173 NXP-BB173 Datasheet
86Kb / 8P
   VHF variable capacitance diode
Rev. 1-25 March 2013
logo
Quanzhou Jinmei Electro...
BB152 JMNIC-BB152_15 Datasheet
58Kb / 7P
   VHF variable capacitance diode
logo
NXP Semiconductors
BB157 PHILIPS-BB157 Datasheet
59Kb / 8P
   VHF variable capacitance diode
2002 Mar 05
BB132 PHILIPS-BB132 Datasheet
54Kb / 8P
   VHF variable capacitance diode
1998 Sep 15
BB148 PHILIPS-BB148 Datasheet
54Kb / 8P
   VHF variable capacitance diode
1998 Sep 15
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com