Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CC2531F128 Datasheet(PDF) 11 Page - Texas Instruments

Part # CC2531F128
Description  A USB-Enabled System-On-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2531F128 Datasheet(HTML) 11 Page - Texas Instruments

Back Button CC2531F128 Datasheet HTML 7Page - Texas Instruments CC2531F128 Datasheet HTML 8Page - Texas Instruments CC2531F128 Datasheet HTML 9Page - Texas Instruments CC2531F128 Datasheet HTML 10Page - Texas Instruments CC2531F128 Datasheet HTML 11Page - Texas Instruments CC2531F128 Datasheet HTML 12Page - Texas Instruments CC2531F128 Datasheet HTML 13Page - Texas Instruments CC2531F128 Datasheet HTML 14Page - Texas Instruments CC2531F128 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
RESET_N
Px.n
T0299-01
1
2
CC2531F128, CC2531F256
www.ti.com
SWRS086A – SEPTEMBER 2009 – REVISED JUNE 2010
CONTROL INPUT AC CHARACTERISTICS
TA = –40°C to 125°C, VDD = 2 V to 3.6 V, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
System clock, fSYSCLK
The undivided system clock is 32 MHz when crystal oscillator is used.
The undivided system clock is 16 MHz when calibrated 16-MHz RC
16
32
MHz
tSYSCLK = 1/fSYSCLK
oscillator is used.
See item 1, Figure 1. This is the shortest pulse that is recognized as
a complete reset pin request. Note that shorter pulses may be
RESET_N low duration
1
ms
recognized but might not lead to complete reset of all modules within
the chip.
See item 2, Figure 1.This is the shortest pulse that is recognized as
Interrupt pulse duration
20
ns
an interrupt request.
Figure 1. Control Input AC Characteristics
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): CC2531F128 CC2531F256


Similar Part No. - CC2531F128

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2531F128 TI-CC2531F128 Datasheet
619Kb / 35P
[Old version datasheet]   A USB-Enabled System-On-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
CC2531F128 TI-CC2531F128 Datasheet
743Kb / 35P
[Old version datasheet]   A USB-Enabled System-On-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee
CC2531F128RHAR TI-CC2531F128RHAR Datasheet
619Kb / 35P
[Old version datasheet]   A USB-Enabled System-On-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
CC2531F128RHAT TI-CC2531F128RHAT Datasheet
619Kb / 35P
[Old version datasheet]   A USB-Enabled System-On-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
CC2531F128 TI-CC2531F128_12 Datasheet
743Kb / 35P
[Old version datasheet]   A USB-Enabled System-On-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee
More results

Similar Description - CC2531F128

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2531F128 TI-CC2531F128 Datasheet
619Kb / 35P
[Old version datasheet]   A USB-Enabled System-On-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
CC2531 TI-CC2531 Datasheet
850Kb / 32P
[Old version datasheet]   A USB Enabled System-On-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
CC2531F128 TI-CC2531F128_12 Datasheet
743Kb / 35P
[Old version datasheet]   A USB-Enabled System-On-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee
logo
Aplus Intergrated Circu...
CC2530F32 APLUS-CC2530F32 Datasheet
890Kb / 31P
   A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
logo
Texas Instruments
CC2530F32 TI1-CC2530F32_17 Datasheet
980Kb / 36P
[Old version datasheet]   A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
CC2530F32 TI-CC2530F32_11 Datasheet
648Kb / 36P
[Old version datasheet]   A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
CC2530F3 TI-CC2530F3_12 Datasheet
771Kb / 36P
[Old version datasheet]   A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
CC2530ZDK TI1-CC2530ZDK Datasheet
440Kb / 34P
[Old version datasheet]   A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
CC2530F32 TI-CC2530F32_2 Datasheet
740Kb / 31P
[Old version datasheet]   A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
CC2530 TI1-CC2530 Datasheet
771Kb / 36P
[Old version datasheet]   A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com