Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CHA3694 Datasheet(PDF) 10 Page - United Monolithic Semiconductors

Part # CHA3694
Description  31-40GHz Variable Gain Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHA3694 Datasheet(HTML) 10 Page - United Monolithic Semiconductors

Back Button CHA3694 Datasheet HTML 4Page - United Monolithic Semiconductors CHA3694 Datasheet HTML 5Page - United Monolithic Semiconductors CHA3694 Datasheet HTML 6Page - United Monolithic Semiconductors CHA3694 Datasheet HTML 7Page - United Monolithic Semiconductors CHA3694 Datasheet HTML 8Page - United Monolithic Semiconductors CHA3694 Datasheet HTML 9Page - United Monolithic Semiconductors CHA3694 Datasheet HTML 10Page - United Monolithic Semiconductors CHA3694 Datasheet HTML 11Page - United Monolithic Semiconductors CHA3694 Datasheet HTML 12Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
CHA3694
31-40GHz Variable Gain Amplifier
Ref. : DSCHA3694-9322 - 18 Nov 09
10/12
Specifications subject to change without notice
Route Départementale 128, B.P.46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0) 1 69 33 03 08 - Fax: +33 (0) 1 69 33 03 09
Chip Assembly and Mechanical Data
Note : Supply feed should be capacitively bypassed.
25µm diameter gold wire is recommended.
RF wire bondings should be as short as possible, lower than 0.35mm.
RF Pad size: 105/172µm
DC Pad size : 86/83µm
120pF
To Vd DC Drain supply feed
10nF
120pF
To Vg DC Gate supply feed
10n F
120pF
To Vctrl DC Gate supply feed
120pF
120pF
To Vd DC Drain supply feed
10nF
10nF
120pF
120pF
To Vg DC Gate supply feed
10n F
10n F
120pF
120pF
To Vctrl DC Gate supply feed


Similar Part No. - CHA3694

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA3694 UMS-CHA3694 Datasheet
569Kb / 12P
   31-40GHz Variable Gain Amplifier
CHA3694-QDG UMS-CHA3694-QDG Datasheet
419Kb / 10P
   31-40GHz Variable Gain Amplifier
CHA3694-QDG UMS-CHA3694-QDG Datasheet
513Kb / 16P
   31-40GHz Variable Gain Amplifier
CHA3694-QDG UMS-CHA3694-QDG_15 Datasheet
513Kb / 16P
   31-40GHz Variable Gain Amplifier
More results

Similar Description - CHA3694

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA3694 UMS-CHA3694 Datasheet
569Kb / 12P
   31-40GHz Variable Gain Amplifier
CHA3694-QDG UMS-CHA3694-QDG_15 Datasheet
513Kb / 16P
   31-40GHz Variable Gain Amplifier
CHA3694-QDG UMS-CHA3694-QDG Datasheet
419Kb / 10P
   31-40GHz Variable Gain Amplifier
CHA2097A UMS-CHA2097A Datasheet
120Kb / 8P
   20-40GHz Variable Gain Amplifier
CHA2097A UMS-CHA2097A_15 Datasheet
143Kb / 8P
   20-40GHz Variable Gain Amplifier
CHA2294 UMS-CHA2294_07 Datasheet
181Kb / 6P
   35-40GHz Low Noise, Variable Gain Amplifier
CHA2294 UMS-CHA2294 Datasheet
123Kb / 6P
   35-40GHz Low Noise, Variable Gain Amplifier
CHA2098B UMS-CHA2098B Datasheet
106Kb / 8P
   20-40GHz High Gain Buffer Amplifier
CHA2098B UMS-CHA2098B_15 Datasheet
126Kb / 8P
   20-40GHz High Gain Buffer Amplifier
logo
Hittite Microwave Corpo...
HMC997LC4 HITTITE-HMC997LC4_12 Datasheet
581Kb / 8P
   VARIABLE GAIN AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com