Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CHA3665-QAG Datasheet(PDF) 7 Page - United Monolithic Semiconductors

Part # CHA3665-QAG
Description  5-21GHz Driver Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHA3665-QAG Datasheet(HTML) 7 Page - United Monolithic Semiconductors

Back Button CHA3665-QAG_15 Datasheet HTML 3Page - United Monolithic Semiconductors CHA3665-QAG_15 Datasheet HTML 4Page - United Monolithic Semiconductors CHA3665-QAG_15 Datasheet HTML 5Page - United Monolithic Semiconductors CHA3665-QAG_15 Datasheet HTML 6Page - United Monolithic Semiconductors CHA3665-QAG_15 Datasheet HTML 7Page - United Monolithic Semiconductors CHA3665-QAG_15 Datasheet HTML 8Page - United Monolithic Semiconductors CHA3665-QAG_15 Datasheet HTML 9Page - United Monolithic Semiconductors CHA3665-QAG_15 Datasheet HTML 10Page - United Monolithic Semiconductors CHA3665-QAG_15 Datasheet HTML 11Page - United Monolithic Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
5-21GHz Driver Amplifier
CHA3665-QAG
Ref. : DSCHA3665-QAG2258 - 14 Sep 12
7/12
Specifications subject to change without notice
Bât. Charmille - Parc SILIC - 10, Avenue du Québec - 91140 VILLEBON-SUR-YVETTE - France
Tel.: +33 (0) 1 69 86 32 00 - Fax: +33 (0) 1 69 86 34 34
Typical Board Measurements
Tamb.= +25°C, Vd = +5V, Id = 120mA
Losses due to board are not de-embedded. Measurements are given in the
connectors’
access plan.
C/I3 versus Output power
C/I3 versus Input power
5GHz
7GHz
11GHz
15GHz
19GHz
5GHz
7GHz
11GHz
15GHz
19GHz


Similar Part No. - CHA3665-QAG_15

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA3660-QQG UMS-CHA3660-QQG Datasheet
716Kb / 16P
   21-27.5GHz Medium Power Amplifier
CHA3664-QAG UMS-CHA3664-QAG Datasheet
317Kb / 8P
   5-21GHz Driver Amplifier
CHA3664-QAG UMS-CHA3664-QAG Datasheet
670Kb / 12P
   5-21GHz Driver Amplifier
CHA3664-QAG UMS-CHA3664-QAG_15 Datasheet
670Kb / 12P
   5-21GHz Driver Amplifier
CHA3666 UMS-CHA3666 Datasheet
247Kb / 8P
   6-17GHz Low Noise Amplifier
More results

Similar Description - CHA3665-QAG_15

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA3664-QAG UMS-CHA3664-QAG_15 Datasheet
670Kb / 12P
   5-21GHz Driver Amplifier
CHA3565-QAG UMS-CHA3565-QAG_15 Datasheet
456Kb / 14P
   5-21GHz Driver Amplifier
CHA3664-QAG UMS-CHA3664-QAG Datasheet
317Kb / 8P
   5-21GHz Driver Amplifier
logo
Custom MMIC Design Serv...
CMD169P4 MMIC-CMD169P4 Datasheet
231Kb / 9P
   5-7 GHz Driver Amplifier
logo
RF Micro Devices
RFUV1703 RFMD-RFUV1703 Datasheet
662Kb / 14P
   21GHz TO 26.5GHz GaAs MMIC IQ UPCONVERTER
logo
Hittite Microwave Corpo...
HMC634LC4 HITTITE-HMC634LC4_09 Datasheet
261Kb / 6P
   GaAs PHEMT MMIC DRIVER AMPLIFIER, 5 - 20 GHz
HMC634 HITTITE-HMC634 Datasheet
291Kb / 8P
   GaAs PHEMT MMIC DRIVER AMPLIFIER, 5 - 20 GHz
HMC633 HITTITE-HMC633_11 Datasheet
523Kb / 8P
   GaAs PHEMT MMIC DRIVER AMPLIFIER, 5 - 17 GHz
HMC634LC4 HITTITE-HMC634LC4 Datasheet
267Kb / 8P
   GaAs PHEMT MMIC DRIVER AMPLIFIER, 5 - 20 GHz
logo
Analog Devices
HMC634 AD-HMC634 Datasheet
329Kb / 8P
   GaAs PHEMT MMIC DRIVER AMPLIFIER, 5 - 20 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com