Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CHA3656-QAG Datasheet(PDF) 11 Page - United Monolithic Semiconductors

Part # CHA3656-QAG
Description  5.8-17GHz Low Noise Amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHA3656-QAG Datasheet(HTML) 11 Page - United Monolithic Semiconductors

Back Button CHA3656-QAG Datasheet HTML 6Page - United Monolithic Semiconductors CHA3656-QAG Datasheet HTML 7Page - United Monolithic Semiconductors CHA3656-QAG Datasheet HTML 8Page - United Monolithic Semiconductors CHA3656-QAG Datasheet HTML 9Page - United Monolithic Semiconductors CHA3656-QAG Datasheet HTML 10Page - United Monolithic Semiconductors CHA3656-QAG Datasheet HTML 11Page - United Monolithic Semiconductors CHA3656-QAG Datasheet HTML 12Page - United Monolithic Semiconductors CHA3656-QAG Datasheet HTML 13Page - United Monolithic Semiconductors CHA3656-QAG Datasheet HTML 14Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
5.8-17GHz Low Noise Amplifier
CHA3656-QAG
Ref. : DSCHA3656-QAG3156 - 05 Jun 13
11/14
Specifications subject to change without notice
Bât. Charmille - Parc SILIC - 10, Avenue du Québec - 91140 VILLEBON-SUR-YVETTE - France
Tel.: +33 (0) 1 69 86 32 00 - Fax: +33 (0) 1 69 86 34 34
Definition of the Sij reference planes
The
reference
planes
used
for
Sij
measurements given above are symmetrical
from the symmetrical axis of the package
(see drawing beside). The input and output
reference planes are located at 2.65mm
offset
(input
wise
and
output
wise
respectively) from this axis. Then, the given
Sij parameters incorporate the land pattern of
the evaluation motherboard recommended in
paragraph "Evaluation mother board".
2.65
2.65


Similar Part No. - CHA3656-QAG

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA3660-QQG UMS-CHA3660-QQG Datasheet
716Kb / 16P
   21-27.5GHz Medium Power Amplifier
CHA3664-QAG UMS-CHA3664-QAG Datasheet
317Kb / 8P
   5-21GHz Driver Amplifier
CHA3664-QAG UMS-CHA3664-QAG Datasheet
670Kb / 12P
   5-21GHz Driver Amplifier
CHA3664-QAG UMS-CHA3664-QAG_15 Datasheet
670Kb / 12P
   5-21GHz Driver Amplifier
CHA3665-QAG UMS-CHA3665-QAG Datasheet
580Kb / 12P
   5-21GHz Driver Amplifier
More results

Similar Description - CHA3656-QAG

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA3666-QAG UMS-CHA3666-QAG_15 Datasheet
231Kb / 12P
   5.8-17GHz Low Noise Amplifier
CHA3666-QAG UMS-CHA3666-QAG Datasheet
316Kb / 12P
   5.8-17GHz Low Noise Amplifier
CHA3666 UMS-CHA3666_15 Datasheet
188Kb / 8P
   6-17GHz Low Noise Amplifier
CHA2266 UMS-CHA2266_07 Datasheet
226Kb / 8P
   12.5-17GHz Low-Noise Driver Amplifier
CHA3666 UMS-CHA3666 Datasheet
247Kb / 8P
   6-17GHz Low Noise Amplifier
logo
Renesas Technology Corp
F6923 RENESAS-F6923_V01 Datasheet
1Mb / 15P
   Dual-Channel Low Noise Amplifier 14GHz – 17GHz
Jul 6, 2021
logo
United Monolithic Semic...
CHA3666-SNF UMS-CHA3666-SNF_15 Datasheet
686Kb / 10P
   5.8-16GHz Low Noise Amplifier
CHA2266 UMS-CHA2266 Datasheet
124Kb / 7P
   12.5-17GHz Low-Noise Driver Amplifier
CHA3666-SNF UMS-CHA3666-SNF Datasheet
359Kb / 10P
   5.8-16GHz Low Noise Amplifier
CHA6552-QJG UMS-CHA6552-QJG_15 Datasheet
735Kb / 18P
   5.8- 8.5GHz Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com