Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CHA3565-QAG Datasheet(PDF) 10 Page - United Monolithic Semiconductors

Part # CHA3565-QAG
Description  5-21GHz Driver Amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHA3565-QAG Datasheet(HTML) 10 Page - United Monolithic Semiconductors

Back Button CHA3565-QAG Datasheet HTML 6Page - United Monolithic Semiconductors CHA3565-QAG Datasheet HTML 7Page - United Monolithic Semiconductors CHA3565-QAG Datasheet HTML 8Page - United Monolithic Semiconductors CHA3565-QAG Datasheet HTML 9Page - United Monolithic Semiconductors CHA3565-QAG Datasheet HTML 10Page - United Monolithic Semiconductors CHA3565-QAG Datasheet HTML 11Page - United Monolithic Semiconductors CHA3565-QAG Datasheet HTML 12Page - United Monolithic Semiconductors CHA3565-QAG Datasheet HTML 13Page - United Monolithic Semiconductors CHA3565-QAG Datasheet HTML 14Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
CHA3565-QAG
5-21GHz Driver Amplifier
Ref. : DSCHA3565-QAG3199 - 18 Jul 13
10/14
Specifications subject to change without notice
Bât. Charmille - Parc SILIC - 10, Avenue du Québec - 91140 VILLEBON-SUR-YVETTE - France
Tel.: +33 (0) 1 69 86 32 00 - Fax: +33 (0) 1 69 86 34 34
Package outline
(1)
Matt tin, Lead Free
(Green)
1-
Gnd
(2)
9-
Nc
Units :
mm
2-
RF in
10-
Nc
From the standard :
JEDEC MO-220
3-
Gnd
(2)
11-
RF out
(VGGD)
4-
Nc
12-
Gnd
(2)
17-
GND
5-
VG
13-
VD
6-
Nc
14-
Nc
7-
Nc
15-
Nc
8-
Nc
16-
Nc
(1) The package outline drawing included to this data-sheet is given for indication. Refer to the
application note AN0017 (http://www.ums-gaas.com) for exact package dimensions.
(2) It is strongly recommended to ground all pins marked “Gnd” through the PCB board.
Ensure that the PCB board is designed to provide the best possible ground to the package.


Similar Part No. - CHA3565-QAG

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA3511 UMS-CHA3511 Datasheet
361Kb / 10P
   6-18GHz Amplifier
CHA3511 UMS-CHA3511 Datasheet
287Kb / 10P
   GaAs Monolithic Microwave IC
CHA3511 UMS-CHA3511_15 Datasheet
287Kb / 10P
   GaAs Monolithic Microwave IC
CHA3512 UMS-CHA3512 Datasheet
518Kb / 10P
   6-18GHz Low Noise Digital Variable Amplifier
CHA3512 UMS-CHA3512 Datasheet
452Kb / 10P
   6-18GHz Low Noise Digital Variable Amplifier
More results

Similar Description - CHA3565-QAG

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA3665-QAG UMS-CHA3665-QAG_15 Datasheet
580Kb / 12P
   5-21GHz Driver Amplifier
CHA3664-QAG UMS-CHA3664-QAG_15 Datasheet
670Kb / 12P
   5-21GHz Driver Amplifier
CHA3664-QAG UMS-CHA3664-QAG Datasheet
317Kb / 8P
   5-21GHz Driver Amplifier
logo
Custom MMIC Design Serv...
CMD169P4 MMIC-CMD169P4 Datasheet
231Kb / 9P
   5-7 GHz Driver Amplifier
logo
RF Micro Devices
RFUV1703 RFMD-RFUV1703 Datasheet
662Kb / 14P
   21GHz TO 26.5GHz GaAs MMIC IQ UPCONVERTER
logo
Hittite Microwave Corpo...
HMC634LC4 HITTITE-HMC634LC4_09 Datasheet
261Kb / 6P
   GaAs PHEMT MMIC DRIVER AMPLIFIER, 5 - 20 GHz
HMC634 HITTITE-HMC634 Datasheet
291Kb / 8P
   GaAs PHEMT MMIC DRIVER AMPLIFIER, 5 - 20 GHz
HMC633 HITTITE-HMC633_11 Datasheet
523Kb / 8P
   GaAs PHEMT MMIC DRIVER AMPLIFIER, 5 - 17 GHz
HMC634LC4 HITTITE-HMC634LC4 Datasheet
267Kb / 8P
   GaAs PHEMT MMIC DRIVER AMPLIFIER, 5 - 20 GHz
logo
Analog Devices
HMC634 AD-HMC634 Datasheet
329Kb / 8P
   GaAs PHEMT MMIC DRIVER AMPLIFIER, 5 - 20 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com