Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CHA3565-QAG Datasheet(PDF) 4 Page - United Monolithic Semiconductors

Part # CHA3565-QAG
Description  5-21GHz Driver Amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHA3565-QAG Datasheet(HTML) 4 Page - United Monolithic Semiconductors

  CHA3565-QAG Datasheet HTML 1Page - United Monolithic Semiconductors CHA3565-QAG Datasheet HTML 2Page - United Monolithic Semiconductors CHA3565-QAG Datasheet HTML 3Page - United Monolithic Semiconductors CHA3565-QAG Datasheet HTML 4Page - United Monolithic Semiconductors CHA3565-QAG Datasheet HTML 5Page - United Monolithic Semiconductors CHA3565-QAG Datasheet HTML 6Page - United Monolithic Semiconductors CHA3565-QAG Datasheet HTML 7Page - United Monolithic Semiconductors CHA3565-QAG Datasheet HTML 8Page - United Monolithic Semiconductors CHA3565-QAG Datasheet HTML 9Page - United Monolithic Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
CHA3565-QAG
5-21GHz Driver Amplifier
Ref. : DSCHA3565-QAG3199 - 18 Jul 13
4/14
Specifications subject to change without notice
Bât. Charmille - Parc SILIC - 10, Avenue du Québec - 91140 VILLEBON-SUR-YVETTE - France
Tel.: +33 (0) 1 69 86 32 00 - Fax: +33 (0) 1 69 86 34 34
Typical Package Sij parameters
Tamb.= +25°C, Vd = +5V, Id = 120mA
Freq
(GHz)
S11
(dB)
PhS11
(°)
S21
(dB)
PhS21
(°)
S12
(dB)
PhS12
(°)
S22
(dB)
PhS22
(°)
2
-0.4
-86
-31.3
-60
-58.4
98
-0.4
-71
3
-2.2
-149
-1.2
-121
-49.4
56
-1.4
-114
4
-14.3
136
12.9
99
-43.4
41
-5.5
-164
5
-29.4
45
16.1
-6
-38.0
-26
-14.0
164
6
-14.7
-48
16.6
-100
-37.4
-94
-24.5
-141
7
-10.1
-97
16.3
-170
-37.7
-144
-15.5
-131
8
-9.3
-142
16.0
129
-37.9
171
-12.5
-158
9
-13.9
144
15.8
45
-38.1
102
-11.7
163
10
-22.2
32
15.4
-9
-38.7
56
-12.1
141
11
-13.6
-78
14.8
-62
-40.2
11
-12.6
121
12
-9.2
-126
14.1
-111
-41.7
-26
-13.1
96
13
-7.5
-165
13.5
-159
-43.7
-69
-15.0
61
14
-7.1
158
13.2
154
-44.9
-91
-17.0
13
15
-7.7
121
13.1
107
-46.0
-130
-16.5
-52
16
-9.6
83
13.1
58
-46.3
-170
-13.6
-103
17
-13.9
43
13.2
7
-45.6
149
-10.7
-138
18
-25.7
-163
13.3
-46
-44.1
106
-8.7
13
19
-20.9
-75
13.3
-102
-41.0
64
-7.8
-13
20
-15.5
-131
13.4
-159
-39.4
12
-7.7
-40
21
-14.6
145
13.7
136
-38.0
-40
-8.3
-68
22
-11.8
-49
13.2
16
-39.1
-136
-11.1
-139
23
-7.3
172
8.9
-78
-46.1
131
-12.4
135
24
-3.8
76
1.1
-160
-53.6
19
-8.6
67
25
-2.2
15
-7.8
134
-53.0
-153
-5.4
24
26
-1.6
-26
-16.9
80
-46.5
57
-3.5
-10
27
-1.3
-57
-25.1
29
-39.3
-9
-2.4
-40
28
-1.0
-82
-33.3
-23
-42.4
-61
-1.9
-69
29
-0.8
-104
-37.1
-67
-39.4
-73
-1.6
-96
30
-0.7
-123
-37.7
-103
-38.2
-103
-1.6
-123
Refer to the “definition of the Sij reference planes” section below.


Similar Part No. - CHA3565-QAG

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA3511 UMS-CHA3511 Datasheet
361Kb / 10P
   6-18GHz Amplifier
CHA3511 UMS-CHA3511 Datasheet
287Kb / 10P
   GaAs Monolithic Microwave IC
CHA3511 UMS-CHA3511_15 Datasheet
287Kb / 10P
   GaAs Monolithic Microwave IC
CHA3512 UMS-CHA3512 Datasheet
518Kb / 10P
   6-18GHz Low Noise Digital Variable Amplifier
CHA3512 UMS-CHA3512 Datasheet
452Kb / 10P
   6-18GHz Low Noise Digital Variable Amplifier
More results

Similar Description - CHA3565-QAG

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA3665-QAG UMS-CHA3665-QAG_15 Datasheet
580Kb / 12P
   5-21GHz Driver Amplifier
CHA3664-QAG UMS-CHA3664-QAG_15 Datasheet
670Kb / 12P
   5-21GHz Driver Amplifier
CHA3664-QAG UMS-CHA3664-QAG Datasheet
317Kb / 8P
   5-21GHz Driver Amplifier
logo
Custom MMIC Design Serv...
CMD169P4 MMIC-CMD169P4 Datasheet
231Kb / 9P
   5-7 GHz Driver Amplifier
logo
RF Micro Devices
RFUV1703 RFMD-RFUV1703 Datasheet
662Kb / 14P
   21GHz TO 26.5GHz GaAs MMIC IQ UPCONVERTER
logo
Hittite Microwave Corpo...
HMC634LC4 HITTITE-HMC634LC4_09 Datasheet
261Kb / 6P
   GaAs PHEMT MMIC DRIVER AMPLIFIER, 5 - 20 GHz
HMC634 HITTITE-HMC634 Datasheet
291Kb / 8P
   GaAs PHEMT MMIC DRIVER AMPLIFIER, 5 - 20 GHz
HMC633 HITTITE-HMC633_11 Datasheet
523Kb / 8P
   GaAs PHEMT MMIC DRIVER AMPLIFIER, 5 - 17 GHz
HMC634LC4 HITTITE-HMC634LC4 Datasheet
267Kb / 8P
   GaAs PHEMT MMIC DRIVER AMPLIFIER, 5 - 20 GHz
logo
Analog Devices
HMC634 AD-HMC634 Datasheet
329Kb / 8P
   GaAs PHEMT MMIC DRIVER AMPLIFIER, 5 - 20 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com