Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CHA3080-98F Datasheet(PDF) 3 Page - United Monolithic Semiconductors

Part # CHA3080-98F
Description  71-76GHz Medium Power Amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHA3080-98F Datasheet(HTML) 3 Page - United Monolithic Semiconductors

  CHA3080-98F Datasheet HTML 1Page - United Monolithic Semiconductors CHA3080-98F Datasheet HTML 2Page - United Monolithic Semiconductors CHA3080-98F Datasheet HTML 3Page - United Monolithic Semiconductors CHA3080-98F Datasheet HTML 4Page - United Monolithic Semiconductors CHA3080-98F Datasheet HTML 5Page - United Monolithic Semiconductors CHA3080-98F Datasheet HTML 6Page - United Monolithic Semiconductors CHA3080-98F Datasheet HTML 7Page - United Monolithic Semiconductors CHA3080-98F Datasheet HTML 8Page - United Monolithic Semiconductors CHA3080-98F Datasheet HTML 9Page - United Monolithic Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
71-76GHz Medium Power Amplifier
CHA3080-98F
Ref. : DSCHA30803245 - 02 Sep 13
3/14
Specifications subject to change without notice
Bât. Charmille - Parc SILIC - 10, Avenue du Québec - 91140 VILLEBON-SUR-YVETTE - France
Tel.: +33 (0) 1 69 86 32 00 - Fax: +33 (0) 1 69 86 34 34
Typical on-wafer Sij parameters
Tamb.= +25°C, Vd = Dc = 3.5V, Id (quiescent) = 280mA
Freq
(GHz)
S11
(dB)
PhS11
(°)
S21
(dB)
PhS21
(°)
S12
(dB)
PhS12
(°)
S22
(dB)
PhS22
(°)
55
-2.46
132.0
-18.06
88.2
-38.27
-59.1
-3.1
154.1
56
-2.15
130.4
-14.57
64.0
-46.79
-110.3
-3.86
136.3
57
-2.08
124.3
-10.74
45.9
-47
-90.7
-5.15
120.0
58
-2.11
117.7
-6.58
16.0
-56.14
173.2
-8.11
96.1
59
-2.24
109.3
-3.93
-17.5
-48.75
-83.7
-13.05
55.6
60
-2.46
100.8
-1.3
-49.8
-44.01
179.0
-18.18
-34.7
61
-2.70
93.3
1.51
-84.4
-47.31
-144.5
-12.31
-109.5
62
-2.97
80.9
3.03
-112.9
-48.68
-148.7
-8.32
-135.7
63
-3.10
59.9
5.28
-144.3
-44.74
147.4
-6.44
-155.0
64
-4.00
37.4
7.81
-176.8
-58.68
41.4
-5.04
-175.9
65
-4.79
13.9
11.13
151.2
-46.69
-106.8
-4.4
168.1
66
-5.95
-3.8
14.36
111.5
-43.75
-70.0
-2.98
154.8
67
-7.25
-50.7
16.74
61.9
-39.35
-109.3
-5.84
114.3
68
-12.65
-125.9
18.02
5.0
-37.08
-155.6
-5.06
95.4
69
-15.54
167.5
17.96
-44.2
-36.92
165.9
-9.55
81.9
70
-18.12
116.8
17.84
-89.5
-37.08
130.1
-8.88
53.1
71
-21.43
105.4
17.31
-132.3
-37.51
95.1
-11.49
30.3
72
-23.63
138.6
16.86
-172.1
-38.17
56.3
-16.38
-29.7
73
-18.57
150.3
16.32
145.1
-39.03
15.9
-20.6
-72.6
74
-14.93
142.7
15.79
104.0
-39.58
-22.7
-25.62
-167.6
75
-14.01
124.4
15.19
66.1
-40.28
-58.2
-24.88
140.9
76
-11.98
115.7
15.05
29.2
-39.71
-96.2
-25.01
38.3
77
-10.37
102.9
15.43
-12.2
-39.19
-135.3
-24.05
21.1
78
-8.42
88.3
15.76
-59.2
-38.74
-176.8
-23.41
-22.1
79
-5.87
68.3
15.85
-114.1
-38.67
135.9
-24.16
37.4
80
-4.00
36.6
13.32
-178.6
-40.65
81.3
-13.51
21.1
81
-4.09
0.4
8.78
127.1
-45.06
31.7
-9.22
-24.3
82
-5.32
-27.5
3.04
83.7
-50.27
-31.9
-7.24
-49.4
83
-6.17
-53.8
-1.89
53.5
-52.02
-136.3
-6.7
-73.0
84
-7.18
-76.6
-6.21
26.8
-51.33
149.9
-6.31
-91.1
85
-8.67
-97.1
-10.46
5.8
-52.71
100.1
-6.34
-105.9
86
-9.94
-116.1
-13.65
-12.5
-52.42
90.9
-6.78
-115.8
87
-11.29
-131.7
-15.77
-35.6
-50.5
36.0
-6.32
-126.7
88
-12.33
-148.4
-18.17
-56.9
-48.64
-30.4
-6.31
-138.3
89
-13.22
-162.5
-19.99
-81.0
-49.99
-117.4
-6.47
-150.8
90
-13.92
-175.1
-21.67
-109.9
-49.76
179.0
-6.82
-164.2
91
-14.52
169.6
-23.45
-140.9
-48.91
148.2
-7.47
-178.6
92
-15.11
154.1
-25.76
-174.2
-48.04
113.4
-8.69
163.1
93
-14.60
141.8
-28.46
151.7
-47.25
86.4
-10.51
136.2
94
-13.52
125.1
-30.15
119.1
-43.54
74.3
-14.36
83.5
95
-12.99
102.5
-30.87
49.4
-36.3
6.8
-14.84
-18.6


Similar Part No. - CHA3080-98F

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA3023 UMS-CHA3023 Datasheet
389Kb / 8P
   1-18 GHz WIDE BAND AMPLIFIER
CHA3023 UMS-CHA3023 Datasheet
231Kb / 8P
   1-18 GHz WIDE BAND AMPLIFIER
CHA3023-99F UMS-CHA3023-99F Datasheet
389Kb / 8P
   1-18 GHz WIDE BAND AMPLIFIER
CHA3023 UMS-CHA3023_15 Datasheet
231Kb / 8P
   1-18 GHz WIDE BAND AMPLIFIER
CHA3024-99F UMS-CHA3024-99F Datasheet
347Kb / 12P
   2-22GHz LNA with AGC
More results

Similar Description - CHA3080-98F

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
EXP7603 IDT-EXP7603 Datasheet
700Kb / 2P
   71GHz ??76GHz Medium Power Amplifier
EXP7602 IDT-EXP7602 Datasheet
674Kb / 2P
   71 GHz ??76 GHz Medium Power Amplifier
logo
Hittite Microwave Corpo...
HMC-AUH320 HITTITE-HMC-AUH320 Datasheet
207Kb / 6P
   GaAs HEMT MMIC MEDIUM POWER AMPLIFIER, 71 - 86 GHz
HMC-APH633 HITTITE-HMC-APH633 Datasheet
189Kb / 6P
   GaAs HEMT MMIC MEDIUM POWER AMPLIFIER, 71 - 76 GHz
HMC-AUH318 HITTITE-HMC-AUH318_11 Datasheet
478Kb / 6P
   GaAs HEMT MMIC MEDIUM POWER AMPLIFIER, 71 - 76 GHz
logo
United Monolithic Semic...
CHA2080-98F UMS-CHA2080-98F_15 Datasheet
411Kb / 12P
   71-86GHz Low Noise Amplifier
logo
KODENSHI_AUK CORP.
2SA1979U KODENSHI-2SA1979U Datasheet
277Kb / 4P
   Medium power amplifier
2SC5342U KODENSHI-2SC5342U Datasheet
194Kb / 4P
   Medium power amplifier
logo
BOWEI Integrated Circui...
HE167 BOWEI-HE167 Datasheet
61Kb / 1P
   Medium Power Amplifier
HE584 BOWEI-HE584 Datasheet
130Kb / 1P
   Medium Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com