Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CHA3080-98F Datasheet(PDF) 5 Page - United Monolithic Semiconductors

Part # CHA3080-98F
Description  71-76GHz Medium Power Amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHA3080-98F Datasheet(HTML) 5 Page - United Monolithic Semiconductors

  CHA3080-98F_15 Datasheet HTML 1Page - United Monolithic Semiconductors CHA3080-98F_15 Datasheet HTML 2Page - United Monolithic Semiconductors CHA3080-98F_15 Datasheet HTML 3Page - United Monolithic Semiconductors CHA3080-98F_15 Datasheet HTML 4Page - United Monolithic Semiconductors CHA3080-98F_15 Datasheet HTML 5Page - United Monolithic Semiconductors CHA3080-98F_15 Datasheet HTML 6Page - United Monolithic Semiconductors CHA3080-98F_15 Datasheet HTML 7Page - United Monolithic Semiconductors CHA3080-98F_15 Datasheet HTML 8Page - United Monolithic Semiconductors CHA3080-98F_15 Datasheet HTML 9Page - United Monolithic Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
71-76GHz Medium Power Amplifier
CHA3080-98F
Ref. : DSCHA30803245 - 02 Sep 13
5/14
Specifications subject to change without notice
Bât. Charmille - Parc SILIC - 10, Avenue du Québec - 91140 VILLEBON-SUR-YVETTE - France
Tel.: +33 (0) 1 69 86 32 00 - Fax: +33 (0) 1 69 86 34 34
Typical on wafer Measurements
Tamb.= +25°C, Vd = Dc = 3.5V, Id (quiescent) = 280mA
Gain & output power versus input power
Linear Gain versus gate voltage
Vg3 fixed at +0.18V, Vg1=Vg2 variable
Drain current versus gate voltage & Pin
Vg3 fixed at +0.18V, Vg1=Vg2 variable
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
-16
-14
-12
-10
-8
-6
-4
-2
0
2
4
6
8
10
Input power (dBm)
Power at 71GHz
Gain at 71GHz
Power at 76GHz
Gain at 76GHz
0
2.5
5
7.5
10
12.5
15
17.5
20
69
70
71
72
73
74
75
76
Frequency (GHz)
-0.35V
-0.3V
-0.25V
-0.2V
-0.1V
0V
+0.15V
+0.18V
0.1
0.12
0.14
0.16
0.18
0.2
0.22
0.24
0.26
0.28
0.3
0.32
0.34
-15 -13 -11 -9
-7
-5
-3
-1
1
3
5
7
9
Input power (dBm)
-0.35V
-0.3V
-0.25V
-0.2V
-0.1V
0V
+0.15V
+0.18V


Similar Part No. - CHA3080-98F_15

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA3023 UMS-CHA3023 Datasheet
389Kb / 8P
   1-18 GHz WIDE BAND AMPLIFIER
CHA3023 UMS-CHA3023 Datasheet
231Kb / 8P
   1-18 GHz WIDE BAND AMPLIFIER
CHA3023-99F UMS-CHA3023-99F Datasheet
389Kb / 8P
   1-18 GHz WIDE BAND AMPLIFIER
CHA3023 UMS-CHA3023_15 Datasheet
231Kb / 8P
   1-18 GHz WIDE BAND AMPLIFIER
CHA3024-99F UMS-CHA3024-99F Datasheet
347Kb / 12P
   2-22GHz LNA with AGC
More results

Similar Description - CHA3080-98F_15

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
EXP7603 IDT-EXP7603 Datasheet
700Kb / 2P
   71GHz ??76GHz Medium Power Amplifier
EXP7602 IDT-EXP7602 Datasheet
674Kb / 2P
   71 GHz ??76 GHz Medium Power Amplifier
logo
Hittite Microwave Corpo...
HMC-AUH320 HITTITE-HMC-AUH320 Datasheet
207Kb / 6P
   GaAs HEMT MMIC MEDIUM POWER AMPLIFIER, 71 - 86 GHz
HMC-APH633 HITTITE-HMC-APH633 Datasheet
189Kb / 6P
   GaAs HEMT MMIC MEDIUM POWER AMPLIFIER, 71 - 76 GHz
HMC-AUH318 HITTITE-HMC-AUH318_11 Datasheet
478Kb / 6P
   GaAs HEMT MMIC MEDIUM POWER AMPLIFIER, 71 - 76 GHz
logo
United Monolithic Semic...
CHA2080-98F UMS-CHA2080-98F_15 Datasheet
411Kb / 12P
   71-86GHz Low Noise Amplifier
logo
KODENSHI_AUK CORP.
2SA1979U KODENSHI-2SA1979U Datasheet
277Kb / 4P
   Medium power amplifier
2SC5342U KODENSHI-2SC5342U Datasheet
194Kb / 4P
   Medium power amplifier
logo
BOWEI Integrated Circui...
HE167 BOWEI-HE167 Datasheet
61Kb / 1P
   Medium Power Amplifier
HE584 BOWEI-HE584 Datasheet
130Kb / 1P
   Medium Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com