Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CHA3024-QGG Datasheet(PDF) 10 Page - United Monolithic Semiconductors

Part # CHA3024-QGG
Description  2-22GHz LNA with AGC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHA3024-QGG Datasheet(HTML) 10 Page - United Monolithic Semiconductors

Back Button CHA3024-QGG_15 Datasheet HTML 6Page - United Monolithic Semiconductors CHA3024-QGG_15 Datasheet HTML 7Page - United Monolithic Semiconductors CHA3024-QGG_15 Datasheet HTML 8Page - United Monolithic Semiconductors CHA3024-QGG_15 Datasheet HTML 9Page - United Monolithic Semiconductors CHA3024-QGG_15 Datasheet HTML 10Page - United Monolithic Semiconductors CHA3024-QGG_15 Datasheet HTML 11Page - United Monolithic Semiconductors CHA3024-QGG_15 Datasheet HTML 12Page - United Monolithic Semiconductors CHA3024-QGG_15 Datasheet HTML 13Page - United Monolithic Semiconductors CHA3024-QGG_15 Datasheet HTML 14Page - United Monolithic Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
CHA3024-QGG
2-22GHz LNA with AGC
Ref. : DSCHA3024-QGG-4346 - 12 Dec 14
10/16
Specifications subject to change without notice
Bât. Charmille - Parc SILIC - 10, Avenue du Québec - 91140 VILLEBON-SUR-YVETTE - France
Tel.: +33 (0) 1 69 86 32 00 - Fax: +33 (0) 1 69 86 34 34
Package outline: 28 Leads 5x5 QFN
(1)
Matte tin, Lead Free
(Green)
1-
VG2
11-
Nc
21-
Nc
Units :
mm
2-
Nc
12-
Nc
22-
Nc
From the standard :
JEDEC MO-220
3-
Nc
13-
VG1
23-
Nc
(VHHD)
4-
RF in
14-
Nc
24-
Nc
29-
GND
5-
GND
(2)
15-
Nc
25-
VD
6-
Nc
16-
Nc
26-
Nc
7-
Nc
17-
Nc
27-
Nc
8-
Nc
18-
GND
(2)
28-
Nc
9-
Nc
19-
RF out
10-
Nc
20-
Nc
(1) The package outline drawing included to this data-sheet is given for indication. Refer to the
application note AN0017 (http://www.ums-gaas.com) for exact package dimensions.
(2) It is strongly recommended to ground all pins marked “Gnd” through the PCB board.
Ensure that the PCB board is designed to provide the best possible ground to the package.


Similar Part No. - CHA3024-QGG_15

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA3024-99F UMS-CHA3024-99F Datasheet
347Kb / 12P
   2-22GHz LNA with AGC
CHA3024-99F UMS-CHA3024-99F_15 Datasheet
347Kb / 12P
   2-22GHz LNA with AGC
More results

Similar Description - CHA3024-QGG_15

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA3024-99F UMS-CHA3024-99F_15 Datasheet
347Kb / 12P
   2-22GHz LNA with AGC
logo
TriQuint Semiconductor
TGA2513-SM TRIQUINT-TGA2513-SM Datasheet
183Kb / 10P
   2-20 GHz LNA with AGC
TGA2513-EPU TRIQUINT-TGA2513-EPU Datasheet
898Kb / 10P
   Wideband LNA with AGC
logo
Zarlink Semiconductor I...
SL1914AKG ZARLINK-SL1914AKG Datasheet
118Kb / 9P
   SATELLITE TUNER FRONT END LNA WITH AGC
SL2150D ZARLINK-SL2150D Datasheet
319Kb / 16P
   Cable Tuner Front End LNA with AGC
logo
Mitel Networks Corporat...
SL1914 MITEL-SL1914 Datasheet
84Kb / 6P
   Satellite Tuner Front End LNA with AGC
logo
Maxim Integrated Produc...
MAX3558 MAXIM-MAX3558 Datasheet
224Kb / 8P
   Quad-Output LNA with AGC for Cable TV Applications
Rev 1; 6/06
logo
TriQuint Semiconductor
TGA2525 TRIQUINT-TGA2525_15 Datasheet
498Kb / 12P
   2 18 GHz Low Noise Amplifier with AGC
logo
Qorvo, Inc
TGA2526 QORVO-TGA2526 Datasheet
293Kb / 14P
   2-20 GHz Low Noise Amplifier with AGC
TGA2525 QORVO-TGA2525 Datasheet
584Kb / 13P
   2-18 GHz Low Noise Amplifier with AGC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com