Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CHA3023 Datasheet(PDF) 6 Page - United Monolithic Semiconductors

Part # CHA3023
Description  1-18 GHz WIDE BAND AMPLIFIER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHA3023 Datasheet(HTML) 6 Page - United Monolithic Semiconductors

  CHA3023 Datasheet HTML 1Page - United Monolithic Semiconductors CHA3023 Datasheet HTML 2Page - United Monolithic Semiconductors CHA3023 Datasheet HTML 3Page - United Monolithic Semiconductors CHA3023 Datasheet HTML 4Page - United Monolithic Semiconductors CHA3023 Datasheet HTML 5Page - United Monolithic Semiconductors CHA3023 Datasheet HTML 6Page - United Monolithic Semiconductors CHA3023 Datasheet HTML 7Page - United Monolithic Semiconductors CHA3023 Datasheet HTML 8Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
CHA3023
1-18GHz Wide Band Amplifier
DSCHA30235263 - 20 sep 05
6/8
Specifications subject to change without notice
Route Départementale 128 , B.P.46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
P1dB vs Frequency
Noise Figure vs Frequency
Gain & Return Loss vs Frequency


Similar Part No. - CHA3023

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA3023 UMS-CHA3023 Datasheet
389Kb / 8P
   1-18 GHz WIDE BAND AMPLIFIER
CHA3023-99F UMS-CHA3023-99F Datasheet
389Kb / 8P
   1-18 GHz WIDE BAND AMPLIFIER
More results

Similar Description - CHA3023

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA3023 UMS-CHA3023 Datasheet
389Kb / 8P
   1-18 GHz WIDE BAND AMPLIFIER
logo
NEC
UPG110B NEC-UPG110B Datasheet
73Kb / 3P
   2-8 GHZ WIDE-BAND AMPLIFIER
UPC2708T NEC-UPC2708T Datasheet
140Kb / 6P
   3 GHz SILICON MMIC WIDE-BAND AMPLIFIER
UPC2709T NEC-UPC2709T Datasheet
96Kb / 6P
   2.5 GHz SILICON MMIC WIDE-BAND AMPLIFIER
UPC2710T NEC-UPC2710T Datasheet
95Kb / 6P
   1.5 GHz SILICON MMIC WIDE-BAND AMPLIFIER
logo
TriQuint Semiconductor
TGA4522-EPU TRIQUINT-TGA4522-EPU Datasheet
167Kb / 10P
   33 - 47 GHz Wide Band Driver Amplifier
TGA4522 TRIQUINT-TGA4522 Datasheet
168Kb / 11P
   33 - 47 GHz Wide Band Driver Amplifier
TGA4521 TRIQUINT-TGA4521 Datasheet
177Kb / 9P
   32 - 45 GHz Wide Band Driver Amplifier
logo
NEC
UPC2776 NEC-UPC2776 Datasheet
44Kb / 3P
   2.7 GHz SILICON MIMIC WIDE BAND AMPLIFIER
logo
Qorvo, Inc
TGA4522 QORVO-TGA4522 Datasheet
369Kb / 12P
   33 ??7 GHz Wide Band Driver Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com