Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PMEG3015EH Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PMEG3015EH
Description  30 V, 1.5 A ultra low VF MEGA Schottky barrier rectifiers
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PMEG3015EH Datasheet(HTML) 6 Page - NXP Semiconductors

  PMEG3015EH_15 Datasheet HTML 1Page - NXP Semiconductors PMEG3015EH_15 Datasheet HTML 2Page - NXP Semiconductors PMEG3015EH_15 Datasheet HTML 3Page - NXP Semiconductors PMEG3015EH_15 Datasheet HTML 4Page - NXP Semiconductors PMEG3015EH_15 Datasheet HTML 5Page - NXP Semiconductors PMEG3015EH_15 Datasheet HTML 6Page - NXP Semiconductors PMEG3015EH_15 Datasheet HTML 7Page - NXP Semiconductors PMEG3015EH_15 Datasheet HTML 8Page - NXP Semiconductors PMEG3015EH_15 Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
PMEG3015EH_EJ_3
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 03 — 13 January 2010
6 of 9
NXP Semiconductors
PMEG3015EH; PMEG3015EJ
30 V, 1.5 A ultra low VF MEGA Schottky barrier rectifiers
10. Soldering
Reflow soldering is the only recommended soldering method.
Dimensions in mm
Fig 6.
Reflow soldering footprint SOD123F
Reflow soldering is the only recommended soldering method.
Dimensions in mm
Fig 7.
Reflow soldering footprint SOD323F (SC-90)
1.6
1.6
2.9
4
4.4
1.1 1.2
2.1
1.1
(2
×)
solder lands
solder resist
occupied area
solder paste
001aab169
1.65
0.50
(2
×)
2.10
1.60
2.80
0.60
3.05
0.50
0.95
solder lands
solder resist
occupied area
solder paste


Similar Part No. - PMEG3015EH_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMEG3015EH NXP-PMEG3015EH_10 Datasheet
115Kb / 9P
   30 V, 1.5 A ultra low VF MEGA Schottky barrier rectifiers
Rev. 03-13 January 2010
More results

Similar Description - PMEG3015EH_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMEG3015EH NXP-PMEG3015EH_10 Datasheet
115Kb / 9P
   30 V, 1.5 A ultra low VF MEGA Schottky barrier rectifiers
Rev. 03-13 January 2010
logo
Nexperia B.V. All right...
PMEG3015EH NEXPERIA-PMEG3015EH Datasheet
697Kb / 9P
   30 V, 1.5 A ultra low VF MEGA Schottky barrier rectifiers
Rev. 03 - 13 January 2010
PMEG3020EH NEXPERIA-PMEG3020EH Datasheet
685Kb / 9P
   30 V, 2 A ultra low VF MEGA Schottky barrier rectifiers
Rev. 04 - 4 February 2010
logo
NXP Semiconductors
PMEG3020EJ PHILIPS-PMEG3020EJ Datasheet
58Kb / 9P
   30 V, 2 A ultra low VF MEGA Schottky barrier rectifiers
Rev. 03-31 May 2005
PMEG3020EH NXP-PMEG3020EH Datasheet
114Kb / 9P
   30 V, 2 A ultra low VF MEGA Schottky barrier rectifiers
Rev. 04-4 February 2010
PMEG3020EH PHILIPS-PMEG3020EH_15 Datasheet
114Kb / 9P
   30 V, 2 A ultra low VF MEGA Schottky barrier rectifiers
Rev. 04-4 February 2010
PMEG2015EH NXP-PMEG2015EH_10 Datasheet
115Kb / 9P
   20 V, 1.5 A very low VF MEGA Schottky barrier rectifiers
Rev. 03-15 January 2010
PMEG2015EH PHILIPS-PMEG2015EH Datasheet
58Kb / 9P
   20 V, 1.5 A very low VF MEGA Schottky barrier rectifiers
Rev. 02-7 April 2005
PMEG2015EH PHILIPS-PMEG2015EH_15 Datasheet
115Kb / 9P
   20 V, 1.5 A very low VF MEGA Schottky barrier rectifiers
Rev. 03-15 January 2010
logo
Nexperia B.V. All right...
PMEG2015EH NEXPERIA-PMEG2015EH Datasheet
693Kb / 9P
   20 V, 1.5 A very low VF MEGA Schottky barrier rectifiers
Rev. 03 - 15 January 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com