Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CHA3024-99F Datasheet(PDF) 2 Page - United Monolithic Semiconductors

Part # CHA3024-99F
Description  2-22GHz LNA with AGC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHA3024-99F Datasheet(HTML) 2 Page - United Monolithic Semiconductors

  CHA3024-99F_15 Datasheet HTML 1Page - United Monolithic Semiconductors CHA3024-99F_15 Datasheet HTML 2Page - United Monolithic Semiconductors CHA3024-99F_15 Datasheet HTML 3Page - United Monolithic Semiconductors CHA3024-99F_15 Datasheet HTML 4Page - United Monolithic Semiconductors CHA3024-99F_15 Datasheet HTML 5Page - United Monolithic Semiconductors CHA3024-99F_15 Datasheet HTML 6Page - United Monolithic Semiconductors CHA3024-99F_15 Datasheet HTML 7Page - United Monolithic Semiconductors CHA3024-99F_15 Datasheet HTML 8Page - United Monolithic Semiconductors CHA3024-99F_15 Datasheet HTML 9Page - United Monolithic Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
CHA3024-99F
2-22GHz LNA with AGC
Ref. : DSCHA30244242 - 29 Aug 14
2/12
Specifications subject to change without notice
Bât. Charmille - Parc SILIC - 10, Avenue du Québec - 91140 VILLEBON-SUR-YVETTE - France
Tel.: +33 (0) 1 69 86 32 00 - Fax: +33 (0) 1 69 86 34 34
Electrical Characteristics
Tamb.= +25°C,Vg1 to be set in order to have Idq=100mA, Vg2=1.7V
Symbol
Parameter
Min
Typ
Max
Unit
Freq
Frequency range
2
22
GHz
Gain
Linear Gain
15
dB
NF
Noise Figure
3
dB
IRL
Input Return Loss
17
dB
ORL
Output Return Loss
17
dB
P1dB
Output power for 1dB Compression
18
dBm
Psat
Saturated output power
20
dBm
OIP3
Output Third Order Intercept
30
dBm
Idq
Quiescent current on Vd
100
mA
Vd
Supply voltage on Vd
4.5
5
5.5
V
Id
Drain current @3dB gain compression
120
mA
The values are
representative of typical “test fixture” measurements as defined on the
drawing in
paragraph “Evaluation test fixture”.
Typical Bias Conditions
Tamb.= +25°C
Symbol
Pad N
o
Parameter
Values
Unit
Vg1
6
Gate control1 for the amplifier
-0.4
V
Vg2
2
Gate control2 for the amplifier
1.7
V
Vd
3
Drain Voltage
5
V
The associated drain current with no RF input power is Idq=100mA
This typical bias is recommended in order to get the best compromise between output power,
linearity and Noise Figure performance vs. Temperature.


Similar Part No. - CHA3024-99F_15

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA3024-QGG UMS-CHA3024-QGG Datasheet
578Kb / 16P
   2-22GHz LNA with AGC
CHA3024-QGG UMS-CHA3024-QGG_15 Datasheet
578Kb / 16P
   2-22GHz LNA with AGC
More results

Similar Description - CHA3024-99F_15

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA3024-QGG UMS-CHA3024-QGG_15 Datasheet
578Kb / 16P
   2-22GHz LNA with AGC
logo
TriQuint Semiconductor
TGA2513-SM TRIQUINT-TGA2513-SM Datasheet
183Kb / 10P
   2-20 GHz LNA with AGC
TGA2513-EPU TRIQUINT-TGA2513-EPU Datasheet
898Kb / 10P
   Wideband LNA with AGC
logo
Zarlink Semiconductor I...
SL1914AKG ZARLINK-SL1914AKG Datasheet
118Kb / 9P
   SATELLITE TUNER FRONT END LNA WITH AGC
SL2150D ZARLINK-SL2150D Datasheet
319Kb / 16P
   Cable Tuner Front End LNA with AGC
logo
Mitel Networks Corporat...
SL1914 MITEL-SL1914 Datasheet
84Kb / 6P
   Satellite Tuner Front End LNA with AGC
logo
Maxim Integrated Produc...
MAX3558 MAXIM-MAX3558 Datasheet
224Kb / 8P
   Quad-Output LNA with AGC for Cable TV Applications
Rev 1; 6/06
logo
TriQuint Semiconductor
TGA2525 TRIQUINT-TGA2525_15 Datasheet
498Kb / 12P
   2 18 GHz Low Noise Amplifier with AGC
logo
Qorvo, Inc
TGA2526 QORVO-TGA2526 Datasheet
293Kb / 14P
   2-20 GHz Low Noise Amplifier with AGC
TGA2525 QORVO-TGA2525 Datasheet
584Kb / 13P
   2-18 GHz Low Noise Amplifier with AGC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com