Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CHA2494-QEG Datasheet(PDF) 9 Page - United Monolithic Semiconductors

Part # CHA2494-QEG
Description  34-44GHz Low Noise Amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHA2494-QEG Datasheet(HTML) 9 Page - United Monolithic Semiconductors

Back Button CHA2494-QEG Datasheet HTML 5Page - United Monolithic Semiconductors CHA2494-QEG Datasheet HTML 6Page - United Monolithic Semiconductors CHA2494-QEG Datasheet HTML 7Page - United Monolithic Semiconductors CHA2494-QEG Datasheet HTML 8Page - United Monolithic Semiconductors CHA2494-QEG Datasheet HTML 9Page - United Monolithic Semiconductors CHA2494-QEG Datasheet HTML 10Page - United Monolithic Semiconductors CHA2494-QEG Datasheet HTML 11Page - United Monolithic Semiconductors CHA2494-QEG Datasheet HTML 12Page - United Monolithic Semiconductors CHA2494-QEG Datasheet HTML 13Page - United Monolithic Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
34-44GHz Low Noise Amplifier
CHA2494-QEG
Ref. : DSCHA2494-QEG2152 - 31 May 12
9/14
Specifications subject to change without notice
Bât. Charmille - Parc SILIC - 10, Avenue du Québec - 91140 VILLEBON-SUR-YVETTE - France
Tel.: +33 (0) 1 69 86 32 00 - Fax: +33 (0) 1 69 86 34 34
Definition of the Sij reference planes
The
reference
planes
used
for
Sij
measurements given above are symmetrical
from the symmetrical axis of the package
(see drawing beside). The input and output
reference planes are located at 3.7mm offset
(input wise and output wise respectively)
from this axis. Then, the given Sij parameters
incorporate the land pattern of the evaluation
motherboard recommended in paragraph
"Evaluation mother board".


Similar Part No. - CHA2494-QEG

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA2494-98F UMS-CHA2494-98F Datasheet
231Kb / 12P
   34-44GHz Low Noise Amplifier
CHA2494-98F UMS-CHA2494-98F_15 Datasheet
231Kb / 12P
   34-44GHz Low Noise Amplifier
More results

Similar Description - CHA2494-QEG

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA2494-98F UMS-CHA2494-98F_15 Datasheet
231Kb / 12P
   34-44GHz Low Noise Amplifier
CHA2194 UMS-CHA2194_15 Datasheet
224Kb / 10P
   36-44GHz Low Noise Amplifier
CHA2194 UMS-CHA2194 Datasheet
195Kb / 10P
   36-44GHz Low Noise Amplifier
logo
Custom MMIC Design Serv...
CMD162 MMIC-CMD162 Datasheet
214Kb / 9P
   26-34 GHz Low Noise Amplifier
CMD188 MMIC-CMD188 Datasheet
222Kb / 10P
   26-34 GHz Low Noise Amplifier
logo
American Accurate Compo...
JXWBLA-5845-6430-20 AAC-JXWBLA-5845-6430-20 Datasheet
99Kb / 1P
   Low Noise Amplifier
JXWBLA-T-0.1-100-15 AAC-JXWBLA-T-0.1-100-15 Datasheet
62Kb / 1P
   Low Noise Amplifier
JXWBLA-T-10.7-12.7-20 AAC-JXWBLA-T-10.7-12.7-20 Datasheet
56Kb / 1P
   Low Noise Amplifier
JXWBLA-T-85-115-42 AAC-JXWBLA-T-85-115-42 Datasheet
74Kb / 1P
   Low Noise Amplifier
JXWBLA-T-880-960-15 AAC-JXWBLA-T-880-960-15 Datasheet
59Kb / 1P
   Low Noise Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com