Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PMEG6020AELP Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PMEG6020AELP
Description  60 V, 2 A low leakage current Schottky barrier rectifier
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PMEG6020AELP Datasheet(HTML) 2 Page - NXP Semiconductors

  PMEG6020AELP_15 Datasheet HTML 1Page - NXP Semiconductors PMEG6020AELP_15 Datasheet HTML 2Page - NXP Semiconductors PMEG6020AELP_15 Datasheet HTML 3Page - NXP Semiconductors PMEG6020AELP_15 Datasheet HTML 4Page - NXP Semiconductors PMEG6020AELP_15 Datasheet HTML 5Page - NXP Semiconductors PMEG6020AELP_15 Datasheet HTML 6Page - NXP Semiconductors PMEG6020AELP_15 Datasheet HTML 7Page - NXP Semiconductors PMEG6020AELP_15 Datasheet HTML 8Page - NXP Semiconductors PMEG6020AELP_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
NXP Semiconductors
PMEG6020AELP
60 V, 2 A low leakage current Schottky barrier rectifier
PMEG6020AELP
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved
Product data sheet
8 May 2015
2 / 15
5. Pinning information
Table 2.
Pinning information
Pin
Symbol Description
Simplified outline
Graphic symbol
1
K
cathode[1]
2
A
anode
1
2
SOD128
sym001
1
2
[1] The marking bar indicates the cathode.
6. Ordering information
Table 3.
Ordering information
Package
Type number
Name
Description
Version
PMEG6020AELP
SOD128
plastic surface-mounted package; 2 leads
SOD128
7. Marking
Table 4.
Marking codes
Type number
Marking code
PMEG6020AELP
DL


Similar Part No. - PMEG6020AELP_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PMEG6020AELP-Q NEXPERIA-PMEG6020AELP-Q Datasheet
259Kb / 13P
   60 V, 2 A low leakage current Schottky barrier rectifier
20 February 2023
More results

Similar Description - PMEG6020AELP_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMEG6020AELR PHILIPS-PMEG6020AELR_15 Datasheet
213Kb / 15P
   60 V, 2 A low leakage current Schottky barrier rectifier
19 June 2015
PMEG6020ELR PHILIPS-PMEG6020ELR_15 Datasheet
216Kb / 15P
   60 V, 2 A low leakage current Schottky barrier rectifier
3 June 2014
logo
Nexperia B.V. All right...
PMEG6020AELP-Q NEXPERIA-PMEG6020AELP-Q Datasheet
259Kb / 13P
   60 V, 2 A low leakage current Schottky barrier rectifier
20 February 2023
PMEG6020AELR-Q NEXPERIA-PMEG6020AELR-Q Datasheet
264Kb / 14P
   60 V, 2 A low leakage current Schottky barrier rectifier
22 December 2022
PMEG6020ELR-Q NEXPERIA-PMEG6020ELR-Q Datasheet
262Kb / 14P
   60 V, 2 A low leakage current Schottky barrier rectifier
22 December 2022
PMEG6020AELP NEXPERIA-PMEG6020AELP Datasheet
258Kb / 14P
   60 V, 2 A low leakage current Schottky barrier rectifier
PMEG6020AELR NEXPERIA-PMEG6020AELR Datasheet
255Kb / 14P
   60 V, 2 A low leakage current Schottky barrier rectifier
PMEG6020ELR NEXPERIA-PMEG6020ELR Datasheet
251Kb / 14P
   60 V, 2 A low leakage current Schottky barrier rectifier
PMEG60T20ELR NEXPERIA-PMEG60T20ELR Datasheet
233Kb / 14P
   60 V, 2 A low leakage current Trench MEGA Schottky barrier rectifier
PMEG60T20ELP NEXPERIA-PMEG60T20ELP Datasheet
848Kb / 12P
   60 V, 2 A low leakage current Trench MEGA Schottky barrier rectifier
1 April 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com