Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PMEG4020EPK Datasheet(PDF) 8 Page - NXP Semiconductors

Part # PMEG4020EPK
Description  40 V, 2 A low VF MEGA Schottky barrier rectifier
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PMEG4020EPK Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button PMEG4020EPK_15 Datasheet HTML 4Page - NXP Semiconductors PMEG4020EPK_15 Datasheet HTML 5Page - NXP Semiconductors PMEG4020EPK_15 Datasheet HTML 6Page - NXP Semiconductors PMEG4020EPK_15 Datasheet HTML 7Page - NXP Semiconductors PMEG4020EPK_15 Datasheet HTML 8Page - NXP Semiconductors PMEG4020EPK_15 Datasheet HTML 9Page - NXP Semiconductors PMEG4020EPK_15 Datasheet HTML 10Page - NXP Semiconductors PMEG4020EPK_15 Datasheet HTML 11Page - NXP Semiconductors PMEG4020EPK_15 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
NXP Semiconductors
PMEG4020EPK
40 V, 2 A low VF MEGA Schottky barrier rectifier
PMEG4020EPK
All information provided in this document is subject to legal disclaimers.
© NXP N.V. 2014. All rights reserved
Product data sheet
11 February 2014
8 / 15
VR (V)
0
40
30
10
20
006aad042
0.10
0.05
0.15
0.20
PR(AV)
(W)
0.00
(1)
(2)
(3)
(4)
Tj = 125 °C
(1) δ = 1
(2) δ = 0.9
(3) δ = 0.8
(4) δ = 0.5
Fig. 9. Average reverse power dissipation as a
function of reverse voltage; typical values
Tamb (°C)
0
50
100
150
175
125
75
25
006aad064
0.75
1.50
2.25
IF(AV)
(A)
0
(1)
(2)
(3)
(4)
FR4 PCB, standard footprint
Tj = 150 °C
(1) δ = 1 (DC)
(2) δ = 0.5; f = 20 kHz
(3) δ = 0.2; f = 20 kHz
(4) δ = 0.1; f = 20 kHz
Fig. 10. Average forward current as a function of
ambient temperature; typical values
Tamb (°C)
0
50
100
150
175
125
75
25
006aad065
1
2
3
IF(AV)
(A)
0
(1)
(2)
(3)
(4)
FR4 PCB, mounting pad for cathode 1 cm2
Tj = 150 °C
(1) δ = 1 (DC)
(2) δ = 0.5; f = 20 kHz
(3) δ = 0.2; f = 20 kHz
(4) δ = 0.1; f = 20 kHz
Fig. 11. Average forward current as a function of
ambient temperature; typical values
Tamb (°C)
0
50
100
150
175
125
75
25
006aad066
1
2
3
IF(AV)
(A)
0
(1)
(2)
(3)
(4)
Ceramic PCB, Al2O3, standard footprint
Tj = 150 °C
(1) δ = 1 (DC)
(2) δ = 0.5; f = 20 kHz
(3) δ = 0.2; f = 20 kHz
(4) δ = 0.1; f = 20 kHz
Fig. 12. Average forward current as a function of
ambient temperature; typical values


Similar Part No. - PMEG4020EPK_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PMEG4020EPK NEXPERIA-PMEG4020EPK Datasheet
703Kb / 15P
   40 V, 2 A low VF MEGA Schottky barrier rectifier
More results

Similar Description - PMEG4020EPK_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PMEG4020EPAS NEXPERIA-PMEG4020EPAS Datasheet
710Kb / 15P
   40 V, 2 A low VF MEGA Schottky barrier rectifier
PMEG4020ETR NEXPERIA-PMEG4020ETR Datasheet
229Kb / 13P
   40 V, 2 A low VF MEGA Schottky barrier rectifier
logo
NXP Semiconductors
PMEG4020ETP NXP-PMEG4020ETP Datasheet
160Kb / 14P
   40 V, 2 A low VF MEGA Schottky barrier rectifier
Rev. 1-5 October 2011
PMEG4020EPAS PHILIPS-PMEG4020EPAS_15 Datasheet
227Kb / 15P
   40 V, 2 A low VF MEGA Schottky barrier rectifier
19 January 2015
logo
Nexperia B.V. All right...
PMEG4020EPK NEXPERIA-PMEG4020EPK Datasheet
703Kb / 15P
   40 V, 2 A low VF MEGA Schottky barrier rectifier
PMEG40T20EP-Q NEXPERIA-PMEG40T20EP-Q Datasheet
245Kb / 13P
   40 V, 2 A low VF Trench MEGA Schottky barrier rectifier
9 November 2021
PMEG40T20ER NEXPERIA-PMEG40T20ER Datasheet
229Kb / 14P
   40 V, 2 A low VF Trench MEGA Schottky barrier rectifier
PMEG40T20ER-Q NEXPERIA-PMEG40T20ER-Q Datasheet
251Kb / 13P
   40 V, 2 A low VF Trench MEGA Schottky barrier rectifier
8 November 2021
PMEG40T20EP NEXPERIA-PMEG40T20EP Datasheet
227Kb / 14P
   40 V, 2 A low VF Trench MEGA Schottky barrier rectifier
logo
NXP Semiconductors
PMEG4010EPK PHILIPS-PMEG4010EPK_15 Datasheet
1Mb / 14P
   40 V, 1 A low VF MEGA Schottky barrier rectifier
Rev. 2-6 March 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com