Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CHA2292 Datasheet(PDF) 3 Page - United Monolithic Semiconductors

Part # CHA2292
Description  16-24GHz Low Noise, Variable Gain Amplifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHA2292 Datasheet(HTML) 3 Page - United Monolithic Semiconductors

  CHA2292 Datasheet HTML 1Page - United Monolithic Semiconductors CHA2292 Datasheet HTML 2Page - United Monolithic Semiconductors CHA2292 Datasheet HTML 3Page - United Monolithic Semiconductors CHA2292 Datasheet HTML 4Page - United Monolithic Semiconductors CHA2292 Datasheet HTML 5Page - United Monolithic Semiconductors CHA2292 Datasheet HTML 6Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
16-24GHz LNA VGA
CHA2292
Ref. DSCHA22927150 - 20 May 07
3/6
Specifications subject to change without notice
Route Départementale 128 , B.P.46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
Typical on wafer Measurements
Bias Conditions:
V5=Vd2, 3, 4=5V, Vg1 for Id1=35mA, Vg=-0.3V, Vc=+1.2V
Gain & Noise Figure versus frequency
Typical on-wafer Gain & Return Loss


Similar Part No. - CHA2292

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA2292 UMS-CHA2292 Datasheet
136Kb / 6P
   17-24GHz Low Noise, Variable Gain Amplifier
CHA2292 UMS-CHA2292 Datasheet
221Kb / 7P
   16-24GHz Low Noise, Variable Gain Amplifier
CHA2292-99F/00 UMS-CHA2292-99F/00 Datasheet
136Kb / 6P
   17-24GHz Low Noise, Variable Gain Amplifier
CHA2292-99F/00 UMS-CHA2292-99F/00 Datasheet
221Kb / 7P
   16-24GHz Low Noise, Variable Gain Amplifier
CHA2292 UMS-CHA2292_07 Datasheet
221Kb / 7P
   16-24GHz Low Noise, Variable Gain Amplifier
More results

Similar Description - CHA2292

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA2292 UMS-CHA2292_07 Datasheet
221Kb / 7P
   16-24GHz Low Noise, Variable Gain Amplifier
CHA2292 UMS-CHA2292 Datasheet
136Kb / 6P
   17-24GHz Low Noise, Variable Gain Amplifier
CHA4863-QGG UMS-CHA4863-QGG Datasheet
467Kb / 14P
   17-24GHz Variable Gain Amplifier
logo
DAICO Industries, Inc.
DAML6273 DAICO-DAML6273 Datasheet
176Kb / 1P
   Variable Gain Low Noise Amplifier
DAML6275 DAICO-DAML6275 Datasheet
157Kb / 1P
   Variable Gain Low Noise Amplifier
DAML6274 DAICO-DAML6274 Datasheet
156Kb / 1P
   Variable Gain Low Noise Amplifier
DAML6280 DAICO-DAML6280 Datasheet
183Kb / 1P
   Variable Gain Low Noise Amplifier
logo
United Monolithic Semic...
CHA2090 UMS-CHA2090 Datasheet
130Kb / 8P
   17-24GHz Low Noise Amplifier
logo
Fujitsu Component Limit...
FMM5701X FUJITSU-FMM5701X Datasheet
150Kb / 4P
   24GHz Low Noise Amplifier MMIC
logo
United Monolithic Semic...
CHA2294 UMS-CHA2294_07 Datasheet
181Kb / 6P
   35-40GHz Low Noise, Variable Gain Amplifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com