Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CHA2260-QAG Datasheet(PDF) 1 Page - United Monolithic Semiconductors

Part # CHA2260-QAG
Description  18-27GHz Low Noise Amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHA2260-QAG Datasheet(HTML) 1 Page - United Monolithic Semiconductors

  CHA2260-QAG Datasheet HTML 1Page - United Monolithic Semiconductors CHA2260-QAG Datasheet HTML 2Page - United Monolithic Semiconductors CHA2260-QAG Datasheet HTML 3Page - United Monolithic Semiconductors CHA2260-QAG Datasheet HTML 4Page - United Monolithic Semiconductors CHA2260-QAG Datasheet HTML 5Page - United Monolithic Semiconductors CHA2260-QAG Datasheet HTML 6Page - United Monolithic Semiconductors CHA2260-QAG Datasheet HTML 7Page - United Monolithic Semiconductors CHA2260-QAG Datasheet HTML 8Page - United Monolithic Semiconductors CHA2260-QAG Datasheet HTML 9Page - United Monolithic Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
CHA2260-QAG
Ref. : DSCHA2260-QAG3150 - 30 May 13
1/14
Specifications subject to change without notice
United Monolithic Semiconductors S.A.S.
Bât. Charmille - Parc SILIC - 10, Avenue du Québec - 91140 VILLEBON-SUR-YVETTE - France
Tel.: +33 (0) 1 69 86 32 00 - Fax: +33 (0) 1 69 86 34 34
18-27GHz Low Noise Amplifier
GaAs Monolithic Microwave IC in SMD leadless package
Description
The CHA2260-QAG is a low noise amplifier
monolithic circuit, which integrates 3-stages
self biased.
It
is
designed
for
a
wide
range
of
applications, from military to commercial
communication systems.
The circuit is manufactured with a pHEMT
process, 0.25µm gate length.
It is supplied in RoHS compliant SMD
package.
Main Features
Noise Figure
■ Broadband performance: 18-27GHz
■ 26dB Gain
■ 2.2dB Noise Figure
■ 13dBm Pout
■ 23dBm Output IP3
■ DC bias: Vd=3.5Volt@Id=65mA
■ 16L-QFN3x3
■ MSL1
Main Electrical Characteristics
Tamb.= +25°C
Symbol
Parameter
Min
Typ
Max
Unit
Freq
Frequency range
18
27
GHz
Gain
Linear Gain
26
dB
NF
Noise Figure
2.2
dB
Pout
Output Power @1dB comp.
13
dBm
1.2
1.4
1.6
1.8
2
2.2
2.4
2.6
2.8
3
3.2
20
21
22
23
24
25
26
27
28
29
30
Frequency (GHz)
3.0 V
3.5 V
UMS
A2260
YYWW
UMS
A3667A
YYWWG
UMS
A3667A
YYWWG
UMS
A3688A
YYWWG
UMS
A3667A
YYWWG
UMS
A3667A
YYWWG
UMS
A3688A
YYWWG
UMS
A3667A
YYWWG
UMS
A3667A
YYWWG
UMS
A3688A
YYWWG
UMS
A3667A
YYWWG
UMS
A3667A
YYWWG
UMS
A3688A
YYWWG


Similar Part No. - CHA2260-QAG

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA2266 UMS-CHA2266 Datasheet
124Kb / 7P
   12.5-17GHz Low-Noise Driver Amplifier
CHA2266 UMS-CHA2266 Datasheet
226Kb / 8P
   12.5-17GHz Low-Noise Driver Amplifier
CHA2266 UMS-CHA2266 Datasheet
166Kb / 8P
   GaAs Monolithic Microwave IC
CHA2266-99F/00 UMS-CHA2266-99F/00 Datasheet
124Kb / 7P
   12.5-17GHz Low-Noise Driver Amplifier
CHA2266 UMS-CHA2266_07 Datasheet
226Kb / 8P
   12.5-17GHz Low-Noise Driver Amplifier
More results

Similar Description - CHA2260-QAG

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA2069RAF UMS-CHA2069RAF Datasheet
171Kb / 7P
   18-31GHz Low Noise Amplifier
CHA2069-99F UMS-CHA2069-99F_15 Datasheet
261Kb / 8P
   18-31GHz Low Noise Amplifier
CHA2092B UMS-CHA2092B Datasheet
87Kb / 6P
   18-32GHz Low Noise Amplifier
CHA2092B UMS-CHA2092B_15 Datasheet
107Kb / 6P
   18-32GHz Low Noise Amplifier
CHA2069 UMS-CHA2069 Datasheet
167Kb / 8P
   18-31GHz Low Noise Amplifier
CHA2069-QDG UMS-CHA2069-QDG Datasheet
439Kb / 18P
   18-30GHz Low Noise Amplifier
CHA2693-QAG UMS-CHA2693-QAG Datasheet
414Kb / 12P
   18-30GHz Low Noise Amplifier
VGA-P014458-QGG UMS-VGA-P014458-QGG Datasheet
723Kb / 16P
   17-27GHz Variable Gain Amplifier
logo
TriQuint Semiconductor
TGA8344-SCC TRIQUINT-TGA8344-SCC Datasheet
499Kb / 11P
   2 - 18 GHz Low Noise Amplifier
logo
Custom MMIC Design Serv...
CMD157 MMIC-CMD157 Datasheet
214Kb / 9P
   6-18 GHz Low Noise Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com