Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PMEG4010EPK Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PMEG4010EPK
Description  40 V, 1 A low VF MEGA Schottky barrier rectifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PMEG4010EPK Datasheet(HTML) 5 Page - NXP Semiconductors

  PMEG4010EPK_15 Datasheet HTML 1Page - NXP Semiconductors PMEG4010EPK_15 Datasheet HTML 2Page - NXP Semiconductors PMEG4010EPK_15 Datasheet HTML 3Page - NXP Semiconductors PMEG4010EPK_15 Datasheet HTML 4Page - NXP Semiconductors PMEG4010EPK_15 Datasheet HTML 5Page - NXP Semiconductors PMEG4010EPK_15 Datasheet HTML 6Page - NXP Semiconductors PMEG4010EPK_15 Datasheet HTML 7Page - NXP Semiconductors PMEG4010EPK_15 Datasheet HTML 8Page - NXP Semiconductors PMEG4010EPK_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
PMEG4010EPK
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 2 — 6 March 2012
5 of 14
NXP Semiconductors
PMEG4010EPK
40 V, 1 A low VF MEGA Schottky barrier rectifier
7.
Characteristics
Ceramic PCB, Al2O3, standard footprint
Fig 4.
Transient thermal impedance from junction to ambient as a function of pulse duration; typical values
006aac999
tp (s)
10-3
102
103
10
1
10-2
10-1
102
Zth(j-a)
(K/W)
10
duty cycle =
1
0.75
0.5
0.33
0.25
0.2
0.1
0.02
0.01
0
0.05
Table 7.
Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VF
forward voltage
IF = 100 mA; pulsed; tp ≤ 300 µs;
δ≤ 0.02; Tj =25 °C
-
345
390
mV
IF = 500 mA; pulsed; tp ≤ 300 µs;
δ≤ 0.02; Tj =25 °C
-
440
500
mV
IF = 700 mA; pulsed; tp ≤ 300 µs;
δ≤ 0.02; Tj =25 °C
-
480
550
mV
IF = 1 A; pulsed; tp ≤ 300 µs; δ≤ 0.02;
Tj =25°C
-
540
600
mV
IR
reverse current
VR =10V; Tj = 25 °C
-
0.6
4
µA
VR =40V; Tj =25 °C
-
3
20
µA
Cd
diode capacitance
VR = 1 V; f = 1 MHz; Tj = 25 °C
-
50
60
pF
VR =10V; f=1MHz; Tj = 25 °C
-
20
25
pF
trr
reverse recovery time
IF = 0.5 A; IR = 0.5 A; IR(meas) =0.1 A;
Tj =25°C
-3
-ns
VFRM
peak forward recovery
voltage
IF = 0.5 A; dIF/dt = 20 A/µs; Tj = 25 °C
-
460
-
mV


Similar Part No. - PMEG4010EPK_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMEG4010EPK PHILIPS-PMEG4010EPK Datasheet
1Mb / 14P
   40 V, 1 A low VF MEGA Schottky barrier rectifier
Rev. 2-6 March 2012
logo
Nexperia B.V. All right...
PMEG4010EPK NEXPERIA-PMEG4010EPK Datasheet
231Kb / 14P
   40 V, 1 A low VF MEGA Schottky barrier rectifier
18 January 2018
More results

Similar Description - PMEG4010EPK_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMEG4010ETP PHILIPS-PMEG4010ETP Datasheet
166Kb / 14P
   40 V, 1 A low VF MEGA Schottky barrier rectifier
Rev. 1-5 October 2011
PMEG4010ESB NXP-PMEG4010ESB Datasheet
204Kb / 14P
   40 V, 1 A low VF MEGA Schottky barrier rectifier
24 June 2015
logo
Nexperia B.V. All right...
PMEG4010EPK NEXPERIA-PMEG4010EPK Datasheet
231Kb / 14P
   40 V, 1 A low VF MEGA Schottky barrier rectifier
18 January 2018
logo
NXP Semiconductors
PMEG4010EPK PHILIPS-PMEG4010EPK Datasheet
1Mb / 14P
   40 V, 1 A low VF MEGA Schottky barrier rectifier
Rev. 2-6 March 2012
logo
Nexperia B.V. All right...
PMEG4010CEGW NEXPERIA-PMEG4010CEGW Datasheet
720Kb / 12P
   40 V, 1 A low VF MEGA Schottky barrier rectifier
PMEG4010CEA NEXPERIA-PMEG4010CEA Datasheet
697Kb / 14P
   40 V, 1 A low VF MEGA Schottky barrier rectifier
PMEG4010AESB NEXPERIA-PMEG4010AESB Datasheet
700Kb / 14P
   40 V, 1 A low VF MEGA Schottky barrier rectifier
6 October 2015
logo
NXP Semiconductors
PMEG4010AESB NXP-PMEG4010AESB Datasheet
211Kb / 14P
   40 V, 1 A low VF MEGA Schottky barrier rectifier
6 October 2015
logo
Nexperia B.V. All right...
PMEG4010EGW NEXPERIA-PMEG4010EGW Datasheet
683Kb / 12P
   40 V, 1 A low VF MEGA Schottky barrier rectifier
PMEG4010EGW-Q NEXPERIA-PMEG4010EGW-Q Datasheet
222Kb / 11P
   40 V, 1 A low VF MEGA Schottky barrier rectifier
10 August 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com