Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CHA2159 Datasheet(PDF) 4 Page - United Monolithic Semiconductors

Part # CHA2159
Description  55-65GHz Low Noise / Medium Power Amplifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHA2159 Datasheet(HTML) 4 Page - United Monolithic Semiconductors

  CHA2159_15 Datasheet HTML 1Page - United Monolithic Semiconductors CHA2159_15 Datasheet HTML 2Page - United Monolithic Semiconductors CHA2159_15 Datasheet HTML 3Page - United Monolithic Semiconductors CHA2159_15 Datasheet HTML 4Page - United Monolithic Semiconductors CHA2159_15 Datasheet HTML 5Page - United Monolithic Semiconductors CHA2159_15 Datasheet HTML 6Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
CHA2159
55-65GHz Low Noise Amplifier
Ref. : DSCHA21597262 - 19 Sep 07
4/6
Specifications subject to change without notice
Route Départementale 128 , B.P.46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
Typical on Wafer Measurements
Bias conditions: Tamb = +25°C, Vd = 3.5V, Vg1 = Vg2 3 = Vg4 adjusted for Id = 115mA
Typical Gain, Return Losses and Noise figure
-16
-14
-12
-10
-8
-6
-4
-2
0
2
4
6
8
10
12
14
16
18
20
22
40
45
50
55
60
65
Frequency (GHz)
dBS11
dBS21
dBS22
NF Typ.
T yp ic a l O u tp u t P o w e r -1 d B
8
9
1 0
1 1
1 2
1 3
1 4
1 5
1 6
1 7
1 8
1 9
2 0
5 5
5 6
5 7
5 8
5 9
6 0
6 1
6 2
6 3
6 4
6 5
Fr e q u e n c y (GH z )


Similar Part No. - CHA2159_15

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA2159 UMS-CHA2159 Datasheet
203Kb / 6P
   55-65GHz Low Noise / Medium Power Amplifier
More results

Similar Description - CHA2159_15

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA2159 UMS-CHA2159 Datasheet
203Kb / 6P
   55-65GHz Low Noise / Medium Power Amplifier
CHA2157 UMS-CHA2157 Datasheet
112Kb / 6P
   55-60GHz Low Noise / Medium Power Amplifier
CHA2157 UMS-CHA2157_15 Datasheet
114Kb / 6P
   55-60GHz Low Noise / Medium Power Amplifier
CHA2157 UMS-CHA2157_07 Datasheet
165Kb / 6P
   55-60GHz Low Noise / Medium Power Amplifier
logo
American Accurate Compo...
JXWBLA-T-1000-10000-30 AAC-JXWBLA-T-1000-10000-30 Datasheet
37Kb / 1P
   Low Noise Medium Power Amplifier
logo
United Monolithic Semic...
CHM1298-99F UMS-CHM1298-99F_15 Datasheet
261Kb / 6P
   55-65GHz Single Side Band Mixer
MPC-P09828 UMS-MPC-P09828 Datasheet
128Kb / 6P
   55-65GHz Single Side Band Mixer
logo
Microsemi Corporation
MMA036AA MICROSEMI-MMA036AA Datasheet
504Kb / 7P
   DC to 65GHz Broadband MMIC Low-Noise Amplifier with PLFX
RevD
MMA034AA MICROSEMI-MMA034AA Datasheet
532Kb / 6P
   DC to 65GHz Broadband MMIC Medium-Power Amplifier with PLFX
Rev C
logo
United Monolithic Semic...
CHM1298-99F UMS-CHM1298-99F Datasheet
261Kb / 6P
   55-65GHz Single Side Band Mixer
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com