Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CHA2080-98F Datasheet(PDF) 9 Page - United Monolithic Semiconductors

Part # CHA2080-98F
Description  71-86GHz Low Noise Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHA2080-98F Datasheet(HTML) 9 Page - United Monolithic Semiconductors

Back Button CHA2080-98F_15 Datasheet HTML 4Page - United Monolithic Semiconductors CHA2080-98F_15 Datasheet HTML 5Page - United Monolithic Semiconductors CHA2080-98F_15 Datasheet HTML 6Page - United Monolithic Semiconductors CHA2080-98F_15 Datasheet HTML 7Page - United Monolithic Semiconductors CHA2080-98F_15 Datasheet HTML 8Page - United Monolithic Semiconductors CHA2080-98F_15 Datasheet HTML 9Page - United Monolithic Semiconductors CHA2080-98F_15 Datasheet HTML 10Page - United Monolithic Semiconductors CHA2080-98F_15 Datasheet HTML 11Page - United Monolithic Semiconductors CHA2080-98F_15 Datasheet HTML 12Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
71-86GHz Low Noise Amplifier
CHA2080-98F
Ref. : DSCHA20802355 - 20 Dec 12
9/12
Specifications subject to change without notice
Bât. Charmille - Parc SILIC - 10, Avenue du Québec - 91140 VILLEBON-SUR-YVETTE - France
Tel.: +33 (0) 1 69 86 32 00 - Fax: +33 (0) 1 69 86 34 34
Recommended chip assembly
The design of the circuit integrates a half ribbon (75µm wide) connection at the input and the
output of the MMIC amplifier compliant with a 50 Ohm line on GaAs MMIC.
Circuits having to be as close as possible to each other, the ribbon length must be reduced to
the achievable minimum (160µm gap between two chips is considered) and the loop height
must also be the smallest realizable (80µm).
A second solution is the use of double wires (Ø 25µm). In this case, a minimum of two wires
and the same chip to chip distance than ribbon solution are necessary to reduce the
inductance effect. Nevertheless, simulations have demonstrated an improvement of RF
performance for E-band frequency range with the use of ribbon connection instead of wire.
Regarding the connection of the DC pads, a 25µm wedge bonding is preferred.
120pF
120pF
120pF
160µm
Gap
75µm
Ribbon
To VG Power supply
10nF
10nF
Ribbon(W75µm,length≈330µm )
MMIC
CHA2080
Hyper
access
160µm
Hyper
access
85µm


Similar Part No. - CHA2080-98F_15

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA2063A UMS-CHA2063A Datasheet
135Kb / 10P
   7-13GHz Low Noise Amplifier
CHA2063A UMS-CHA2063A Datasheet
181Kb / 10P
   7-13GHz Low Noise Amplifier
CHA2063A UMS-CHA2063A_15 Datasheet
181Kb / 10P
   7-13GHz Low Noise Amplifier
CHA2066 UMS-CHA2066 Datasheet
128Kb / 8P
   10-16GHz Low Noise Amplifier
CHA2066 UMS-CHA2066 Datasheet
117Kb / 8P
   10-16GHz Low Noise Amplifier
More results

Similar Description - CHA2080-98F_15

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHR1080A98F UMS-CHR1080A98F_15 Datasheet
372Kb / 12P
   71-86GHz Down-converter
CHM1080-98F UMS-CHM1080-98F Datasheet
574Kb / 16P
   71-86GHz Single Side Band Mixer
logo
Hittite Microwave Corpo...
HMC-ALH459 HITTITE-HMC-ALH459 Datasheet
221Kb / 6P
   GaAs HEMT LOW NOISE AMPLIFIER, 71 - 86 GHz
HMC-ALH508 HITTITE-HMC-ALH508 Datasheet
220Kb / 6P
   GaAs HEMT LOW NOISE AMPLIFIER, 71 - 86 GHz
HMC-ALH508 HITTITE-HMC-ALH508_10 Datasheet
487Kb / 6P
   GaAs HEMT LOW NOISE AMPLIFIER, 71 - 86 GHz
HMC-ALH509 HITTITE-HMC-ALH509_09 Datasheet
192Kb / 6P
   GaAs HEMT LOW NOISE AMPLIFIER, 71 - 86 GHz
HMC-ALH509 HITTITE-HMC-ALH509 Datasheet
192Kb / 6P
   GaAs HEMT LOW NOISE AMPLIFIER, 71 - 86 GHz
HMC-ALH459 HITTITE-HMC-ALH459_10 Datasheet
168Kb / 6P
   GaAs HEMT LOW NOISE AMPLIFIER, 71 - 86 GHz
logo
Integrated Device Techn...
EXP8602 IDT-EXP8602 Datasheet
541Kb / 2P
   81GHz ??86GHz Medium Power Amplifier
logo
United Monolithic Semic...
CHA3090-98F UMS-CHA3090-98F_15 Datasheet
448Kb / 12P
   81-86GHz Medium Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com