Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CHA2069-FAA Datasheet(PDF) 4 Page - United Monolithic Semiconductors

Part # CHA2069-FAA
Description  16-32GHz Low Noise Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHA2069-FAA Datasheet(HTML) 4 Page - United Monolithic Semiconductors

  CHA2069-FAA_15 Datasheet HTML 1Page - United Monolithic Semiconductors CHA2069-FAA_15 Datasheet HTML 2Page - United Monolithic Semiconductors CHA2069-FAA_15 Datasheet HTML 3Page - United Monolithic Semiconductors CHA2069-FAA_15 Datasheet HTML 4Page - United Monolithic Semiconductors CHA2069-FAA_15 Datasheet HTML 5Page - United Monolithic Semiconductors CHA2069-FAA_15 Datasheet HTML 6Page - United Monolithic Semiconductors CHA2069-FAA_15 Datasheet HTML 7Page - United Monolithic Semiconductors CHA2069-FAA_15 Datasheet HTML 8Page - United Monolithic Semiconductors CHA2069-FAA_15 Datasheet HTML 9Page - United Monolithic Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
CHA2069-FAA
16-32GHz Low Noise Amplifier
Ref. : DSCHA2069-FAA2356 - 21 Dec 12
4/10
Specifications subject to change without notice
Bât. Charmille - Parc SILIC - 10, Avenue du Québec - 91140 VILLEBON-SUR-YVETTE - France
Tel.: +33 (0) 1 69 86 32 00 - Fax: +33 (0) 1 69 86 34 34
Typical boards Measurements
Temp = +25°C, Vd=4.5V Pads B, D, E grounded, C=F=NC.
Measurements in the connector planes, using the proposed land pattern & board 99622.
Linear Gain versus Frequency and Temperature
Input & Output matching
0
5
10
15
20
25
30
10
15
20
25
30
35
40
Frequency (GHz)
+25 C
-40 C
+85 C
-20
-18
-16
-14
-12
-10
-8
-6
-4
-2
0
10
15
20
25
30
35
40
Frequency (GHz)
dBS11
dBS22


Similar Part No. - CHA2069-FAA_15

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA2069-99F UMS-CHA2069-99F Datasheet
261Kb / 8P
   18-31GHz Low Noise Amplifier
CHA2069-99F/00 UMS-CHA2069-99F/00 Datasheet
167Kb / 8P
   18-31GHz Low Noise Amplifier
CHA2069-99F UMS-CHA2069-99F_15 Datasheet
261Kb / 8P
   18-31GHz Low Noise Amplifier
CHA2069-QDG UMS-CHA2069-QDG Datasheet
439Kb / 18P
   18-30GHz Low Noise Amplifier
More results

Similar Description - CHA2069-FAA_15

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA2092B UMS-CHA2092B_15 Datasheet
107Kb / 6P
   18-32GHz Low Noise Amplifier
CHA2092B UMS-CHA2092B Datasheet
87Kb / 6P
   18-32GHz Low Noise Amplifier
logo
M/A-COM Technology Solu...
AM-143-AMC-143 MA-COM-AM-143-AMC-143 Datasheet
85Kb / 3P
   Low Noise Amplifier, 16 dB Gain
logo
Custom MMIC Design Serv...
CMD307 MMIC-CMD307 Datasheet
244Kb / 12P
   8-16 GHz Low Noise Amplifier
CMD307P3 MMIC-CMD307P3 Datasheet
251Kb / 12P
   8-16 GHz Low Noise Amplifier
logo
Qorvo, Inc
CMD307P3 QORVO-CMD307P3 Datasheet
251Kb / 12P
   8-16 GHz Low Noise Amplifier
logo
Custom MMIC Design Serv...
CMD167P3 MMIC-CMD167P3 Datasheet
253Kb / 10P
   8-16 GHz Low Noise Amplifier
logo
Agilent(Hewlett-Packard...
AMMC-6231 HP-AMMC-6231 Datasheet
954Kb / 8P
   16-32 GHz Low Noise Amplifier
logo
Broadcom Corporation.
AMMC-6231 BOARDCOM-AMMC-6231 Datasheet
1Mb / 8P
   16??2 GHz Low Noise Amplifier
logo
Qorvo, Inc
CMD307 QORVO-CMD307_V01 Datasheet
272Kb / 13P
   8-16 GHz Low Noise Amplifier
August 19, 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com