Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LV324 Datasheet(PDF) 4 Page - Unisonic Technologies

Part # LV324
Description  OUTPUT OPERATIONAL AMPLIFIERS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LV324 Datasheet(HTML) 4 Page - Unisonic Technologies

  LV324_15 Datasheet HTML 1Page - Unisonic Technologies LV324_15 Datasheet HTML 2Page - Unisonic Technologies LV324_15 Datasheet HTML 3Page - Unisonic Technologies LV324_15 Datasheet HTML 4Page - Unisonic Technologies LV324_15 Datasheet HTML 5Page - Unisonic Technologies LV324_15 Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
LV324
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 6
www.unisonic.com.tw
QW-R502-A08.b
ABSOLUTE MAXIMUM RATING (Note)
PARAMETER
SYMBOL
RATINGS
UNIT
Differential Input Voltage
VIDM
±Supply Voltage
V
Supply Voltage (V
+-V-)
V
+-V-
5.5
V
Output Short Current to V
+
IO(SC)
Note 1
A
Output Short Current to V
-
IO(SC)
Note 2
A
Infrared or Convection (20sec)
235
°C
Operating Ratings
Supply Voltage
V
+-V-
2.7 ~ 5.5
V
Temperature Range
TA
-40 ~ +85
°C
Junction Temperature
TJ
150
°C
Storage Temperature Range
TSTG
-65 ~ 150
°C
Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. Shorting output to V
+ will adversely affect reliability.
3. Shorting output to V
- will adversely affect reliability.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
SOP-14
145
C/W
Thermal Resistance (Note)
TSSOP-14
θJA
155
C/W
Note: All numbers are typical, and apply for packages soldered directly onto a PC board in still air.
2.7V ELECTRICAL CHARACTERISTICS
All limits guaranteed for TJ=25°C, V
+=2.7V, V-=0V, VCM=1.0V, VOUT=V+/2 and RL>1MΩ, unless otherwise specified.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
(Note 6)
TYP
(Note 5)
MAX
(Note 6)
UNIT
DC CHARACTERISTICS
Input Offset Voltage
VOS
1.7
7
mV
Input Offset Voltage Average Drift
TCVOS
5
μV/°C
Input Bias Current
IB
11
250
nA
Input Offset Current
IOS
5
50
nA
Common Mode Rejection Ratio
CMRR 0V≤VCM≤1.7V
50
63
dB
Power Supply Rejection Ratio
PSRR 2.7V≤V
+≤5V, VO=1V
50
60
dB
0
-0.2
V
Input Common-Mode Voltage Range
VCM
For CMRR≥50dB
1.9
1.7
V
V
+-100 V+-10
mV
Output Swing
VOUT
RL=10kΩ to 1.35V
60
180
mV
Supply Current
IS
All four amplifiers
260
680
μA
AC CHARACTERISTICS
Gain-Bandwidth Product
GBWP CL=200pF
1
MHZ
Phase Margin
φm
60
Deg
Gain Margin
Gm
10
dB
Input-Referred Voltage Noise
en
f=1kHZ
46
nV/√HZ
Input-Referred Current Noise
in
f=1kHZ
0.17
pA/√HZ


Similar Part No. - LV324_15

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LV324G-P14-R UTC-LV324G-P14-R Datasheet
184Kb / 6P
   GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LV324G-P14-T UTC-LV324G-P14-T Datasheet
184Kb / 6P
   GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LV324G-S14-R UTC-LV324G-S14-R Datasheet
184Kb / 6P
   GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LV324G-S14-T UTC-LV324G-S14-T Datasheet
184Kb / 6P
   GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LV324L-P14-R UTC-LV324L-P14-R Datasheet
184Kb / 6P
   GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
More results

Similar Description - LV324_15

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM8271 SGMICRO-SGM8271 Datasheet
323Kb / 17P
   Output Operational Amplifiers
SGM8951 SGMICRO-SGM8951 Datasheet
337Kb / 13P
   Output Operational Amplifiers
SGM8294 SGMICRO-SGM8294 Datasheet
340Kb / 18P
   Output Operational Amplifiers
SGM8272 SGMICRO-SGM8272 Datasheet
323Kb / 17P
   Output Operational Amplifiers
SGM8292 SGMICRO-SGM8292 Datasheet
340Kb / 18P
   Output Operational Amplifiers
SGM8941 SGMICRO-SGM8941 Datasheet
327Kb / 12P
   Output Operational Amplifiers
SGM8942 SGMICRO-SGM8942 Datasheet
327Kb / 12P
   Output Operational Amplifiers
SGM8952 SGMICRO-SGM8952 Datasheet
337Kb / 13P
   Output Operational Amplifiers
SGM8291 SGMICRO-SGM8291 Datasheet
340Kb / 18P
   Output Operational Amplifiers
logo
Unisonic Technologies
L6132 UTC-L6132_15 Datasheet
451Kb / 11P
   OUTPUT OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com