Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A6058 Datasheet(PDF) 3 Page - Unisonic Technologies

Part # A6058
Description  FM FRONT-END
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

A6058 Datasheet(HTML) 3 Page - Unisonic Technologies

  A6058_15 Datasheet HTML 1Page - Unisonic Technologies A6058_15 Datasheet HTML 2Page - Unisonic Technologies A6058_15 Datasheet HTML 3Page - Unisonic Technologies A6058_15 Datasheet HTML 4Page - Unisonic Technologies A6058_15 Datasheet HTML 5Page - Unisonic Technologies A6058_15 Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
A6058
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
3 of 6
www.unisonic.com.tw
QW-R110-005,B
ABSOLUTE MAXIMUM RATING (Ta=25°С unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VCC
8
V
Power Dissipation
PD
500
mW
Operating Temperature
TOPR
-25 ~ +75
°С
Storage Temperature
TSTG
-55 ~ +150
°С
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS
(Ta=25°С, VCC=5V, f=83MHz, fm=1kHz, ∆f=22.5kHz, unless otherwise specified)
PARAMETER
SYMBOL
TEST
CIRCUIT
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Quiescent Current
IQ
VIN=0
5.2
8
mA
-3dB Limiting Sensitivity
VIN(LIMIT)
2
-3dB
3
7
dBµ
Quiescent Sensitivity
Qs
2
11
dBµ
Conversion Gain
Gc
31
dB
Local OSC Voltage
VOSC
1
fOSC=60MHz
90
165
220
mVRMS
Pin 1
Input
RIP1
3
57
Impedance
Parallel Resistance
Output
COP1
pF
Pin 3
Input
RIP3
3
f=83MHz
25
Impedance
Parallel Resistance
Output
COP3
2
pF
Pin 4
Input
RIP4
3
2.7
Impedance
Parallel Resistance
Output
COP4
3.3
pF
Pin 6
Input
RIP6
3
f=10.7MHz
100
Impedance
Parallel Resistance
Output
COP6
4.8
pF
Local OSC Stop Voltage
VSTOP
1
0.9
1.3
V


Similar Part No. - A6058_15

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
A6058 UTC-A6058_16 Datasheet
168Kb / 6P
   FM FRONT-END
More results

Similar Description - A6058_15

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA7358AP TOSHIBA-TA7358AP Datasheet
239Kb / 8P
   FM FRONT-END
logo
Samsung semiconductor
S1A0497X01 SAMSUNG-S1A0497X01 Datasheet
174Kb / 10P
   FM FRONT END
logo
Unisonic Technologies
A6058 UTC-A6058 Datasheet
197Kb / 6P
   FM FRONT-END
A6058 UTC-A6058_16 Datasheet
168Kb / 6P
   FM FRONT-END
TA7358P UTC-TA7358P Datasheet
85Kb / 5P
   FM FRONT-END
logo
New Japan Radio
NJM2236 NJRC-NJM2236 Datasheet
248Kb / 7P
   FM FRONT-END
logo
Toshiba Semiconductor
TA8116F TOSHIBA-TA8116F Datasheet
298Kb / 4P
   FM FRONT END
logo
Samsung semiconductor
KA22497-D SAMSUNG-KA22497-D Datasheet
227Kb / 10P
   FM FRONT END
logo
Toshiba Semiconductor
TA7358P TOSHIBA-TA7358P Datasheet
240Kb / 8P
   FM FRONT-END
logo
Rohm
BA4402 ROHM-BA4402 Datasheet
141Kb / 5P
   FM FRONT END
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com