Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

530XR2C Datasheet(PDF) 1 Page - HB Electronic Components

Part # 530XR2C
Description  Single color
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HB [HB Electronic Components]
Direct Link  http://www.hebeiltd.com.cn
Logo HB - HB Electronic Components

530XR2C Datasheet(HTML) 1 Page - HB Electronic Components

  530XR2C Datasheet HTML 1Page - HB Electronic Components 530XR2C Datasheet HTML 2Page - HB Electronic Components 530XR2C Datasheet HTML 3Page - HB Electronic Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Hebei I.T. (Shanghai) Co., Ltd.
Part No./型号:530XR2C
www.ledz.com
1/3
LED SPECIFICATION
Ø Features/特征:
l Single color/单色
l High bright output/高亮度输出
l Low power consumption/低功耗
l High reliability and long life/
可靠性高、寿命长
Ø Descriptions/描述:
l Dice material/芯片材质:AlGaInP
l Emitting Color/发光颜色:
Super Bright Red/ 高亮度红色
l Device Outline/产品外形:
φ5mm Round Type/ 5mm 圆形
l Lens Type 胶体颜色:
Water Clear/ 无色透明
Ø Directivity/指向特性:
1.
All dimensions are millimeters/单位:mm.
2.
Tolerance is +/-0.25mm unless otherwise noted/
没有标注的公差均为±0.25mm.
Radiation Angle/辐射角度
DIRECTIVITY/指向特性
60
°
90
°
1.0
30
°
0
°
0.5
30
°
60
°
0
°
1.0
0.5
90
°
0
Ta=25
° C
IF=20mA


Similar Part No. - 530XR2C

ManufacturerPart #DatasheetDescription
logo
HB Electronic Component...
530XB7C HB-530XB7C Datasheet
74Kb / 3P
   LED
530XG2C HB-530XG2C Datasheet
81Kb / 3P
   LED
530XW8C HB-530XW8C Datasheet
99Kb / 4P
   LED
530XWO4C HB-530XWO4C Datasheet
85Kb / 3P
   LED
530XY8C HB-530XY8C Datasheet
66Kb / 3P
   LED
More results

Similar Description - 530XR2C

ManufacturerPart #DatasheetDescription
logo
HB Electronic Component...
530PWC HB-530PWC Datasheet
1Mb / 11P
   Single color
7511PG2D-SB HB-7511PG2D-SB Datasheet
133Kb / 6P
   Single color
105XR2D HB-105XR2D Datasheet
207Kb / 3P
   Single color
515XWO4C HB-515XWO4C Datasheet
516Kb / 3P
   Single color
825MR2C HB-825MR2C Datasheet
386Kb / 6P
   Single color
825MY8C HB-825MY8C Datasheet
357Kb / 6P
   Single color
3751MR2D-SB HB-3751MR2D-SB Datasheet
130Kb / 6P
   Single color
3751PG2D-SB HB-3751PG2D-SB Datasheet
133Kb / 6P
   Single color
05W580EW6C HB-05W580EW6C Datasheet
1Mb / 8P
   Single color
LED-530LB5C HB-LED-530LB5C Datasheet
157Kb / 9P
   Single color
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com