Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

530RG5D-CC Datasheet(PDF) 1 Page - HB Electronic Components

Part # 530RG5D-CC
Description  High Luminous LEDs
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HB [HB Electronic Components]
Direct Link  http://www.hebeiltd.com.cn
Logo HB - HB Electronic Components

530RG5D-CC Datasheet(HTML) 1 Page - HB Electronic Components

  530RG5D-CC Datasheet HTML 1Page - HB Electronic Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
LED SPECIFICATION
Page: 1 of 1
Hebei I.T. (Shanghai) Co., Ltd
www.ledz.com
Features
Outline Dimension
High Luminous LEDs
5mm Round Standard Directivity
Superior Weather-resistance
UV Resistant Epoxy
White Diffused Type
Applications
Toys
Games
Audio
Other Lighting
2.54
2.54
0.5+0.1
Unit:mm
Tolerance:+0.3mm
5.0
1
2
3
2.Common Cathode
1,3.Anode
2
1
3
YG
Red
Absolute Maximum Rating
(Ta=25℃)
Directivity
Value
Item
Symbol
Red
YG
Unit
DC Forward Current
IF
30
30
mA
Pulse Forward Current*
IFP
100
100
mA
Reverse Voltage
VR
5
5
V
Power Dissipation
PD
78
78
mW
Operating Temperature
Topr
-30~ +85
Storage Temperature
Tstg
-40 ~ +100
Lead Soldering Temperature
Tsol
260
/5sec
-
*Pulse width Max.10ms Duty ratio max 1/10
0.5
30°
90°
60°
0
0
0.5
30°
60°
90°
11
Electrical -Optical Characteristics
(Ta=25℃)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
DC Forward Voltage
VF (Red)
IF=20mA
1.8
2.1
2.6
V
DC Forward Voltage
VF (YG)
IF=20mA
1.8
2.1
2.6
V
DC Reverse Current
IR
VR=5V
-
-
10
µA
λD (Red)
IF=20mA
620
625
630
nm
Domi. Wavelength*
λD (YG)
IF=20mA
565
570
575
nm
Iv (Red)
IF=20mA
500
750
-
mcd
Luminous Intensity*
Iv (YG)
IF=20mA
330
500
-
mcd
50% Power Angle
1/2
IF=20mA
-
30
-
deg
*1 Tolerance of dominant wavelength is +1nm
*2 Tolerance of luminous intensity is +15%
530RG5D-CC


Similar Part No. - 530RG5D-CC

ManufacturerPart #DatasheetDescription
logo
HB Electronic Component...
530RG5C-CC HB-530RG5C-CC Datasheet
554Kb / 1P
   High Luminous LEDs
More results

Similar Description - 530RG5D-CC

ManufacturerPart #DatasheetDescription
logo
HB Electronic Component...
530RG5C-CC HB-530RG5C-CC Datasheet
554Kb / 1P
   High Luminous LEDs
330RG5C-CC HB-330RG5C-CC Datasheet
732Kb / 1P
   High Luminous LEDs
logo
OptoSupply Internationa...
OSXXXX5111A-5JP OPTOSUPPLY-OSXXXX5111A-5JP Datasheet
107Kb / 1P
   High Luminous LEDs
logo
Roithner LaserTechnik G...
B56L5111P ROITHNER-B56L5111P Datasheet
283Kb / 4P
   High Luminous LEDs
logo
OptoSupply Internationa...
OSWAD479X1B OPTOSUPPLY-OSWAD479X1B Datasheet
118Kb / 1P
   High Luminous LEDs
logo
HB Electronic Component...
530RG2C-F2 HB-530RG2C-F2 Datasheet
606Kb / 1P
   High Luminous LEDs
logo
Roithner LaserTechnik G...
CY5111A-WY ROITHNER-CY5111A-WY Datasheet
203Kb / 3P
   high luminous leds
logo
OptoSupply Internationa...
OSXXXS5A32A-1V OPTOSUPPLY-OSXXXS5A32A-1V Datasheet
133Kb / 1P
   High Luminous LEDs
logo
Roithner LaserTechnik G...
CR5111A-WY ROITHNER-CR5111A-WY Datasheet
170Kb / 1P
   high luminous leds
logo
HB Electronic Component...
330RG5D-CC HB-330RG5D-CC Datasheet
673Kb / 1P
   High Luminous LEDs
logo
OptoSupply Internationa...
OSXXXR5A31A-1V OPTOSUPPLY-OSXXXR5A31A-1V Datasheet
133Kb / 1P
   High Luminous LEDs
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com