Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

530PWC Datasheet(PDF) 11 Page - HB Electronic Components

Part # 530PWC
Description  Single color
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HB [HB Electronic Components]
Direct Link  http://www.hebeiltd.com.cn
Logo HB - HB Electronic Components

530PWC Datasheet(HTML) 11 Page - HB Electronic Components

Back Button 530PWC Datasheet HTML 3Page - HB Electronic Components 530PWC Datasheet HTML 4Page - HB Electronic Components 530PWC Datasheet HTML 5Page - HB Electronic Components 530PWC Datasheet HTML 6Page - HB Electronic Components 530PWC Datasheet HTML 7Page - HB Electronic Components 530PWC Datasheet HTML 8Page - HB Electronic Components 530PWC Datasheet HTML 9Page - HB Electronic Components 530PWC Datasheet HTML 10Page - HB Electronic Components 530PWC Datasheet HTML 11Page - HB Electronic Components  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
Part No./型号:
3. Maintain a humidity level of 50% or higher in production areas.
生产现场湿度必须保持在50%或者更高。
4. Use anti-static packaging for transport and storage.
使用防静电包装,运输和储存。
Notes/备注
1. This datasheet will be update regularly, if there comes out any changes, pls confirmed by the latest
datasheet.
以上规格书会定期进行更新,如有改动,以最新规格书为准。
2. When using this product, please observe the absolute maximum ratings and the instructions for using
outlined in these specification sheets. HB assumes no responsibility for any damage resulting from
use of the product which does not comply with the absolute maximum ratings and the instructions
included in these specification sheets.
在使用本产品时,请注意参考规格书中的最大额定值和使用说明,如果没有遵照产品规格书中的最
大额定值以及使用说明而产生的不良后果,不在承诺范围之内。
LED SPECIFICATION
Hebei I.T. (Shanghai) Co., Lt d.
53 0PWC
Rev :B/3
Page: 11 of 11
www.ledz.com


Similar Part No. - 530PWC

ManufacturerPart #DatasheetDescription
logo
HB Electronic Component...
530PWO4C HB-530PWO4C Datasheet
170Kb / 4P
   5MM LED
More results

Similar Description - 530PWC

ManufacturerPart #DatasheetDescription
logo
HB Electronic Component...
530XR2C HB-530XR2C Datasheet
67Kb / 3P
   Single color
7511PG2D-SB HB-7511PG2D-SB Datasheet
133Kb / 6P
   Single color
105XR2D HB-105XR2D Datasheet
207Kb / 3P
   Single color
515XWO4C HB-515XWO4C Datasheet
516Kb / 3P
   Single color
825MR2C HB-825MR2C Datasheet
386Kb / 6P
   Single color
825MY8C HB-825MY8C Datasheet
357Kb / 6P
   Single color
3751MR2D-SB HB-3751MR2D-SB Datasheet
130Kb / 6P
   Single color
3751PG2D-SB HB-3751PG2D-SB Datasheet
133Kb / 6P
   Single color
05W580EW6C HB-05W580EW6C Datasheet
1Mb / 8P
   Single color
LED-530LB5C HB-LED-530LB5C Datasheet
157Kb / 9P
   Single color
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com