Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

520E940C Datasheet(PDF) 2 Page - HB Electronic Components

Part # 520E940C
Description  All Dimensions are in millimeters
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HB [HB Electronic Components]
Direct Link  http://www.hebeiltd.com.cn
Logo HB - HB Electronic Components

520E940C Datasheet(HTML) 2 Page - HB Electronic Components

  520E940C Datasheet HTML 1Page - HB Electronic Components 520E940C Datasheet HTML 2Page - HB Electronic Components 520E940C Datasheet HTML 3Page - HB Electronic Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
5.0mm INFRARED EMITTING DIODE
520E940C
REV:A / 0
FEATURES
* EXTRA HIGH RADIANT POWER AND RADIANT INBTENSITY
* LOW FORWARD VOLTAGE
* SUITABLE FOR HIGH PULSE CURRENT OPERATIONTENSITY
*HIGH RELIABILITY
CHIP MATERIALS
* Dice Material : GaA1As/GaAs
* Lens Color : WATER CLEAR
ABSOLUTE MAXIMUM RATING : ( Ta = 25°C )
SYMBOL
PARAMETER
INFRARED
UNIT
PD
Power Dissipation
100
mW
VR
Reverse Voltage
5
V
IF
Average Forward Current
100
mA
Topr
Operating Temperature Range
-35°C to 85°C
Tstg
Storage Temperature Range
-35°C to 85°C
Lead Soldering Temperature{1.6mm(0.063 inch) From Body}250°C ± 5°C for 3 Seconds
ELECTRO-OPTICAL CHARACTERISTICS : ( Ta = 25°C )
SYMBOL
PARAMETER
TEST
CONDITION
MIN. TYP. MAX. UNIT
VF
Forward Voltage
IF =
10mA
IF =
50mA
1.2
1.4
1.6
V
IR
Reverse Current
VR = 5V
10
µA
λP
Peak Emission Wavelength
IF =
10mA
940
nm
2θ1/2
Half Intensity Angle
IF =
10mA
2
2
deg
IE
Radiant Intensity
IF =
10mA
30
mw/sr
DRAWING NO. : DS-23-02-0005
DATE : 2002-02-28
Page :
2
QR0202-10C


Similar Part No. - 520E940C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
520E940C ETC1-520E940C Datasheet
164Kb / 3P
   5.0mm INFRARED EMITTING DIODE
More results

Similar Description - 520E940C

ManufacturerPart #DatasheetDescription
logo
Projects Unlimited, Inc...
AI-5025-TWT-R PUI-AI-5025-TWT-R Datasheet
261Kb / 1P
   ALL DIMENSIONS ARE IN MILLIMETERS
logo
A-BRIGHT Inc
AL-6B13WC-120 A-BRIGHT-AL-6B13WC-120 Datasheet
210Kb / 6P
   All dimensions are in millimeters
2009/2/24
AL-6R03WC-60 A-BRIGHT-AL-6R03WC-60 Datasheet
285Kb / 6P
   All dimensions are in millimeters
2007/4/24
AL-6SW1WC-120 A-BRIGHT-AL-6SW1WC-120 Datasheet
212Kb / 6P
   All dimensions are in millimeters
2009/2/24
AL-6SW3WC-120 A-BRIGHT-AL-6SW3WC-120 Datasheet
211Kb / 6P
   All dimensions are in millimeters
2009/2/24
AL-6UG1WC-60 A-BRIGHT-AL-6UG1WC-60 Datasheet
249Kb / 6P
   All dimensions are in millimeters
2009/9/11
AL-6UG1WC-120 A-BRIGHT-AL-6UG1WC-120 Datasheet
212Kb / 6P
   All dimensions are in millimeters
2009/2/24
AL-12R6W0CWC-A2X A-BRIGHT-AL-12R6W0CWC-A2X Datasheet
252Kb / 6P
   All dimensions are in millimeters
logo
COSMO Electronics Corp...
PS201LL-2 COSMO-PS201LL-2 Datasheet
69Kb / 2P
   All dimensions are in millimeters.
logo
A-BRIGHT Inc
AL-6A01WC-120 A-BRIGHT-AL-6A01WC-120 Datasheet
231Kb / 6P
   All dimensions are in millimeters
2009/9/11
logo
Projects Unlimited, Inc...
SMT-0824-TW-5V-R PUI-SMT-0824-TW-5V-R Datasheet
156Kb / 1P
   ALL DIMENSIONS ARE IN MILLIMETERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com