Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PMDPB70XP Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PMDPB70XP
Description  30 V, dual P-channel Trench MOSFET
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PMDPB70XP Datasheet(HTML) 2 Page - NXP Semiconductors

  PMDPB70XP_15 Datasheet HTML 1Page - NXP Semiconductors PMDPB70XP_15 Datasheet HTML 2Page - NXP Semiconductors PMDPB70XP_15 Datasheet HTML 3Page - NXP Semiconductors PMDPB70XP_15 Datasheet HTML 4Page - NXP Semiconductors PMDPB70XP_15 Datasheet HTML 5Page - NXP Semiconductors PMDPB70XP_15 Datasheet HTML 6Page - NXP Semiconductors PMDPB70XP_15 Datasheet HTML 7Page - NXP Semiconductors PMDPB70XP_15 Datasheet HTML 8Page - NXP Semiconductors PMDPB70XP_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
PMDPB70XP
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 1 — 9 March 2012
2 of 15
NXP Semiconductors
PMDPB70XP
30 V, dual P-channel Trench MOSFET
2. Pinning information
3. Ordering information
4. Marking
Table 2.
Pinning information
Pin
Symbol Description
Simplified outline
Graphic symbol
1S1
source TR1
SOT1118 (HUSON6)
2
G1
gate TR1
3D2
drain TR2
4S2
source TR2
5
G2
gate TR2
6D1
drain TR1
7D1
drain TR1
8D2
drain TR2
Transparent top view
6
78
54
123
S1
D1
G1
S2
017aaa258
D2
G2
Table 3.
Ordering information
Type number
Package
Name
Description
Version
PMDPB70XP
HUSON6
plastic thermal enhanced ultra thin small outline package; no
leads; 6 terminals
SOT1118
Table 4.
Marking codes
Type number
Marking code
PMDPB70XP
1H


Similar Part No. - PMDPB70XP_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMDPB70XPE PHILIPS-PMDPB70XPE Datasheet
822Kb / 15P
   20 V dual P-channel Trench MOSFET
Rev. 1-20 June 2012
logo
Nexperia B.V. All right...
PMDPB70XPE NEXPERIA-PMDPB70XPE Datasheet
1Mb / 15P
   20 V dual P-channel Trench MOSFET
Rev. 1 - 20 June 2012
logo
NXP Semiconductors
PMDPB70XPE PHILIPS-PMDPB70XPE_15 Datasheet
822Kb / 15P
   20 V dual P-channel Trench MOSFET
Rev. 1-20 June 2012
More results

Similar Description - PMDPB70XP_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMDXB1200UPE PHILIPS-PMDXB1200UPE_15 Datasheet
242Kb / 15P
   30 V, dual P-channel Trench MOSFET
25 March 2015
logo
Nexperia B.V. All right...
PMDXB1200UPE NEXPERIA-PMDXB1200UPE Datasheet
724Kb / 15P
   30 V, dual P-channel Trench MOSFET
PMDPB70XP NEXPERIA-PMDPB70XP Datasheet
1Mb / 15P
   30 V, dual P-channel Trench MOSFET
Rev. 1 - 9 March 2012
logo
NXP Semiconductors
PMDPB70XP NXP-PMDPB70XP Datasheet
845Kb / 15P
   30 V, dual P-channel Trench MOSFET
Rev. 1-9 March 2012
logo
Nexperia B.V. All right...
PMN70EPE NEXPERIA-PMN70EPE Datasheet
271Kb / 15P
   30 V, P-channel Trench MOSFET
PMV35EPE NEXPERIA-PMV35EPE Datasheet
730Kb / 15P
   30 V, P-channel Trench MOSFET
PMZ1200UPE NEXPERIA-PMZ1200UPE Datasheet
710Kb / 15P
   30 V, P-channel Trench MOSFET
PMPB17EP NEXPERIA-PMPB17EP Datasheet
305Kb / 14P
   30 V, P-channel Trench MOSFET
26 January 2022
PMPB12R5EP NEXPERIA-PMPB12R5EP Datasheet
316Kb / 14P
   30 V, P-channel Trench MOSFET
1 March 2021
PMPB16EP NEXPERIA-PMPB16EP Datasheet
313Kb / 14P
   30 V, P-channel Trench MOSFET
24 September 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com