Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PESD5V0V2BMB Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PESD5V0V2BMB
Description  Very low capacitance bidirectional ESD protection diodes
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PESD5V0V2BMB Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PESD5V0V2BMB_15 Datasheet HTML 3Page - NXP Semiconductors PESD5V0V2BMB_15 Datasheet HTML 4Page - NXP Semiconductors PESD5V0V2BMB_15 Datasheet HTML 5Page - NXP Semiconductors PESD5V0V2BMB_15 Datasheet HTML 6Page - NXP Semiconductors PESD5V0V2BMB_15 Datasheet HTML 7Page - NXP Semiconductors PESD5V0V2BMB_15 Datasheet HTML 8Page - NXP Semiconductors PESD5V0V2BMB_15 Datasheet HTML 9Page - NXP Semiconductors PESD5V0V2BMB_15 Datasheet HTML 10Page - NXP Semiconductors PESD5V0V2BMB_15 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
NXP Semiconductors
PESD5V0V2BMB
Very low capacitance bidirectional ESD protection diodes
PESD5V0V2BMB
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved
Product data sheet
17 August 2015
7 / 12
12. Package outline
References
Outline
version
European
projection
Issue date
IEC
JEDEC
JEITA
SOT883B
sot883b_po
11-11-02
12-01-03
Unit
mm
max
nom
min
0.40
0.37
0.34
0.04
0.55
0.50
0.47
0.65
0.60
0.55
1.05
1.00
0.95
0.65
0.30
0.25
0.22
A(1)
Dimensions
Note
1. Including plating thickness
Leadless ultra small plastic package; 3 solder lands; body 1.0 x 0.6 x 0.37 mm
SOT883B
A1
b
0.20
0.15
0.12
b1
D
E
e
0.35
e1
L
0.30
0.25
0.22
L1
scale
L (2x)
E
2
3
1
b (2x)
b1
A1
A
D
L1
0
0.5
1 mm
e1
e
Fig. 12. Package outline DFN1006B-3 (SOT883B)


Similar Part No. - PESD5V0V2BMB_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PESD5V0V2BMB-Q NEXPERIA-PESD5V0V2BMB-Q Datasheet
265Kb / 12P
   Very low capacitance bidirectional ESD protection diodes
4 October 2022
More results

Similar Description - PESD5V0V2BMB_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PESD5V0V1BA NEXPERIA-PESD5V0V1BA_V01 Datasheet
406Kb / 15P
   Very low capacitance bidirectional ESD protection diodes
Rev. 2 - 9 November 2012
logo
NXP Semiconductors
PESD5V0V1BA PHILIPS-PESD5V0V1BA_15 Datasheet
272Kb / 14P
   Very low capacitance bidirectional ESD protection diodes
Rev. 2-9 November 2012
logo
Nexperia B.V. All right...
PESD5V0V2BM NEXPERIA-PESD5V0V2BM Datasheet
701Kb / 12P
   Very low capacitance bidirectional ESD protection diodes
PESD5V0V2BMB NEXPERIA-PESD5V0V2BMB Datasheet
701Kb / 12P
   Very low capacitance bidirectional ESD protection diodes
PESD5V0V2BMB-Q NEXPERIA-PESD5V0V2BMB-Q Datasheet
265Kb / 12P
   Very low capacitance bidirectional ESD protection diodes
4 October 2022
logo
NXP Semiconductors
PESD5V0V2BM PHILIPS-PESD5V0V2BM_15 Datasheet
218Kb / 12P
   Very low capacitance bidirectional ESD protection diodes
14 August 2015
PESD5V0V1BA NXP-PESD5V0V1BA Datasheet
127Kb / 13P
   Very low capacitance bidirectional ESD protection diodes
Rev. 01-28 July 2009
logo
Nexperia B.V. All right...
PESD5V0S1BA NEXPERIA-PESD5V0S1BA_V01 Datasheet
639Kb / 15P
   Low capacitance bidirectional ESD protection diodes
Rev. 04 - 20 August 2009
PESD5V0V1BLD-Q NEXPERIA-PESD5V0V1BLD-Q Datasheet
263Kb / 12P
   Very low capacitance bidirectional ESD protection diode
31 May 2022
PESD4V0X1BESF NEXPERIA-PESD4V0X1BESF Datasheet
206Kb / 10P
   Very low capacitance bidirectional ESD protection diode
2 March 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com