Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

4VAC13CW3 Datasheet(PDF) 3 Page - HB Electronic Components

Part No. 4VAC13CW3
Description  High radiometric power per LED
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HB [HB Electronic Components]
Direct Link  http://www.hebeiltd.com.cn
Logo HB - HB Electronic Components

4VAC13CW3 Datasheet(HTML) 3 Page - HB Electronic Components

  4VAC13CW3 Datasheet HTML 1Page - HB Electronic Components 4VAC13CW3 Datasheet HTML 2Page - HB Electronic Components 4VAC13CW3 Datasheet HTML 3Page - HB Electronic Components 4VAC13CW3 Datasheet HTML 4Page - HB Electronic Components 4VAC13CW3 Datasheet HTML 5Page - HB Electronic Components 4VAC13CW3 Datasheet HTML 6Page - HB Electronic Components 4VAC13CW3 Datasheet HTML 7Page - HB Electronic Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Part No.:
Electrical and optical characteristics (Ta = 25℃)
Value
Parameter
Symbol
Test
Condition
Min.
Typ.
Max.
Unit
Forward Voltage
VF
12.8
V
Luminous Flux
Φv
360
----
lm
Viewing Angle
2θ1/2
----
120
----
Deg.
Color Temperature
CCT
IF = 350mA
2500
-----
3500
K
Thermal Resistance
Rj
-----
5
℃/W
Luminous Flux Bins(Ta = 25℃)
Unit: lm
Bin
V
W
X
Y
Min
280
320
360
400
Max
320
360
400
450
Chromaticity Coordinates Ranks(IF=350mA
Ta=25℃)
Bin
X1
Y1
X2
Y2
X3
Y3
X4
Y4
WE1
0.4805
0.4306
0.4751
0.4215
0.4835
0.4235
0.4892
0.4327
WE2
0.4751
0.4215
0.4696
0.4123
0.4777
0.4143
0.4835
0.4235
WE3
0.4696
0.4123
0.4642
0.4032
0.4720
0.4051
0.4777
0.4143
WE4
0.4642
0.4032
0.4587
0.3940
0.4662
0.3959
0.4720
0.4051
WF1
0.4719
0.4286
0.4668
0.4195
0.4751
0.4215
0.4805
0.4306
WF2
0.4668
0.4195
0.4616
0.4103
0.4696
0.4123
0.4751
0.4215
WF3
0.4616
0.4103
0.4564
0.4012
0.4642
0.4032
0.4696
0.4123
WF4
0.4564
0.4012
0.4512
0.3921
0.4587
0.3940
0.4642
0.4032
WG1
0.4632
0.4264
0.4583
0.4174
0.4668
0.4195
0.4719
0.4286
WG2
0.4583
0.4174
0.4535
0.4083
0.4616
0.4103
0.4668
0.4195
WG3
0.4535
0.4083
0.4486
0.3993
0.4564
0.4012
0.4616
0.4103
WG4
0.4486
0.3993
0.4438
0.3903
0.4512
0.3921
0.4564
0.4012
WH1
0.4546
0.4244
0.4500
0.4154
0.4583
0.4174
0.4632
0.4264
WH2
0.4500
0.4154
0.4454
0.4064
0.4535
0.4083
0.4583
0.4174
WH3
0.4454
0.4064
0.4408
0.3973
0.4486
0.3993
0.4535
0.4083
WH4
0.4408
0.3973
0.4363
0.3884
0.4438
0.3903
0.4486
0.3993
WI1
0.4459
0.4223
0.4417
0.4134
0.4500
0.4154
0.4546
0.4244
WI2
0.4417
0.4134
0.4373
0.4044
0.4454
0.4064
0.4500
0.4154
WI3
0.4373
0.4044
0.4330
0.3954
0.4408
0.3973
0.4454
0.4064
WI4
0.4330
0.3954
0.4288
0.3865
0.4363
0.3884
0.4408
0.3973
WJ1
0.4387
0.4194
0.4347
0.4106
0.4417
0.4134
0.4459
0.4223
SPECIFICATION
Hebei I.T. (Shanghai) Co., Lt d.
Page 3 of 7
Rev:B/3
www.ledz.com
4V AC1 3CW3


Similar Part No. - 4VAC13CW3

ManufacturerPart No.DatasheetDescription
HB Electronic Components
HB Electronic Component...
4VAC13CW6 HB-4VAC13CW6 Datasheet
790Kb / 6P
   High radiometric power per LED
More results

Similar Description - 4VAC13CW3

ManufacturerPart No.DatasheetDescription
HB Electronic Components
HB Electronic Component...
3VAC9CW6 HB-3VAC9CW6 Datasheet
109Kb / 3P
   High radiometric power per LED
SR12N3W3C HB-SR12N3W3C Datasheet
636Kb / 7P
   High radiometric power per LED
3VAC9CW3 HB-3VAC9CW3 Datasheet
105Kb / 3P
   High radiometric power per LED
RG3N7W6-750MA HB-RG3N7W6-750MA Datasheet
383Kb / 6P
   High radiometric power per LED
SG7N50W6-1500MA HB-SG7N50W6-1500MA Datasheet
200Kb / 6P
   High radiometric power per LED
SS12N7W6C HB-SS12N7W6C Datasheet
772Kb / 6P
   High radiometric power per LED
SS12N8W6C HB-SS12N8W6C Datasheet
792Kb / 6P
   High radiometric power per LED
LM-W6-60X10-1W HB-LM-W6-60X10-1W Datasheet
349Kb / 6P
   High radiometric power per LED
SS12N8W3C HB-SS12N8W3C Datasheet
898Kb / 7P
   High radiometric power per LED
RG3N20W6-700MA HB-RG3N20W6-700MA Datasheet
910Kb / 8P
   High radiometric power per LED
More results


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz