Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

4VAC13CW3 Datasheet(PDF) 6 Page - HB Electronic Components

Part No. 4VAC13CW3
Description  High radiometric power per LED
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HB [HB Electronic Components]
Direct Link  http://www.hebeiltd.com.cn
Logo HB - HB Electronic Components

4VAC13CW3 Datasheet(HTML) 6 Page - HB Electronic Components

  4VAC13CW3 Datasheet HTML 1Page - HB Electronic Components 4VAC13CW3 Datasheet HTML 2Page - HB Electronic Components 4VAC13CW3 Datasheet HTML 3Page - HB Electronic Components 4VAC13CW3 Datasheet HTML 4Page - HB Electronic Components 4VAC13CW3 Datasheet HTML 5Page - HB Electronic Components 4VAC13CW3 Datasheet HTML 6Page - HB Electronic Components 4VAC13CW3 Datasheet HTML 7Page - HB Electronic Components  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Part No.:
Typical electrical/optical characteristic curves
TJ=25
OC
Warm White
0.8
0.6
0.2
0.4
600
500 550
450
400
Wavelength λ(nm)
0.0
350
1.0
650
850
800
750
700
Standard Eye
Response Cruve
Warm
White
Typical electrical/optical characteristic curves:
Fig.4 Relative Intensity Vs. Am bient Temperature
-20
2.5
2.0
40
60
90
80
1.5
1.0
0.5
0
20
0
-40
Ambient Temperature TA ( )
Fig.3 Forward Current Vs Ambien t Temperature
Fig.2 Relative Intensity Vs Forw ard Current (mA)
3
2.0
500
400
Fig.1 Forward Current(mA) Vs. F orward Voltage(V)
1.2
0.8
0
0.4
IF-Forward Current (mA)
0200
100
18.0
12
15
300
400
500
300
200
100
0
500
9
6.0
Forward Voltage(V)
100
60
80
40
300
100
0
200
20
0
Ambient Temperature TA ( )
400
1.6
SPECIFICATION
Hebei I.T. (Shanghai) Co., Lt d.
Page 6 of 7
Rev:B/3
www.ledz.com
4V AC1 3CW3


Similar Part No. - 4VAC13CW3

ManufacturerPart No.DatasheetDescription
HB Electronic Components
HB Electronic Component...
4VAC13CW6 HB-4VAC13CW6 Datasheet
790Kb / 6P
   High radiometric power per LED
More results

Similar Description - 4VAC13CW3

ManufacturerPart No.DatasheetDescription
HB Electronic Components
HB Electronic Component...
3VAC9CW6 HB-3VAC9CW6 Datasheet
109Kb / 3P
   High radiometric power per LED
SR12N3W3C HB-SR12N3W3C Datasheet
636Kb / 7P
   High radiometric power per LED
3VAC9CW3 HB-3VAC9CW3 Datasheet
105Kb / 3P
   High radiometric power per LED
RG3N7W6-750MA HB-RG3N7W6-750MA Datasheet
383Kb / 6P
   High radiometric power per LED
SG7N50W6-1500MA HB-SG7N50W6-1500MA Datasheet
200Kb / 6P
   High radiometric power per LED
SS12N7W6C HB-SS12N7W6C Datasheet
772Kb / 6P
   High radiometric power per LED
SS12N8W6C HB-SS12N8W6C Datasheet
792Kb / 6P
   High radiometric power per LED
LM-W6-60X10-1W HB-LM-W6-60X10-1W Datasheet
349Kb / 6P
   High radiometric power per LED
SS12N8W3C HB-SS12N8W3C Datasheet
898Kb / 7P
   High radiometric power per LED
RG3N20W6-700MA HB-RG3N20W6-700MA Datasheet
910Kb / 8P
   High radiometric power per LED
More results


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz