Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CHR3693-99F Datasheet(PDF) 4 Page - United Monolithic Semiconductors

Part # CHR3693-99F
Description  21-26.5GHz Integrated Down converter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHR3693-99F Datasheet(HTML) 4 Page - United Monolithic Semiconductors

  CHR3693-99F_15 Datasheet HTML 1Page - United Monolithic Semiconductors CHR3693-99F_15 Datasheet HTML 2Page - United Monolithic Semiconductors CHR3693-99F_15 Datasheet HTML 3Page - United Monolithic Semiconductors CHR3693-99F_15 Datasheet HTML 4Page - United Monolithic Semiconductors CHR3693-99F_15 Datasheet HTML 5Page - United Monolithic Semiconductors CHR3693-99F_15 Datasheet HTML 6Page - United Monolithic Semiconductors CHR3693-99F_15 Datasheet HTML 7Page - United Monolithic Semiconductors CHR3693-99F_15 Datasheet HTML 8Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
CHR3693-99F
21-26.5GHz Integrated Down
converter
Ref. : DSCHR36931192 - 11 Jul 11
4/8
Specifications subject to change without notice
Route Départementale 128, BP46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0) 1 69 33 03 08 - Fax: +33 (0) 1 69 33 03 09
Typical on wafer Measurements
Tamb=25°C, Vdx=Vdl=4V, Typical Vgx=-0.9V & Vgm=-0.7V


Similar Part No. - CHR3693-99F_15

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHR3693-99F00 UMS-CHR3693-99F00 Datasheet
449Kb / 8P
   21-26.5GHz Integrated Down converter
More results

Similar Description - CHR3693-99F_15

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHR3693-99F UMS-CHR3693-99F Datasheet
449Kb / 8P
   21-26.5GHz Integrated Down converter
CHR3693-QDG UMS-CHR3693-QDG_12 Datasheet
581Kb / 14P
   21-26.5GHz Integrated Down converter
CHR3693-QDG UMS-CHR3693-QDG_15 Datasheet
592Kb / 14P
   21-26.5GHz Integrated Down converter
CHR3693 UMS-CHR3693 Datasheet
254Kb / 6P
   21-26.5GHz Integrated Down converter
CHR3693-QDG UMS-CHR3693-QDG Datasheet
904Kb / 10P
   21-26.5GHz Down converter
CHA5197A UMS-CHA5197A Datasheet
287Kb / 6P
   21-26.5GHz Medium Power Amplifier
CHR3764-QEG UMS-CHR3764-QEG_15 Datasheet
537Kb / 18P
   21-27GHz Down-Converter
CHR3764-QEG UMS-CHR3764-QEG Datasheet
526Kb / 18P
   21-27GHz Down-Converter
CHR3694-QDG UMS-CHR3694-QDG Datasheet
363Kb / 18P
   37-40GHz Integrated Down converter 37-40GHz Integrated Down converter
CHR2291 UMS-CHR2291 Datasheet
121Kb / 6P
   12-17GHz Integrated Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com