Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRV8824-Q1 Datasheet(PDF) 4 Page - Texas Instruments

Part # DRV8824-Q1
Description  DRV8824-Q1 Automotive Motor Controller IC
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV8824-Q1 Datasheet(HTML) 4 Page - Texas Instruments

  DRV8824-Q1_15 Datasheet HTML 1Page - Texas Instruments DRV8824-Q1_15 Datasheet HTML 2Page - Texas Instruments DRV8824-Q1_15 Datasheet HTML 3Page - Texas Instruments DRV8824-Q1_15 Datasheet HTML 4Page - Texas Instruments DRV8824-Q1_15 Datasheet HTML 5Page - Texas Instruments DRV8824-Q1_15 Datasheet HTML 6Page - Texas Instruments DRV8824-Q1_15 Datasheet HTML 7Page - Texas Instruments DRV8824-Q1_15 Datasheet HTML 8Page - Texas Instruments DRV8824-Q1_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
DRV8824-Q1
SLVSCH0 – APRIL 2014
www.ti.com
Terminal Functions (continued)
EXTERNAL COMPONENTS
NAME
TERMINAL
I/O
DESCRIPTION
OR CONNECTIONS
OUTPUT
ISENA
6
IO
Bridge A ground / Isense
Connect to current sense resistor for bridge A.
ISENB
9
IO
Bridge B ground / Isense
Connect to current sense resistor for bridge B.
AOUT1
5
O
Bridge A output 1
Connect to bipolar stepper motor winding A.
Positive current is AOUT1
→ AOUT2
AOUT2
7
O
Bridge A output 2
BOUT1
10
O
Bridge B output 1
Connect to bipolar stepper motor winding B.
Positive current is BOUT1
→ BOUT2
BOUT2
8
O
Bridge B output 2
7 Specifications
7.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1) (2)
VALUE
UNIT
VMx
Power supply voltage range
–0.3 to 47
V
Digital terminal voltage range
–0.5 to 7
V
VREF
Input voltage
–0.3 to 4
V
ISENSEx terminal voltage
–0.3 to 0.8
V
Peak motor drive output current, t < 1
μS
Internally limited
A
Continuous motor drive output current(3)
1.6
A
Continuous total power dissipation
See Thermal Information table
TJ
Operating virtual junction temperature range
–40 to 150
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute maximum rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to network ground terminal.
(3)
Power dissipation and thermal limits must be observed.
7.2 Handling Ratings
MIN
MAX
UNIT
Tstg
Storage temperature range
–60
150
°C
HBD (human body model), AEC-Q100 Classification H2
2000
VESD
V
CDM (charged device model), AEC-Q100 Classification C4B
750
7.3 Recommended Operating Conditions
MIN
NOM
MAX
UNIT
VM
Motor power supply voltage(1)
8.2
45
V
VREF
VREF input voltage(2)
1
3.5
V
IV3P3
V3P3OUT load current
1
mA
(1)
All VM terminals must be connected to the same supply voltage.
(2)
Operational at VREF between 0 V and 1 V, but accuracy is degraded.
4
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated


Similar Part No. - DRV8824-Q1_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8824-Q1 TI1-DRV8824-Q1 Datasheet
1Mb / 35P
[Old version datasheet]   Stepper Motor Controller IC
DRV8824-Q1 TI1-DRV8824-Q1 Datasheet
1Mb / 30P
[Old version datasheet]   Automotive Motor Controller IC
More results

Similar Description - DRV8824-Q1_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8824 TI-DRV8824_15 Datasheet
1Mb / 35P
[Old version datasheet]   DRV8824 Stepper Motor Controller IC
DRV8824 TI1-DRV8824_14 Datasheet
1Mb / 36P
[Old version datasheet]   DRV8824 Stepper Motor Controller IC
DRV8824-Q1 TI1-DRV8824-Q1 Datasheet
1Mb / 30P
[Old version datasheet]   Automotive Motor Controller IC
DRV8802-Q1 TI-DRV8802-Q1_15 Datasheet
978Kb / 26P
[Old version datasheet]   DRV8802-Q1 Automotive DC Motor-Driver IC
DLPC230S-Q1 TI1-DLPC230S-Q1_V01 Datasheet
3Mb / 75P
[Old version datasheet]   DLPC23xS-Q1 Automotive DMD Controller
REVISED AUGUST 2023
DRV3201-Q1 TI1-DRV3201-Q1_16 Datasheet
3Mb / 60P
[Old version datasheet]   DRV3201-Q1 3 Phase Motor Driver-IC for Automotive Safety Applications
DLPC230-Q1 TI1-DLPC230-Q1_V01 Datasheet
3Mb / 75P
[Old version datasheet]   DLPC23x-Q1 Automotive DMD Controller
REVISED AUGUST 2023
DRV8811 TI-DRV8811 Datasheet
862Kb / 19P
[Old version datasheet]   STEPPER MOTOR CONTROLLER IC
DRV8818 TI1-DRV8818_12 Datasheet
714Kb / 20P
[Old version datasheet]   STEPPER MOTOR CONTROLLER IC
DRV8818 TI-DRV8818 Datasheet
748Kb / 20P
[Old version datasheet]   STEPPER MOTOR CONTROLLER IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com